Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT49R50A-1 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT49R50A-1
Description  LCD Type 8-Bit MCU
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49R50A-1 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT49R50A-1 Datasheet HTML 1Page - Holtek Semiconductor Inc HT49R50A-1 Datasheet HTML 2Page - Holtek Semiconductor Inc HT49R50A-1 Datasheet HTML 3Page - Holtek Semiconductor Inc HT49R50A-1 Datasheet HTML 4Page - Holtek Semiconductor Inc HT49R50A-1 Datasheet HTML 5Page - Holtek Semiconductor Inc HT49R50A-1 Datasheet HTML 6Page - Holtek Semiconductor Inc HT49R50A-1 Datasheet HTML 7Page - Holtek Semiconductor Inc HT49R50A-1 Datasheet HTML 8Page - Holtek Semiconductor Inc HT49R50A-1 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
Pin Description
Pin Name
I/O
Options
Description
PA0/BZ
PA1/BZ
PA2
PA3/PFD
PA4~PA7
I/O
Wake-up
Pull-high or None
CMOS or NMOS
PA0~PA7 constitute an 8-bit bidirectional input/output port with Schmitt trig-
ger input capability. Each pin on port can be configured as wake-up input by
options. PA0~PA3 can be configured as CMOS output or NMOS input/out-
put with or without pull-high resistor by options. PA4~PA7 are always
pull-high NMOS input/output. Of the eight bits, PA0~PA1 can be set as I/O
pins or buzzer outputs by options. PA3 can be set as an I/O pin or as a PFD
output also by options.
PB0/INT0
PB1/INT1
PB2/TMR0
PB3/TMR1
PB4~PB7
I
¾
PB0~PB7 constitute an 8-bit Schmitt trigger input port. Each pin on port are
with pull-high resistor. Of the eight bits, PB0 and PB1 can be set as input
pins or as external interrupt control pins (INT0) and (INT1) respectively, by
software application. PB2 and PB3 can be set as input pin or as timer/event
counter input pin TMR0 and TMR1 also by software application.
PC0~PC3
I/O
Pull-high or None
CMOS or NMOS
PC0~PC3 constitute a 4-bit bidirectional input/output port with Schmitt trig-
ger input capability. On the port, such can be configured as CMOS output or
NMOS input/output with or without pull-high resistor by options.
V2
I
¾
Voltage pump for HT49R50A-1/HT49C50-1.
LCD power supply for HT49C50L.
VLCD
I
¾
LCD power supply for HT49R50A-1/HT49C50-1.
Voltage pump for HT49C50L.
V1, C1, C2
I
¾
Voltage pump
COM0~COM2
COM3/SEG32
O
1/2, 1/3or1/4
Duty
SEG32 can be set as a segment or as a common output driver for LCD
panel by options. COM0~COM2 are outputs for LCD panel plate.
SEG0~SEG31
O
¾
LCD driver outputs for LCD panel segments
OSC1
OSC2
I
O
Crystal or RC
OSC1 and OSC2 are connected to an RC network or a crystal (by options)
for the internal system clock. In the case of RC operation, OSC2 is the out-
put terminal for 1/4 system clock.
The system clock may come from the RTC oscillator. If the system clock co-
mes from RTCOSC, these two pins can be floating.
OSC3
OSC4
I
O
RTC or
System Clock
Real time clock oscillators. OSC3 and OSC4 are connected to a 32768Hz
crystal oscillator for timing purposes or to a system clock source (depend-
ing on the options).
No built-in capacitor
RES
I
¾
Schmitt trigger reset input, active low.
VSS
¾¾
Negative power supply, ground
VDD
¾¾
Positive power supply
Absolute Maximum Ratings
Supply Voltage..........................VSS
-0.3V to VSS+6.0V*
Supply Voltage ........................VSS
-0.3V to VSS+2.5V**
Storage Temperature ............................
-50°Cto125°C
Input Voltage..............................VSS
-0.3V to VDD+0.3V
Operating Temperature ...........................
-40°Cto85°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil-
ity.
²*² For HT49R50A-1/HT49C50-1
²**² For HT49C50L
HT49R50A-1/HT49C50-1/HT49C50L
Rev. 2.10
4
April 24, 2006


Similar Part No. - HT49R50A-1

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT49R50A-1 HOLTEK-HT49R50A-1 Datasheet
286Kb / 44P
   LCD Type 8-Bit MCU
HT49R50A-1 HOLTEK-HT49R50A-1_09 Datasheet
286Kb / 44P
   LCD Type 8-Bit MCU
HT49R50A-1 HOLTEK-HT49R50A-1_12 Datasheet
302Kb / 44P
   LCD Type 8-Bit MCU
More results

Similar Description - HT49R50A-1

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT49R30A-1 HOLTEK-HT49R30A-1_12 Datasheet
270Kb / 41P
   LCD Type 8-Bit MCU
HT49R70A-1 HOLTEK-HT49R70A-1 Datasheet
326Kb / 42P
   LCD Type 8-Bit MCU
HT49RU80 HOLTEK-HT49RU80_12 Datasheet
376Kb / 54P
   LCD Type 8-Bit MCU
HT49R10A-1 HOLTEK-HT49R10A-1_09 Datasheet
239Kb / 37P
   LCD Type 8-Bit MCU
HT49R50A-1 HOLTEK-HT49R50A-1_09 Datasheet
286Kb / 44P
   LCD Type 8-Bit MCU
HT49R70A-1 HOLTEK-HT49R70A-1_09 Datasheet
280Kb / 44P
   LCD Type 8-Bit MCU
HT49R10A-1 HOLTEK-HT49R10A-1_12 Datasheet
258Kb / 38P
   LCD Type 8-Bit MCU
HT49RU80 HOLTEK-HT49RU80 Datasheet
355Kb / 54P
   LCD Type 8-Bit MCU
HT49R10A-1 HOLTEK-HT49R10A-1 Datasheet
259Kb / 38P
   LCD Type 8-Bit MCU
HT49R30 HOLTEK-HT49R30 Datasheet
353Kb / 43P
   8-Bit LCD Type MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com