Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT49C70L Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT49C70L
Description  LCD Type 8-Bit MCU
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49C70L Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT49C70L Datasheet HTML 1Page - Holtek Semiconductor Inc HT49C70L Datasheet HTML 2Page - Holtek Semiconductor Inc HT49C70L Datasheet HTML 3Page - Holtek Semiconductor Inc HT49C70L Datasheet HTML 4Page - Holtek Semiconductor Inc HT49C70L Datasheet HTML 5Page - Holtek Semiconductor Inc HT49C70L Datasheet HTML 6Page - Holtek Semiconductor Inc HT49C70L Datasheet HTML 7Page - Holtek Semiconductor Inc HT49C70L Datasheet HTML 8Page - Holtek Semiconductor Inc HT49C70L Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
HT49R70A-1/HT49C70-1/HT49C70L
LCD Type 8-Bit MCU
Rev. 2.00
1
April 24, 2006
Features
· Operating voltage:
fSYS=4MHz: 2.2V~5.5V for HT49R70A-1/HT49C70-1
fSYS=8MHz: 3.3V~5.5V for HT49R70A-1/HT49C70-1
fSYS=500kHz: 1.2V~2.2V for HT49C70L
· 8 input lines
· 16 bidirectional I/O lines
· Two external interrupt input
· One 8-bit and one 16-bit programmable timer/event
counter with PFD (programmable frequency divider)
function
· LCD driver with 41´2, 41´3or40´4 segments
· 8K´16 program memory
· 224´8 data memory RAM
· Real Time Clock (RTC)
· 8-bit prescaler for RTC
· Watchdog Timer
· Buzzer output
· On-chip crystal, RC and 32768Hz crystal oscillator
· HALT function and wake-up feature reduce power
consumption
· 16-level subroutine nesting
· Bit manipulation instruction
· 16-bit table read instruction
· Up to 0.5ms instruction cycle with 8MHz system clock
for HT49R70A-1/HT49C70-1
· Up to 8ms instruction cycle with 500kHz system clock
for HT49C70L
· 63 powerful instructions
· All instructions in 1 or 2 machine cycles
· Low voltage reset/detector functions for
HT49R70A-1/HT49C70-1
· 100-pin QFP package
General Description
The HT49R70A-1/HT49C70-1/HT49C70L are 8-bit,
high performance, RISC architecture microcontroller
devices specifically designed for a wide range of LCD
applications. The mask version HT49C70-1 and
HT49C70L are fully pin and functionally compatible with
the OTP version HT49R70A-1 device. The HT49C70L
is a low voltage version, with the ability to operate at a
minimum power supply of 1.2V, making it suitable for
single cell battery applications.
The advantages of low power consumption, I/O flexibil-
ity, programmable frequency divider, timer functions,
oscillator options, HALT and wake-up functions and
buzzer driver in addition to a flexible and configurable
LCD interface, enhance the versatility of these devices
to control a wide range of LCD-based application possi-
bilities such as measuring scales, electronic multi-
meters, gas meters, timers, calculators, remote
controllers and many other LCD-based industrial and
home appliance applications.
Technical Document
· Tools Information
· FAQs
· Application Note
- HA0017E Controlling the Read/Write Function of the HT24 Series EEPROM Using the HT49 Series MCUs
- HA0024E Using the RTC in the HT49 MCU Series
- HA0025E Using the Time Base in the HT49 MCU Series
- HA0026E Using the I/O Ports on the HT49 MCU Series
- HA0027E Using the Timer/Event Counter in the HT49 MCU Series


Similar Part No. - HT49C70L

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT49C70L HOLTEK-HT49C70L Datasheet
280Kb / 44P
   LCD Type 8-Bit MCU
HT49C70L HOLTEK-HT49C70L_12 Datasheet
294Kb / 44P
   LCD Type 8-Bit MCU
More results

Similar Description - HT49C70L

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT49R30A-1 HOLTEK-HT49R30A-1_12 Datasheet
270Kb / 41P
   LCD Type 8-Bit MCU
HT49R50A-1 HOLTEK-HT49R50A-1 Datasheet
345Kb / 45P
   LCD Type 8-Bit MCU
HT49RU80 HOLTEK-HT49RU80_12 Datasheet
376Kb / 54P
   LCD Type 8-Bit MCU
HT49R10A-1 HOLTEK-HT49R10A-1_09 Datasheet
239Kb / 37P
   LCD Type 8-Bit MCU
HT49R50A-1 HOLTEK-HT49R50A-1_09 Datasheet
286Kb / 44P
   LCD Type 8-Bit MCU
HT49R70A-1 HOLTEK-HT49R70A-1_09 Datasheet
280Kb / 44P
   LCD Type 8-Bit MCU
HT49R10A-1 HOLTEK-HT49R10A-1_12 Datasheet
258Kb / 38P
   LCD Type 8-Bit MCU
HT49RU80 HOLTEK-HT49RU80 Datasheet
355Kb / 54P
   LCD Type 8-Bit MCU
HT49R10A-1 HOLTEK-HT49R10A-1 Datasheet
259Kb / 38P
   LCD Type 8-Bit MCU
HT49R30 HOLTEK-HT49R30 Datasheet
353Kb / 43P
   8-Bit LCD Type MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com