Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI2108-X-FM Datasheet(PDF) 4 Page - Silicon Laboratories

Part # SI2108-X-FM
Description  SATELLITE RECEIVER FOR DVB-S/DSS
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI2108-X-FM Datasheet(HTML) 4 Page - Silicon Laboratories

  SI2108-X-FM Datasheet HTML 1Page - Silicon Laboratories SI2108-X-FM Datasheet HTML 2Page - Silicon Laboratories SI2108-X-FM Datasheet HTML 3Page - Silicon Laboratories SI2108-X-FM Datasheet HTML 4Page - Silicon Laboratories SI2108-X-FM Datasheet HTML 5Page - Silicon Laboratories SI2108-X-FM Datasheet HTML 6Page - Silicon Laboratories SI2108-X-FM Datasheet HTML 7Page - Silicon Laboratories SI2108-X-FM Datasheet HTML 8Page - Silicon Laboratories SI2108-X-FM Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 80 page
background image
Si2107/08/09/10
4
Preliminary Rev. 0.7
1. Electrical Specifications
Table 1. Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Ambient temperature
TA
0—
70
°C
DC supply voltage, 3.3 V
V3.3
3.0
3.3
3.6
V
DC supply voltage, 1.8 V
V1.8
1.71
1.8
1.89
V
Note: All minimum and maximum specifications are guaranteed and apply across the recommended operating conditions.
Table 2. Absolute Maximum Ratings1, 2
Parameter
Symbol
Min
Max
Unit
DC supply voltage, 3.3 V
V3.3
–0.3
3.9
V
DC supply voltage, 1.8 V
V1.8
–0.3
2.19
V
Input voltage - pins 2, 3, 7, 9, 11
VIN
–0.3
V3.3 + 0.3
V
Input current - pins 2, 3, 7, 9, 11
IIN
–10
+10
mA
Operating ambient temperature
TOP
–10
+70
°C
Storage temperature
TSTG
–55
150
°C
RF input level
10
dBm
ESD protection - pins 39–40, 42–43
1
kV
ESD protection - pins 1–38, 41, 44
2
kV
Notes:
1. Permanent damage may occur if the absolute maximum ratings are exceeded. Functional operation should be
restricted to the conditions as specified in the operations sections of this data sheet. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
2. The Si2107/08/09/10 is a high-performance RF integrated circuit. Handling and assembly of these devices should
only be done at ESD-protected workstations.


Similar Part No. - SI2108-X-FM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI2108-X-FM SILABS-SI2108-X-FM Datasheet
1Mb / 94P
   SATELLITE RECEIVER FOR DVB-S/DSS WITH QUICKLOCK AND QUICKSCAN
More results

Similar Description - SI2108-X-FM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI2107 SILABS-SI2107_06 Datasheet
1Mb / 94P
   SATELLITE RECEIVER FOR DVB-S/DSS WITH QUICKLOCK AND QUICKSCAN
logo
Hynix Semiconductor
HDM8513A HYNIX-HDM8513A Datasheet
261Kb / 67P
   DVB/DSS Compliant Receiver
HDM8515 HYNIX-HDM8515 Datasheet
272Kb / 75P
   DVB/DSS Compliant Receiver
logo
NXP Semiconductors
TDA10085HT PHILIPS-TDA10085HT Datasheet
93Kb / 16P
   Single chip DVB-S/DSS channel receiver
2001 Aug 31
logo
Samsung semiconductor
S5H1420 SAMSUNG-S5H1420 Datasheet
849Kb / 31P
   Channel Decoder for DVB-S/DSS
logo
Intel Corporation
CE6313 INTEL-CE6313 Datasheet
466Kb / 24P
   DVB-S Satellite Demodulator
logo
List of Unclassifed Man...
PS20313 ETC2-PS20313 Datasheet
1Mb / 26P
   DVB-S Satellite Demodulator
logo
Silicon Laboratories
SI2166-B20 SILABS-SI2166-B20 Datasheet
55Kb / 2P
   DVB-S/S2 Satellite TV Demodulator
logo
Skyworks Solutions Inc.
SI2166-B22 SKYWORKS-SI2166-B22 Datasheet
176Kb / 2P
   DVB-S/S2 Satellite TV Demodulator
November 17, 2021
logo
Silicon Laboratories
SI2166-B22 SILABS-SI2166-B22 Datasheet
161Kb / 2P
   DVB-S/S2 Satellite TV Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com