Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

532HB622M080BGR Datasheet(PDF) 3 Page - Silicon Laboratories

Part # 532HB622M080BGR
Description  DUAL FREQUENCY XO (10 MHZ TO 1.4 GHZ)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

532HB622M080BGR Datasheet(HTML) 3 Page - Silicon Laboratories

  532HB622M080BGR Datasheet HTML 1Page - Silicon Laboratories 532HB622M080BGR Datasheet HTML 2Page - Silicon Laboratories 532HB622M080BGR Datasheet HTML 3Page - Silicon Laboratories 532HB622M080BGR Datasheet HTML 4Page - Silicon Laboratories 532HB622M080BGR Datasheet HTML 5Page - Silicon Laboratories 532HB622M080BGR Datasheet HTML 6Page - Silicon Laboratories 532HB622M080BGR Datasheet HTML 7Page - Silicon Laboratories 532HB622M080BGR Datasheet HTML 8Page - Silicon Laboratories 532HB622M080BGR Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Si532
Preliminary Rev. 0.3
3
CMOS Output Option
VOH
VOL
0.8xVDD
VDD
0.4
VCL =15pF
Rise/Fall time
1
350
ps
ns
CML/LVPECL/LVDS at 20% / 80%
CMOS with CL = 15 pF
Inputs
Voltage (VDD)
3.3 V option
2.5 V option
1.8 V option
2.97
2.25
1.71
3.3
2.5
1.8
3.63
2.75
1.89
V
Optional parameter specified by P/N
Current
Output enabled
TriState mode
90
60
mA
Frequency Select (FS)
VIH
VIL
0.75 x VDD
0
VDD
0.5
V
FS = “0” selects F0
FS = “1” selects F1
Output Enable
VIH
VIL
0.75 x VDD
VDD
0.5
V
Table 2. Absolute Maximum Ratings
Parameter
Symbol
Rating
Units
Supply Voltage
VDD
–0.5 to +3.8
V
Storage Temperature
TS
–55 to +125
°C
Table 1. Si532 Electrical Specifications (Continued)
Parameter
Min
Typ
Max
Units
Notes


Similar Part No. - 532HB622M080BGR

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
532 MARL-532 Datasheet
256Kb / 4P
   횠12.7mm mounting Product will operate over a wide voltage range
532-102-63 MARL-532-102-63 Datasheet
180Kb / 2P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
532-102-63 MARL-532-102-63 Datasheet
256Kb / 4P
   횠12.7mm mounting Product will operate over a wide voltage range
532-102-63 MARL-532-102-63 Datasheet
256Kb / 4P
   industrial panel lamps
532-102-6307 MARL-532-102-6307_15 Datasheet
256Kb / 4P
   Colour diffused lens
More results

Similar Description - 532HB622M080BGR

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI533 SILABS-SI533 Datasheet
225Kb / 12P
   DUAL FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
logo
Skyworks Solutions Inc.
SI533 SKYWORKS-SI533 Datasheet
488Kb / 12P
   DUAL-FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Rev. 1.4
SI532 SKYWORKS-SI532 Datasheet
487Kb / 12P
   DUAL FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Rev. 1.4
SI534 SKYWORKS-SI534 Datasheet
512Kb / 12P
   QUAD FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Rev. 1.4
logo
Silicon Laboratories
SI534 SILABS-SI534 Datasheet
197Kb / 10P
   CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
SI530 SILABS-SI530 Datasheet
183Kb / 10P
   CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
SI552 SILABS-SI552 Datasheet
186Kb / 8P
   DUAL FREQUENCY VCXO (10 MHZ TO 1.4 GHZ)
logo
Skyworks Solutions Inc.
SI570 SKYWORKS-SI570 Datasheet
639Kb / 36P
   10 MHZ TO 1.4 GHZ I2C PROGRAMMABLE XO/VCXO
Rev. 1.6
SI552 SKYWORKS-SI552 Datasheet
499Kb / 15P
   999900999789989DUAL FREQUENCY VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
REVISION D Rev. 1.2
SI554 SKYWORKS-SI554 Datasheet
517Kb / 15P
   QUAD FREQUENCY VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
REVISION D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com