Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI3101 Datasheet(PDF) 2 Page - Silicon Laboratories

Part # SI3101
Description  Broadband AND Voice Telephony Solutions
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3101 Datasheet(HTML) 2 Page - Silicon Laboratories

  SI3101 Datasheet HTML 1Page - Silicon Laboratories SI3101 Datasheet HTML 2Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V.90
Modem
Si2457
ADSL AFE
& Line Driver
Si3110
Voice
DSP
System
Processor
Ethernet
PHY
SDRAM
Flash
Memory
RJ11
RJ11
RJ45
SLIC/codec
Si3216
RJ11
SLIC/codec
Si3216
RJ11
RJ11
Si3050
FXO port (DAA)
Si3019
Si3050
FXO port (DAA)
Si3019
Silicon Laboratories Inc.
4635 Boston Lane • Austin, TX 78735
Phone: (512) 416-8500
Toll Free: (877)444-3032
Web site: www.silabs.com
ISOmodem, ProSLIC, Silicon Laboratories and the Silicon
Laboratories logo are trademarks of Silicon Laboratories Inc.
A, 5000, April 04, Rev B
CONT A CT INFORMA TION
Voice over ADSL Integrated Access Device (IAD)
Si3216 ProSLIC
The integrated SLIC, codec and
dc-dc converter provides a
globally-compliant, modular
telephony interface requiring only
a 3.3 V or 5 V power supply. The
patented on-chip tracking battery
supply eliminates custom power
supply design and
reduces power in all
operating modes.
Si3110 ADSL2+ AFE
Provides higher data
transfer rates and
longer reach for
ADSL applications.
Si2457 ISOmodem
Provides a complete embedded
modem family for up to 56 Kbps
applications. Ideal as a backup
modem or for remote provisioning
and diagnostics access.
With its fully programmable SLIC, codec functions and global compliance, the Si3216 ProSLIC is the ideal solution for adding voice capability
to an existing broadband modem or for creating a full-featured Voice-over-Broadband (VoB) solution. The Si3110 delivers industry leading
ADSL performance in the smallest footprint by integrating the line driver, DAC, ADC, filters, VCXO and hybrid. The Si2457 provides a fully
integrated V.90 modem for broadband backup, provisioning or remote system configuration. The Si3050 offers a globally-compliant interface
to the switched network for emergency “911” calling and other standard telephony features.
2.25 in2
(Actual Size)
Numberof
On-Chip
On-Chip Integrated Wideband
Device
Channels
BatterySupply
Ringing
Codec
AudioSupport
Si3210
single
Si3216
single
Si3220
dual
Si3225
dual
Si3232
dual
Speed Global
ParallelPhone
Device
(bps)
DAA
Detection
Si2401
2400
Si2415
14,400
Si2434
33,600
Si2457
56,000
1.5 in2
(Actual Size)
1.86 in2
(Actual Size)
Broadband & Voice Telephony Solutions
ISOmodem Family
ProSLIC Family
Si3050 Voice DAA
The small footprint of the Si3050 DAA provides a full-
featured interface to the switched network while maximizing
port density. This globally compliant solution allows one
board to be shipped worldwide without changing any
external components. Standard telephony digital interfaces
allow simple integration into any voice application.
1.5 in2
(Actual Size)
Si3220/25 Dual ProSLIC
Delivers the smallest 2-channel
SLIC/codec solution available.
All features are software-programmable,
offering global
compliance using
a single hardware
design.
<1 in2 per channel
(Actual Size)
PRODUCT INFORMA TION
Integrated
Global
Programmable
Device
Interface
Codec
DAA
Hybrid
Si3050/Si3019
PCM/SPI
or GCI
Silicon D AA Family
Speed
Digital
Device
(Mbps) ADSL2+
PSD Filters
Si3101
12
Si3110
24
ADSL AFE Family


Similar Part No. - SI3101

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI3120C SANKEN-SI3120C Datasheet
59Kb / 7P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
logo
List of Unclassifed Man...
SI3120C ETC-SI3120C Datasheet
94Kb / 7P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
logo
Sanken electric
SI3120N SANKEN-SI3120N Datasheet
37Kb / 4P
   3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type
SI3122V SANKEN-SI3122V Datasheet
41Kb / 4P
   3-Terminal, Low Dropout Voltage Dropper Type
logo
Vishay Siliconix
SI3127DV VISHAY-SI3127DV Datasheet
251Kb / 11P
   P-Channel 60 V (D-S) MOSFET
Rev. A, 14-Apr-14
More results

Similar Description - SI3101

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PEB3324EV1.4 INFINEON-PEB3324EV1.4 Datasheet
339Kb / 2P
   Enhanced Next Generation Analog Telephony Solutions
PEF3394E-V2.2 INFINEON-PEF3394E-V2.2 Datasheet
339Kb / 2P
   Enhanced Next Generation Analog Telephony Solutions
logo
Silicon Laboratories
SI3011 SILABS-SI3011 Datasheet
3Mb / 128P
   PROGRAMMABLE VOICE DAA SOLUTIONS
logo
Skyworks Solutions Inc.
SI3050 SKYWORKS-SI3050 Datasheet
1Mb / 128P
   PROGRAMMABLE VOICE DAA SOLUTIONS
Rev. 1.5 August 24, 2021
logo
Silicon Laboratories
SI3019-F-FSR SILABS-SI3019-F-FSR Datasheet
905Kb / 128P
   PROGRAMMABLE VOICE DAA SOLUTIONS
logo
Microtune,Inc
MT2050 MICROTUNE-MT2050 Datasheet
83Kb / 2P
   RF SILICON AND SYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT2060 MICROTUNE-MT2060 Datasheet
87Kb / 2P
   RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT1393ETC MICROTUNE-MT1393ETC Datasheet
219Kb / 2P
   RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT2130 MICROTUNE-MT2130 Datasheet
83Kb / 2P
   RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT2170 MICROTUNE-MT2170 Datasheet
74Kb / 2P
   RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com