Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

534JB622080BGR Datasheet(PDF) 3 Page - Silicon Laboratories

Part # 534JB622080BGR
Description  CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

534JB622080BGR Datasheet(HTML) 3 Page - Silicon Laboratories

  534JB622080BGR Datasheet HTML 1Page - Silicon Laboratories 534JB622080BGR Datasheet HTML 2Page - Silicon Laboratories 534JB622080BGR Datasheet HTML 3Page - Silicon Laboratories 534JB622080BGR Datasheet HTML 4Page - Silicon Laboratories 534JB622080BGR Datasheet HTML 5Page - Silicon Laboratories 534JB622080BGR Datasheet HTML 6Page - Silicon Laboratories 534JB622080BGR Datasheet HTML 7Page - Silicon Laboratories 534JB622080BGR Datasheet HTML 8Page - Silicon Laboratories 534JB622080BGR Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Si534
Preliminary Rev. 0.4
3
Table 3. CLK± Output Levels and Symmetry
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
LVPECL Output Option1
VO
mid-level
VDD – 1.42
VDD – 1.25
V
VOD
swing (diff)
1.1
1.9
VPP
VSE
swing (single-ended)
0.5
0.93
VPP
LVDS Output Option2
VO
mid-level
1.125
1.20
1.275
V
VOD
swing (diff)
0.32
0.40
0.50
VPP
CML Output Option2
VO
mid-level
VDD – 0.75
V
VOD
swing (diff)
0.70
0.95
1.20
VPP
CMOS Output Option3
VOH
IOH =32mA
0.8 x VDD
VDD
V
VOL
IOL =32mA
0.4
Rise/Fall time (20/80%)
tR, tF
LVPECL/LVDS/CML
350
ps
CMOS with CL = 15 pF
1
ns
Symmetry (duty cycle)
SYM
LVPECL:
VDD – 1.3 V (diff)
LVDS:
1.25 V (diff)
CMOS:
VDD/2
45
55
%
Notes:
1. 50
Ω to VDD – 2.0 V.
2. Rterm = 100 Ω (differential).
3. CL = 15 pF
Table 4. CLK± Output Phase Jitter
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Phase Jitter (RMS)*
for FOUT > 500 MHz
φJ
12 kHz to 20 MHz (OC-48)
50 kHz to 80 MHz (OC-192)
0.27
0.30
ps
Phase Jitter (RMS)*
for FOUT of 125 to 500 MHz
φ
J
12 kHz to 20 MHz (OC-48)
0.50
ps
*Note: Differential Modes: LVPECL/LVDS/CML. Refer to AN256 for further information.
Table 5. CLK± Output Period Jitter
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Period Jitter*
for FOUT < 160 MHz
JPER
RMS
1
ps
Peak-to-Peak
5
*Note: Any output mode, including CMOS, LVPECL, LVDS, CML. N = 1000 cycles.


Similar Part No. - 534JB622080BGR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
534 VISHAY-534 Datasheet
100Kb / 4P
   7/8" (22.2 mm) Multiturn Wirewound 533: 3 Turns/534: 10 Turns/535: 5 Turns
Revision: 06-Apr-10
logo
Marl International Limi...
534 MARL-534 Datasheet
382Kb / 5P
   534 series
logo
Vishay Siliconix
534 VISHAY-534 Datasheet
85Kb / 4P
   (22.2 mm) Multi Turn Wirewound Potentiometer - 533: 3 Turns/534: 10 Turns/535: 5 Turns
Revision: 18-Mar-14
534 VISHAY-534 Datasheet
98Kb / 4P
   (22.2 mm) Multi Turn Wirewound Potentiometer - 533: 3 Turns / 534: 10 Turns / 535: 5 Turns
01-Jan-2022
534-12103203XXXX VISHAY-534-12103203XXXX Datasheet
98Kb / 4P
   (22.2 mm) Multi Turn Wirewound Potentiometer - 533: 3 Turns / 534: 10 Turns / 535: 5 Turns
01-Jan-2022
More results

Similar Description - 534JB622080BGR

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI530 SILABS-SI530 Datasheet
183Kb / 10P
   CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
SI533 SILABS-SI533 Datasheet
225Kb / 12P
   DUAL FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
logo
Skyworks Solutions Inc.
SI533 SKYWORKS-SI533 Datasheet
488Kb / 12P
   DUAL-FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Rev. 1.4
SI534 SKYWORKS-SI534 Datasheet
512Kb / 12P
   QUAD FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Rev. 1.4
SI532 SKYWORKS-SI532 Datasheet
487Kb / 12P
   DUAL FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Rev. 1.4
logo
Silicon Laboratories
SI532 SILABS-SI532 Datasheet
173Kb / 10P
   DUAL FREQUENCY XO (10 MHZ TO 1.4 GHZ)
SI550 SILABS-SI550 Datasheet
207Kb / 12P
   VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
logo
Silicon image
550AD30M7200DG SILICONIMAGE-550AD30M7200DG Datasheet
114Kb / 15P
   VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
logo
Skyworks Solutions Inc.
SI550 SKYWORKS-SI550 Datasheet
514Kb / 16P
   VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
REVISION D Rev. 1.2
SI570 SKYWORKS-SI570 Datasheet
639Kb / 36P
   10 MHZ TO 1.4 GHZ I2C PROGRAMMABLE XO/VCXO
Rev. 1.6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com