Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

532EA622M080BG Datasheet(PDF) 7 Page - Silicon Laboratories

Part # 532EA622M080BG
Description  DUAL FREQUENCY XO (10 MHZ TO 1.4 GHZ)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

532EA622M080BG Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button 532EA622M080BG Datasheet HTML 2Page - Silicon Laboratories 532EA622M080BG Datasheet HTML 3Page - Silicon Laboratories 532EA622M080BG Datasheet HTML 4Page - Silicon Laboratories 532EA622M080BG Datasheet HTML 5Page - Silicon Laboratories 532EA622M080BG Datasheet HTML 6Page - Silicon Laboratories 532EA622M080BG Datasheet HTML 7Page - Silicon Laboratories 532EA622M080BG Datasheet HTML 8Page - Silicon Laboratories 532EA622M080BG Datasheet HTML 9Page - Silicon Laboratories 532EA622M080BG Datasheet HTML 10Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Si532
Preliminary Rev. 0.3
7
4. Ordering Information
The Si532 was designed to support a variety of options including frequency, tuning slope, output format, and VDD.
Specific device configurations are programmed into the Si532 at time of shipment. A unique part number
associated with these options and frequencies will be assigned. The Si532 XO series is supplied in an industry-
standard, 7x5 mm package.
Part numbers for the Si532 Dual Frequency XO are determined by following configuration tables. Silicon Labs
provides a web browser-based part number configuration tool to simplify this process. Refer to www.silabs.com/
VCXO to access this tool and for further ordering instructions.
Figure 3. Part Number Convention
532
X
X
1st Option Code
V
Output Format
A
3.3
LVPECL
B
3.3
LVDS
C
3.3
CMOS
D
3.3
CML
E
2.5
LVPECL
F
2.5
LVDS
G
2.5 CMOS
H
2.5
CML
J
1.8
CMOS
K
1.8
CML
Note:
CMOS available to 160 MHz.
B
G
R
Tape & Reel Packaging
Operating Temp Range (°C)
G
-40 to +85°C
Part Revision Letter
532 XO
Product
Family
2nd Option Code
Temp Stability (ppm, max, ±)
A
50
B
20
DD
Frequency Designator Code
Two unique frequencies can be specified within the following bands of frequencies:
10 to 945 MHz
970 to 1134 MHz
1213 to 1417 MHz
A six digit code will be assigned by SiLabs for the specified combination of frequencies.
Note:
Six digit codes > 000100 refer to dual XOs programmed with the lower frequency value
selected when FS = 0, and the higher value when FS = 1; six digit codes < 000100 refer
to dual XOs programmed with the higher frequency value selected when FS = 0, and the
lower value when FS = 1.
X X X X X X


Similar Part No. - 532EA622M080BG

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
532 MARL-532 Datasheet
256Kb / 4P
   횠12.7mm mounting Product will operate over a wide voltage range
532-102-63 MARL-532-102-63 Datasheet
180Kb / 2P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
532-102-63 MARL-532-102-63 Datasheet
256Kb / 4P
   횠12.7mm mounting Product will operate over a wide voltage range
532-102-63 MARL-532-102-63 Datasheet
256Kb / 4P
   industrial panel lamps
532-102-6307 MARL-532-102-6307_15 Datasheet
256Kb / 4P
   Colour diffused lens
More results

Similar Description - 532EA622M080BG

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI533 SILABS-SI533 Datasheet
225Kb / 12P
   DUAL FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
logo
Skyworks Solutions Inc.
SI533 SKYWORKS-SI533 Datasheet
488Kb / 12P
   DUAL-FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Rev. 1.4
SI532 SKYWORKS-SI532 Datasheet
487Kb / 12P
   DUAL FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Rev. 1.4
SI534 SKYWORKS-SI534 Datasheet
512Kb / 12P
   QUAD FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Rev. 1.4
logo
Silicon Laboratories
SI534 SILABS-SI534 Datasheet
197Kb / 10P
   CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
SI530 SILABS-SI530 Datasheet
183Kb / 10P
   CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
SI552 SILABS-SI552 Datasheet
186Kb / 8P
   DUAL FREQUENCY VCXO (10 MHZ TO 1.4 GHZ)
logo
Skyworks Solutions Inc.
SI570 SKYWORKS-SI570 Datasheet
639Kb / 36P
   10 MHZ TO 1.4 GHZ I2C PROGRAMMABLE XO/VCXO
Rev. 1.6
SI552 SKYWORKS-SI552 Datasheet
499Kb / 15P
   999900999789989DUAL FREQUENCY VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
REVISION D Rev. 1.2
SI554 SKYWORKS-SI554 Datasheet
517Kb / 15P
   QUAD FREQUENCY VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
REVISION D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com