Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4136-F-BT Datasheet(PDF) 5 Page - Silicon Laboratories

Part # SI4136-F-BT
Description  ISM RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4136-F-BT Datasheet(HTML) 5 Page - Silicon Laboratories

  SI4136-F-BT Datasheet HTML 1Page - Silicon Laboratories SI4136-F-BT Datasheet HTML 2Page - Silicon Laboratories SI4136-F-BT Datasheet HTML 3Page - Silicon Laboratories SI4136-F-BT Datasheet HTML 4Page - Silicon Laboratories SI4136-F-BT Datasheet HTML 5Page - Silicon Laboratories SI4136-F-BT Datasheet HTML 6Page - Silicon Laboratories SI4136-F-BT Datasheet HTML 7Page - Silicon Laboratories SI4136-F-BT Datasheet HTML 8Page - Silicon Laboratories SI4136-F-BT Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
Si4136/Si4126
Rev. 1.4
5
Table 3. DC Characteristics
(VDD = 2.7 to 3.6 V, TA = –40 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Total Supply Current1
RF1 and IF operating
25.7
31
mA
RF1 Mode Supply Current1
—15.7
19
mA
RF2 Mode Supply Current1
—15
18
mA
IF Mode Supply Current1
—10
12
mA
Standby Current
PWDN = 0
1
µA
High Level Input Voltage2
VIH
0.7 VDD
——
V
Low Level Input Voltage2
VIL
0.3 VDD
V
High Level Input Current2
IIH
VIH = 3.6 V,
VDD = 3.6 V
–10
10
µA
Low Level Input Current2
IIL
VIL = 0 V,
VDD= 3.6 V
–10
10
µA
High Level Output Voltage3
VOH
IOH = –500 µA
VDD–0.4
V
Low Level Output Voltage3
VOL
IOH = 500 µA
0.4
V
Notes:
1. RF1 = 2.4 GHz, RF2 = 2.1 GHz, IFOUT = 800 MHz, LPWR = 0.
2. For signals SCLK, SDATA, SEN, and PWDN.
3. For signal AUXOUT.


Similar Part No. - SI4136-F-BT

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4136-BT SILABS-SI4136-BT Datasheet
660Kb / 30P
   ISM RF SYNTHESIZER WITH INTEGRATED VCOS
More results

Similar Description - SI4136-F-BT

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4136 SILABS-SI4136_10 Datasheet
314Kb / 34P
   ISM RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
logo
List of Unclassifed Man...
SI4133-D-GMR ETC2-SI4133-D-GMR Datasheet
318Kb / 36P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
logo
Silicon Laboratories
SI4133-D-GT SILABS-SI4133-D-GT Datasheet
318Kb / 36P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
logo
List of Unclassifed Man...
SI4133 ETC-SI4133 Datasheet
713Kb / 34P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
logo
Silicon Laboratories
SI4133 SILABS-SI4133 Datasheet
318Kb / 36P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
SI4136 SILABS-SI4136 Datasheet
660Kb / 30P
   ISM RF SYNTHESIZER WITH INTEGRATED VCOS
SI4133W SILABS-SI4133W Datasheet
513Kb / 32P
   RF SYNTHESIZER WITH INTEGRATED VCOS FOR W-CDMA AND GSM/UMTS WIRELESS COMMUNICATIONS
SI4114G SILABS-SI4114G Datasheet
367Kb / 24P
   RF SYNTHESIZER WITH INTEGRATED VCOS FOR DIRECT CONVERSION GSM AND GPRS WIRELESS COMMUNICATIONS
logo
List of Unclassifed Man...
SI4133G-X2 ETC-SI4133G-X2 Datasheet
875Kb / 32P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR GSM AND GPRS WIRELESS COMMUNICATIONS
logo
Silicon Laboratories
SI4122G SILABS-SI4122G Datasheet
469Kb / 32P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR GSM AND GPRS WIRELESS COMMUNICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com