Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT7733 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT7733
Description  PFM Step-up DC/DC Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7733 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT7733 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7733 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7733 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7733 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7733 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7733 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7733 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7733 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7733 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
HT7733, +3.3V Output Type
VIN=VOUT
´0.6; IOUT=10mA; Ta=25°C (Unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VOUT
Output Voltage
¾
3.218
3.3
3.382
V
VIN
Input Voltage
¾¾
¾
6V
VSTART
Start-up Voltage
VIN:0
®2V; IOUT=1mA
¾
0.6
0.7
V
VHOLD
Min. Hold-on Voltage
VIN:2
®0V; IOUT=1mA
¾¾
0.7
V
IIN
No load Input Current
Measured at no load
¾
10
¾mA
IDD1
Supply Current 1
VIN=VOUT
´0.95
Measured at VOUT pin
¾
60
¾mA
IDD2
Supply Current 2
VIN=VOUT+0.5V
Measured at VOUT pin
¾
47
mA
ISHDN
Shutdown Current
VCE=VIL,VIN=VOUT
´0.95
¾
0.5
¾mA
ILEAK
LX Leakage Current
VIN=6V
¾¾
0.9
mA
fOSC
Maximum Oscillator Frequency
VIN=VOUT
´0.95
Measured at LX pin
¾
115
¾
kHz
h
Efficiency
¾¾
85
¾
%
DOSC
Oscillator Duty Cycle
VIN=VOUT
´0.95
Measured at LX pin
65
75
85
%
HT7737, +3.7V Output Type
VIN=VOUT
´0.6; IOUT=10mA; Ta=25°C (Unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VOUT
Output Voltage
¾
3.608
3.7
3.793
V
VIN
Input Voltage
¾¾
¾
6V
VSTART
Start-up Voltage
VIN:0
®2V; IOUT=1mA
¾
0.6
0.7
V
VHOLD
Min. Hold-on Voltage
VIN:2
®0V; IOUT=1mA
¾¾
0.7
V
IIN
No load Input Current
Measured at no load
¾
10
¾mA
IDD1
Supply Current 1
VIN=VOUT
´0.95
Measured at VOUT pin
¾
64
¾mA
IDD2
Supply Current 2
VIN=VOUT+0.5V
Measured at VOUT pin
¾
47
mA
ISHDN
Shutdown Current
VCE=VIL,VIN=VOUT
´0.95
¾
0.5
¾mA
ILEAK
LX Leakage Current
VIN=6V
¾¾
0.9
mA
fOSC
Maximum Oscillator Frequency
VIN=VOUT
´0.95
Measured at LX pin
¾
115
¾
kHz
h
Efficiency
¾¾
85
¾
%
DOSC
Oscillator Duty Cycle
VIN=VOUT
´0.95
Measured at LX pin
65
75
85
%
HT77XX
Rev 1.10
4
March 7, 2006


Similar Part No. - HT7733

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7733 HOLTEK-HT7733 Datasheet
507Kb / 19P
   PFM Step-up DC/DC Converter
HT7733 HOLTEK-HT7733 Datasheet
474Kb / 19P
   PFM Asynchronous Step-up DC to DC Converter (100mA)
HT7733 HOLTEK-HT7733 Datasheet
406Kb / 16P
   PFM Asynchronous Step-up DC to DC Converter (100mA)
HT7733A HOLTEK-HT7733A Datasheet
370Kb / 18P
   PFM Step-up DC/DC Converter
HT7733A HOLTEK-HT7733A Datasheet
588Kb / 14P
   PFM Step-up DC/DC Converter
More results

Similar Description - HT7733

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM6702 NPC-SM6702 Datasheet
116Kb / 10P
   PFM Step-up DC/DC Converter
logo
List of Unclassifed Man...
RCR2562 ETC2-RCR2562 Datasheet
171Kb / 7P
   PFM Step-up DC/DC Converter
logo
ELM Technology Corporat...
ELM93-SERIES ELM-TECH-ELM93-SERIES Datasheet
1Mb / 8P
   PFM step-up DC/DC converter
logo
List of Unclassifed Man...
CR-F33T ETC1-CR-F33T Datasheet
122Kb / 11P
   PFM STEP-UP DC/DC CONVERTER
logo
Advanced Power Electron...
APE1910 A-POWER-APE1910 Datasheet
153Kb / 5P
   STEP-UP PFM DC/DC CONVERTER
logo
Holtek Semiconductor In...
HT7727A HOLTEK-HT7727A_12 Datasheet
588Kb / 14P
   PFM Step-up DC/DC Converter
HT77XXA HOLTEK-HT77XXA Datasheet
370Kb / 18P
   PFM Step-up DC/DC Converter
logo
Guangdong Kexin Industr...
RCR2821 KEXIN-RCR2821 Datasheet
323Kb / 5P
   PFM Step-up DC/DC Converter
logo
Holtek Semiconductor In...
HT77XX HOLTEK-HT77XX_07 Datasheet
507Kb / 19P
   PFM Step-up DC/DC Converter
logo
List of Unclassifed Man...
CYT2606L ETC2-CYT2606L Datasheet
473Kb / 8P
   PFM Step-Up DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com