Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX25L802MC-50 Datasheet(PDF) 6 Page - Macronix International

Part # MX25L802MC-50
Description  8M-BIT [8M x 1] CMOS SERIAL FLASH EEPROM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX25L802MC-50 Datasheet(HTML) 6 Page - Macronix International

Back Button MX25L802MC-50 Datasheet HTML 2Page - Macronix International MX25L802MC-50 Datasheet HTML 3Page - Macronix International MX25L802MC-50 Datasheet HTML 4Page - Macronix International MX25L802MC-50 Datasheet HTML 5Page - Macronix International MX25L802MC-50 Datasheet HTML 6Page - Macronix International MX25L802MC-50 Datasheet HTML 7Page - Macronix International MX25L802MC-50 Datasheet HTML 8Page - Macronix International MX25L802MC-50 Datasheet HTML 9Page - Macronix International MX25L802MC-50 Datasheet HTML 10Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
P/N: PM0837
REV. 1.1, APR. 13, 2005
MX25L802
(5) Sector/Chip Erase
This command is sent with the sector address(A19~A13) when operating Sector Erase. The device will start the erase
sequence after CS goes high without any further input. A sector should be erased in a typical of 300ms. The average current
is less than 10mA. The chip erase operation does not require the sector address input but two extra dummy bytes are
necessary. During this operation, customer can also access Read Status & Read ID operations.
(6) Page Program
This command is sent with the page number(A19~A7), and byte address(A6~A0), followed by programming data. One to
128 bytes of data can be loaded into the buffer of the device until CS goes high. IF the end of the page is reached, then
the device will wrap around to the beginning of the page. The device will program the specified page with buffered data(Until
CS goes high) without any further input. The typical page program time is 5ms. The average current is less than 10mA.
During this operation, customer can also access Read Status & Read ID operations.
(7) Standby Mode
When CS is high and there is no operation in progress, the device is put in standby mode. Typical standby current is less
than 30uA.
POWER-ON STATE
After power-up, the device is placed in the standby state with following status:
The status register is reset with following status :
Bit 7 = "1" -----> Refer to page 5 for detail.
Bit 6,5,2,1 = Reserve for future use.
Bit 4 = "0" -----> Erase error flag is reset.
Bit 3 = "0" -----> Program error flag is reset.
Bit 0="1" -----> Device is in ready state.


Similar Part No. - MX25L802MC-50

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L8005 MCNIX-MX25L8005 Datasheet
834Kb / 44P
   8M-BIT [x 1] CMOS SERIAL FLASH
MX25L8005M2C-15G MCNIX-MX25L8005M2C-15G Datasheet
834Kb / 44P
   8M-BIT [x 1] CMOS SERIAL FLASH
MX25L8005M2I-12G MCNIX-MX25L8005M2I-12G Datasheet
834Kb / 44P
   8M-BIT [x 1] CMOS SERIAL FLASH
MX25L8005M2I-15G MCNIX-MX25L8005M2I-15G Datasheet
834Kb / 44P
   8M-BIT [x 1] CMOS SERIAL FLASH
MX25L8005MC-15G MCNIX-MX25L8005MC-15G Datasheet
834Kb / 44P
   8M-BIT [x 1] CMOS SERIAL FLASH
More results

Similar Description - MX25L802MC-50

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L8005 MCNIX-MX25L8005 Datasheet
834Kb / 44P
   8M-BIT [x 1] CMOS SERIAL FLASH
MX25V8005 MCNIX-MX25V8005 Datasheet
479Kb / 40P
   8M-BIT [x 1] 2.5V CMOS SERIAL FLASH
MX25L8006E MCNIX-MX25L8006E Datasheet
1Mb / 57P
   8M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25L8008E MCNIX-MX25L8008E Datasheet
668Kb / 52P
   8M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25V8006E MCNIX-MX25V8006E Datasheet
787Kb / 52P
   8M-BIT [x 1/x 2] CMOS SERIAL FLASH
MX25L8006EM2 MCNIX-MX25L8006EM2 Datasheet
1Mb / 57P
   8M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX23L8051 MCNIX-MX23L8051 Datasheet
217Kb / 13P
   8M-BIT [8M x 1] CMOS SERIAL MASK-ROM
logo
Generalplus Technology ...
GPR25L0805E GENERALPLUS-GPR25L0805E Datasheet
1Mb / 41P
   8M-bit [x 1/x 2/x 4] CMOS Serial Flash
logo
Macronix International
MX25L8036E MCNIX-MX25L8036E Datasheet
654Kb / 49P
   8M-BIT [x 1/x 2/x 4] CMOS SERIAL FLASH
MX25L8035E MCNIX-MX25L8035E Datasheet
633Kb / 46P
   8M-BIT [x 1/x 2/x 4] CMOS SERIAL FLASH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com