Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX25L802MC-50G Datasheet(PDF) 1 Page - Macronix International

Part # MX25L802MC-50G
Description  8M-BIT [8M x 1] CMOS SERIAL FLASH EEPROM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX25L802MC-50G Datasheet(HTML) 1 Page - Macronix International

  MX25L802MC-50G Datasheet HTML 1Page - Macronix International MX25L802MC-50G Datasheet HTML 2Page - Macronix International MX25L802MC-50G Datasheet HTML 3Page - Macronix International MX25L802MC-50G Datasheet HTML 4Page - Macronix International MX25L802MC-50G Datasheet HTML 5Page - Macronix International MX25L802MC-50G Datasheet HTML 6Page - Macronix International MX25L802MC-50G Datasheet HTML 7Page - Macronix International MX25L802MC-50G Datasheet HTML 8Page - Macronix International MX25L802MC-50G Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
REV. 1.1, APR. 13, 2005
1
P/N: PM0837
MX25L802
8M-BIT [8M x 1] CMOS SERIAL FLASH EEPROM
GENERAL
• 8,388,608 x 1 bit structure
• 128 Equal Sectors with 8K-byte each
- Any sector can be erased
• 2048 Equal Segments with 512-byte each
- Provides sequential output within any segment
• Single Power Supply Operation
- 3.0 to 3.6 volt for read, erase, and program operations
• Latch-up protected to 100mA from -1V to Vcc +1V
• Low Vcc write inhibit is equal to or less than 2.5V
PERFORMANCE
High Performance
- Fast access time: 20MHz serial clock (50pF + 1TTL
Load)
- Fast program time: 5ms/page (typical, 128-byte per
page)
- Fast erase time: 300ms/sector (typical, 8K-byte per
sector)
Low Power Consumption
- Low active read current: 10mA (typical) at 17MHz
- Low active programming current: 10mA (typical)
- Low active erase current: 10mA (typical)
- Low standby current: 30uA (typical, CMOS)
Minimum 100,000 erase/program cycle
SOFTWARE FEATURES
• Input Data Format
- 1-byte Command code, 3-byte address, 1-byte byte
address
• 512-byte Sequential Read Operation
• Built in 9-bit (A0 to A8) pre-settable address counter
to support the 512-byte sequential read operation
• Auto Erase and Auto Program Algorithm
- Automatically erases and verifies data at selected
sector
- Automatically programs and verifies data at selected
page by an internal algroithm that automatically times
the program pulse widths (Any page to be programed
should have page in the erased state first)
• Status Register Feature
- Provides detection of program and erase operation
completion.
- Provides auto erase/ program error report
HARDWARE FEATURES
• SCLK Input
- Serial clock input
• SI Input
- Serial Data Input
• SO Output
- Serial Data Output
• PACKAGE
- 28-pin SOP (330mil)
FEATURES


Similar Part No. - MX25L802MC-50G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L8005 MCNIX-MX25L8005 Datasheet
834Kb / 44P
   8M-BIT [x 1] CMOS SERIAL FLASH
MX25L8005M2C-15G MCNIX-MX25L8005M2C-15G Datasheet
834Kb / 44P
   8M-BIT [x 1] CMOS SERIAL FLASH
MX25L8005M2I-12G MCNIX-MX25L8005M2I-12G Datasheet
834Kb / 44P
   8M-BIT [x 1] CMOS SERIAL FLASH
MX25L8005M2I-15G MCNIX-MX25L8005M2I-15G Datasheet
834Kb / 44P
   8M-BIT [x 1] CMOS SERIAL FLASH
MX25L8005MC-15G MCNIX-MX25L8005MC-15G Datasheet
834Kb / 44P
   8M-BIT [x 1] CMOS SERIAL FLASH
More results

Similar Description - MX25L802MC-50G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L8005 MCNIX-MX25L8005 Datasheet
834Kb / 44P
   8M-BIT [x 1] CMOS SERIAL FLASH
MX25V8005 MCNIX-MX25V8005 Datasheet
479Kb / 40P
   8M-BIT [x 1] 2.5V CMOS SERIAL FLASH
MX25L8006E MCNIX-MX25L8006E Datasheet
1Mb / 57P
   8M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25L8008E MCNIX-MX25L8008E Datasheet
668Kb / 52P
   8M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25V8006E MCNIX-MX25V8006E Datasheet
787Kb / 52P
   8M-BIT [x 1/x 2] CMOS SERIAL FLASH
MX25L8006EM2 MCNIX-MX25L8006EM2 Datasheet
1Mb / 57P
   8M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX23L8051 MCNIX-MX23L8051 Datasheet
217Kb / 13P
   8M-BIT [8M x 1] CMOS SERIAL MASK-ROM
logo
Generalplus Technology ...
GPR25L0805E GENERALPLUS-GPR25L0805E Datasheet
1Mb / 41P
   8M-bit [x 1/x 2/x 4] CMOS Serial Flash
logo
Macronix International
MX25L8036E MCNIX-MX25L8036E Datasheet
654Kb / 49P
   8M-BIT [x 1/x 2/x 4] CMOS SERIAL FLASH
MX25L8035E MCNIX-MX25L8035E Datasheet
633Kb / 46P
   8M-BIT [x 1/x 2/x 4] CMOS SERIAL FLASH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com