Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

534GE622M080BGR Datasheet(PDF) 4 Page - Silicon Laboratories

Part # 534GE622M080BGR
Description  VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

534GE622M080BGR Datasheet(HTML) 4 Page - Silicon Laboratories

  534GE622M080BGR Datasheet HTML 1Page - Silicon Laboratories 534GE622M080BGR Datasheet HTML 2Page - Silicon Laboratories 534GE622M080BGR Datasheet HTML 3Page - Silicon Laboratories 534GE622M080BGR Datasheet HTML 4Page - Silicon Laboratories 534GE622M080BGR Datasheet HTML 5Page - Silicon Laboratories 534GE622M080BGR Datasheet HTML 6Page - Silicon Laboratories 534GE622M080BGR Datasheet HTML 7Page - Silicon Laboratories 534GE622M080BGR Datasheet HTML 8Page - Silicon Laboratories 534GE622M080BGR Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Si550
4
Preliminary Rev. 0.3
Symmetry (duty cycle)
SYM
LVPECL:
VDD – 1.3 V (diff)
LVDS:
1.25 V (diff)
CMOS:
VDD/2
45
55
%
Notes:
1. 50
Ω to VDD – 2.0 V.
2. Rterm = 100 Ω (differential).
3. CL = 15 pF
Table 5. CLK± Output Phase Jitter
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Phase Jitter (RMS)1,2,3
for FOUT > 500 MHz
φ
J
Kv = 45 ppm/V
12 kHz to 20 MHz (OC-48)
50 kHz to 80 MHz (OC-192)
0.35
0.38
ps
Kv = 90 ppm/V
12 kHz to 20 MHz (OC-48)
50 kHz to 80 MHz (OC-192)
0.43
0.41
Kv = 135 ppm/V
12 kHz to 20 MHz (OC-48)
50 kHz to 80 MHz (OC-192)
0.52
0.46
Kv = 180 ppm/V
12 kHz to 20 MHz (OC-48)
50 kHz to 80 MHz (OC-192)
0.64
0.52
Phase Jitter (RMS)1,2,3
for FOUT of 125 to 500 MHz
φJ
Kv = 45 ppm/V
12 kHz to 20 MHz (OC-48)
50 kHz to 80 MHz (OC-192)
0.42
0.58
ps
Kv = 90 ppm/V
12 kHz to 20 MHz (OC-48)
50 kHz to 80 MHz (OC-192)
0.48
0.60
Kv = 135 ppm/V
12 kHz to 20 MHz (OC-48)
50 kHz to 80 MHz (OC-192)
0.57
0.64
Kv = 180 ppm/V
12 kHz to 20 MHz (OC-48)
50 kHz to 80 MHz (OC-192)
0.67
0.68
Notes:
1. Differential Modes: LVPECL/LVDS/CML. Refer to AN255, AN256, and AN266 for further information.
2. For best jitter and phase noise performance, always choose the smallest KV that meets the application’s minimum APR
requirements. See “AN266: VCXO Tuning Slope (KV), Stability, and Absolute Pull Range (APR)” for more information.
3. See “AN255: Replacing 622 MHz VCSO devices with the Si550 VCXO” for comparison highlighting power supply
rejection (PSR) advantage of Si55x versus SAW-based solutions.
Table 4. CLK± Output Levels and Symmetry (Continued)
Parameter
Symbol
Test Condition
Min
Typ
Max
Units


Similar Part No. - 534GE622M080BGR

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
534GA622080BG SILABS-534GA622080BG Datasheet
197Kb / 10P
   CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
534GA622080BGR SILABS-534GA622080BGR Datasheet
197Kb / 10P
   CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
534GAXXXXXXBG SILABS-534GAXXXXXXBG Datasheet
197Kb / 10P
   CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
534GAXXXXXXBGR SILABS-534GAXXXXXXBGR Datasheet
197Kb / 10P
   CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
534GB622080BG SILABS-534GB622080BG Datasheet
197Kb / 10P
   CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
More results

Similar Description - 534GE622M080BGR

ManufacturerPart #DatasheetDescription
logo
Silicon image
550AD30M7200DG SILICONIMAGE-550AD30M7200DG Datasheet
114Kb / 15P
   VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
logo
Skyworks Solutions Inc.
SI550 SKYWORKS-SI550 Datasheet
514Kb / 16P
   VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
REVISION D Rev. 1.2
SI552 SKYWORKS-SI552 Datasheet
499Kb / 15P
   999900999789989DUAL FREQUENCY VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
REVISION D Rev. 1.2
SI554 SKYWORKS-SI554 Datasheet
517Kb / 15P
   QUAD FREQUENCY VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
REVISION D
SI595 SKYWORKS-SI595 Datasheet
521Kb / 16P
   VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 TO 810 MHZ
Rev. 1.4
logo
Silicon Laboratories
SI534 SILABS-SI534 Datasheet
197Kb / 10P
   CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
SI530 SILABS-SI530 Datasheet
183Kb / 10P
   CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
logo
Skyworks Solutions Inc.
SI596 SKYWORKS-SI596 Datasheet
527Kb / 16P
   DUAL-FREQUENCY VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 TO 810 MHZ
Rev. 1.2
SI597 SKYWORKS-SI597 Datasheet
514Kb / 13P
   QUAD FREQUENCY VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 TO 810 MHZ
Rev. 1.2
logo
Silicon Laboratories
SI552 SILABS-SI552 Datasheet
186Kb / 8P
   DUAL FREQUENCY VCXO (10 MHZ TO 1.4 GHZ)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com