Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

552EE622M080BGR Datasheet(PDF) 1 Page - Silicon Laboratories

Part # 552EE622M080BGR
Description  DUAL FREQUENCY VCXO (10 MHZ TO 1.4 GHZ)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

552EE622M080BGR Datasheet(HTML) 1 Page - Silicon Laboratories

  552EE622M080BGR Datasheet HTML 1Page - Silicon Laboratories 552EE622M080BGR Datasheet HTML 2Page - Silicon Laboratories 552EE622M080BGR Datasheet HTML 3Page - Silicon Laboratories 552EE622M080BGR Datasheet HTML 4Page - Silicon Laboratories 552EE622M080BGR Datasheet HTML 5Page - Silicon Laboratories 552EE622M080BGR Datasheet HTML 6Page - Silicon Laboratories 552EE622M080BGR Datasheet HTML 7Page - Silicon Laboratories 552EE622M080BGR Datasheet HTML 8Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Preliminary Rev. 0.2 8/05
Copyright © 2005 by Silicon Laboratories
Si552
This information applies to a product under development. Its characteristics and specifications are subject to change without notice.
Si552
DUAL FREQUENCY VCXO (10 MHZ TO 1.4 GHZ)
Features
Applications
Description
The Si552 dual frequency VCXO utilizes Silicon Laboratories advanced
DSPLL® circuitry to provide a very low jitter clock for all output frequencies.
The Si552 is available with any-rate output frequency from 10 to 945 MHz
and selected frequencies to 1400 MHz. Unlike traditional VCXO’s where a
different crystal is required for each output frequency, the Si552 uses one
fixed crystal frequency to provide a wide range of output frequencies. This
IC based approach allows the crystal resonator to be optimized for superior
frequency stability and reliability. In addition, DSPLL clock synthesis
provides superior supply noise rejection, simplifying the task of generating
low jitter clocks in noisy environments often found in communication
systems. The Si552 IC based VCXO is factory configurable for a wide
variety of user specifications including frequency, supply voltage and output
format. Specific configurations are factory programmed into the Si552 at
time of shipment, thereby eliminating the long lead times associated with
custom oscillators.
Functional Block Diagram
Available with any-rate output
frequencies from 10 to 945 MHz and
selected frequencies to 1.4 GHz
Two selectable output frequencies
Industry-standard 7x5 mm package
Available CMOS, LVPECL, LVDS &
CML outputs
3x better frequency stability than
SAW-based oscillators
3rd generation DSPLL® with
superior jitter performance
Internal fixed crystal frequency
ensures high reliability and low
aging
Lead-free/RoHS-compliant
SONET / SDH
xDSL
10 GbE LAN / WAN
Low jitter clock generation
Optical Modules
Test and Measurement
Fixed
Frequency XO
Any-rate
10–1400 MHz
DSPLL™
Clock Synthesis
VDD
CLK+
CLK-
VC
GND
FS
ADC
Ordering Information:
See page 7.
Si5602
PRELIMINARY DATA SHEET


Similar Part No. - 552EE622M080BGR

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
552 OSCILENT-552 Datasheet
133Kb / 2P
   PECL Output
logo
Vishay Siliconix
552 VISHAY-552 Datasheet
309Kb / 4P
   (22.2 mm) Three Turn Wirewound Upper Grade Precision Potentiometer
01-Jan-2022
logo
Dialight Corporation
552-0211 DIALIGHT-552-0211 Datasheet
84Kb / 11P
   5mm LED CBI Circuit Board Indicator Bi-level
552-0222 DIALIGHT-552-0222 Datasheet
84Kb / 11P
   5mm LED CBI Circuit Board Indicator Bi-level
552-0233 DIALIGHT-552-0233 Datasheet
84Kb / 11P
   5mm LED CBI Circuit Board Indicator Bi-level
More results

Similar Description - 552EE622M080BGR

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI532 SILABS-SI532 Datasheet
173Kb / 10P
   DUAL FREQUENCY XO (10 MHZ TO 1.4 GHZ)
logo
Skyworks Solutions Inc.
SI552 SKYWORKS-SI552 Datasheet
499Kb / 15P
   999900999789989DUAL FREQUENCY VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
REVISION D Rev. 1.2
SI554 SKYWORKS-SI554 Datasheet
517Kb / 15P
   QUAD FREQUENCY VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
REVISION D
SI570 SKYWORKS-SI570 Datasheet
639Kb / 36P
   10 MHZ TO 1.4 GHZ I2C PROGRAMMABLE XO/VCXO
Rev. 1.6
logo
Silicon Laboratories
SI533 SILABS-SI533 Datasheet
225Kb / 12P
   DUAL FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
logo
Skyworks Solutions Inc.
SI533 SKYWORKS-SI533 Datasheet
488Kb / 12P
   DUAL-FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Rev. 1.4
SI532 SKYWORKS-SI532 Datasheet
487Kb / 12P
   DUAL FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Rev. 1.4
logo
Silicon Laboratories
SI550 SILABS-SI550 Datasheet
207Kb / 12P
   VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
logo
Silicon image
550AD30M7200DG SILICONIMAGE-550AD30M7200DG Datasheet
114Kb / 15P
   VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
logo
Skyworks Solutions Inc.
SI550 SKYWORKS-SI550 Datasheet
514Kb / 16P
   VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
REVISION D Rev. 1.2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com