Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX25L3205MC-20 Datasheet(PDF) 1 Page - Macronix International

Part # MX25L3205MC-20
Description  32M-BIT [x 1] CMOS SERIAL eLiteFlashTM MEMORY
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX25L3205MC-20 Datasheet(HTML) 1 Page - Macronix International

  MX25L3205MC-20 Datasheet HTML 1Page - Macronix International MX25L3205MC-20 Datasheet HTML 2Page - Macronix International MX25L3205MC-20 Datasheet HTML 3Page - Macronix International MX25L3205MC-20 Datasheet HTML 4Page - Macronix International MX25L3205MC-20 Datasheet HTML 5Page - Macronix International MX25L3205MC-20 Datasheet HTML 6Page - Macronix International MX25L3205MC-20 Datasheet HTML 7Page - Macronix International MX25L3205MC-20 Datasheet HTML 8Page - Macronix International MX25L3205MC-20 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
REV. 1.0, JUL. 15, 2005
1
P/N: PM1169
32M-BIT [x 1] CMOS SERIAL eLiteFlashTM MEMORY
GENERAL
• Serial Peripheral Interface (SPI) compatible -- Mode 0
and Mode 3
• 33,554,432 x 1 bit structure
• 64 Equal Sectors with 64K byte each
- Any sector can be erased
• Single Power Supply Operation
- 2.7 to 3.6 volt for read, erase, and program operations
• Latch-up protected to 100mA from -1V to Vcc +1V
• Low Vcc write inhibit is from 1.5V to 2.5V
PERFORMANCE
• High Performance
- Fast access time: 50MHz serial clock (30pF + 1TTL
Load)
- Fast program time: 3ms/page (typical, 256-byte per
page)
- Fast erase time: 1s/sector (typical, 64K-byte per
sector) and 64s/chip (typical)
- Acceleration mode:
- Program time: 2.4ms/page (typical)
- Erase time: 0.8s/sector (typical) and 51s/chip
(typical)
• Low Power Consumption
- Low active read current: 30mA (max.) at 50MHz
- Low active programming current: 30mA (max.)
- Low active erase current: 38mA (max.)
- Low standby current: 50uA (max.)
- Deep power-down mode 1uA (typical)
• Minimum 10K erase/program cycle for array
• Minimum 100K erase/program cycle for additional 4Kb
SOFTWARE FEATURES
• Input Data Format
- 1-byte Command code
• Auto Erase and Auto Program Algorithm
- Automatically erases and verifies data at selected
sector
- Automatically programs and verifies data at selected
page by an internal algorithm that automatically times
the program pulse widths (Any page to be programed
should have page in the erased state first)
• Status Register Feature
• Electronic Identification
- JEDEC 2-byte Device ID
- RES command, 1-byte Device ID
- REMS command, ADD=00H will output the
manufacturer's ID first and ADD=01H will output device
ID first
• Additional 4Kb sector independent from main memory
for parameter storage to eliminate EEPROM from
system
HARDWARE FEATURES
• SCLK Input
- Serial clock input
• SI Input
- Serial Data Input
• SO/PO7
- Serial Data Output or Parallel mode Data output/input
• WP#/ACC Pin
- Hardware write protection and Program/erase accel-
eration
• HOLD# pin
- pause the chip without diselecting the chip (not for
paralled mode, please connect HOLD# pin to VCC dur-
ing parallel mode)
• PO0~PO6
- for parallel mode data output/input
• PACKAGE
- 16-pin SOP (300mil)
FEATURES
Macronix NBitTM Memory Family
MX25L3205


Similar Part No. - MX25L3205MC-20

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L3205A MCNIX-MX25L3205A Datasheet
954Kb / 46P
   32M-BIT [x 1] CMOS SERIAL eLiteFlashTM MEMORY
MX25L3205AMC-20 MCNIX-MX25L3205AMC-20 Datasheet
954Kb / 46P
   32M-BIT [x 1] CMOS SERIAL eLiteFlashTM MEMORY
MX25L3205AMC-20G MCNIX-MX25L3205AMC-20G Datasheet
954Kb / 46P
   32M-BIT [x 1] CMOS SERIAL eLiteFlashTM MEMORY
MX25L3205AMI-20 MCNIX-MX25L3205AMI-20 Datasheet
954Kb / 46P
   32M-BIT [x 1] CMOS SERIAL eLiteFlashTM MEMORY
MX25L3205AMI-20G MCNIX-MX25L3205AMI-20G Datasheet
954Kb / 46P
   32M-BIT [x 1] CMOS SERIAL eLiteFlashTM MEMORY
More results

Similar Description - MX25L3205MC-20

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L3205A MCNIX-MX25L3205A Datasheet
954Kb / 46P
   32M-BIT [x 1] CMOS SERIAL eLiteFlashTM MEMORY
MX25L1605ZM MCNIX-MX25L1605ZM Datasheet
406Kb / 44P
   16M-BIT [x 1] CMOS SERIAL eLiteFlashTM MEMORY
MX25L6405 MCNIX-MX25L6405 Datasheet
768Kb / 46P
   64M-BIT [x 1] CMOS SERIAL eLiteFlashTM MEMORY
MX25L3206E MCNIX-MX25L3206E Datasheet
1Mb / 59P
   32M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25L3206EM2 MCNIX-MX25L3206EM2 Datasheet
1Mb / 59P
   32M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25L3206EZUI-12G MCNIX-MX25L3206EZUI-12G Datasheet
1Mb / 59P
   32M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25L3208E MCNIX-MX25L3208E Datasheet
760Kb / 47P
   32M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25L3239E MCNIX-MX25L3239E Datasheet
1Mb / 92P
   32M-BIT [x 1 / x 4] CMOS MXSMIO (SERIAL MULTI I/O) FLASH MEMORY
MX25L3235D MCNIX-MX25L3235D Datasheet
690Kb / 50P
   32M-BIT [x 1/x 2/x 4] CMOS SERIAL FLASH
MX25L3225D MCNIX-MX25L3225D Datasheet
507Kb / 47P
   32M-BIT [x 1/x 2/x 4] CMOS SERIAL FLASH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com