Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX26LV160 Datasheet(PDF) 4 Page - Macronix International

Part # MX26LV160
Description  16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX26LV160 Datasheet(HTML) 4 Page - Macronix International

  MX26LV160 Datasheet HTML 1Page - Macronix International MX26LV160 Datasheet HTML 2Page - Macronix International MX26LV160 Datasheet HTML 3Page - Macronix International MX26LV160 Datasheet HTML 4Page - Macronix International MX26LV160 Datasheet HTML 5Page - Macronix International MX26LV160 Datasheet HTML 6Page - Macronix International MX26LV160 Datasheet HTML 7Page - Macronix International MX26LV160 Datasheet HTML 8Page - Macronix International MX26LV160 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
4
P/N:PM1090
MX26LV160
REV. 1.0, NOV. 08, 2004
TABLE 2: MX26LV160B SECTOR ARCHITECTURE
Sector
Sector Size
Address range
Sector Address
Byte Mode Word Mode Byte Mode (x8) Word Mode (x16) A19 A18 A17 A16 A15 A14 A13 A12
SA0
16Kbytes
8Kwords
000000-003FFF
00000-01FFF
0000000
X
SA1
8Kbytes
4Kwords
004000-005FFF
02000-02FFF
0000001
0
SA2
8Kbytes
4Kwords
006000-007FFF
03000-03FFF
0000001
1
SA3
32Kbytes
16Kwords
008000-00FFFF
04000-07FFF
000001
X
X
SA4
64Kbytes
32Kwords
010000-01FFFF
08000-0FFFF
00001
X
X
X
SA5
64Kbytes
32Kwords
020000-02FFFF
10000-17FFF
00010
X
X
X
SA6
64Kbytes
32Kwords
030000-03FFFF
18000-1FFFF
00011
X
X
X
SA7
64Kbytes
32Kwords
040000-04FFFF
20000-27FFF
00100
X
X
X
SA8
64Kbytes
32Kwords
050000-05FFFF
28000-2FFFF
00101
X
X
X
SA9
64Kbytes
32Kwords
060000-06FFFF
30000-37FFF
00110
X
X
X
SA10
64Kbytes
32Kwords
070000-07FFFF
38000-3FFFF
00111
X
X
X
SA11
64Kbytes
32Kwords
080000-08FFFF
40000-47FFF
01000
X
X
X
SA12
64Kbytes
32Kwords
090000-09FFFF
48000-4FFFF
01001
X
X
X
SA13
64Kbytes
32Kwords
0A0000-0AFFFF 50000-57FFF
01010
X
X
X
SA14
64Kbytes
32Kwords
0B0000-0BFFFF 58000-5FFFF
01011
X
X
X
SA15
64Kbytes
32Kwords
0C0000-0CFFFF 60000-67FFF
01100
X
X
X
SA16
64Kbytes
32Kwords
0D0000-0DFFFF 68000-6FFFF
01101
X
X
X
SA17
64Kbytes
32Kwords
0E0000-0EFFFF 70000-77FFF
01110
X
X
X
SA18
64Kbytes
32Kwords
0F0000-0FFFFF 78000-7FFFF
01111
X
X
X
SA19
64Kbytes
32Kwords
100000-10FFFF
80000-87FFF
10000
X
X
X
SA20
64Kbytes
32Kwords
110000-11FFFF
88000-8FFFF
10001
X
X
X
SA21
64Kbytes
32Kwords
120000-12FFFF
90000-97FFF
10010
X
X
X
SA22
64Kbytes
32Kwords
130000-13FFFF
98000-9FFFF
10011
X
X
X
SA23
64Kbytes
32Kwords
140000-14FFFF
A0000-A7FFF
10100
X
X
X
SA24
64Kbytes
32Kwords
150000-15FFFF
A8000-AFFFF
10101
X
X
X
SA25
64Kbytes
32Kwords
160000-16FFFF
B0000-B7FFF
10110
X
X
X
SA26
64Kbytes
32Kwords
170000-17FFFF
B8000-BFFFF
10111
X
X
X
SA27
64Kbytes
32Kwords
180000-18FFFF
C0000-C7FFF
11000
X
X
X
SA28
64Kbytes
32Kwords
190000-19FFFF
C8000-CFFFF
11001
X
X
X
SA29
64Kbytes
32Kwords
1A0000-1AFFFF D0000-D7FFF
11010
X
X
X
SA30
64Kbytes
32Kwords
1B0000-1BFFFF D8000-DFFFF
11011
X
X
X
SA31
64Kbytes
32Kwords
1C0000-1CFFFF E0000-E7FFF
11100
X
X
X
SA32
64Kbytes
32Kwords
1D0000-1DFFFF E8000-EFFFF
11101
X
X
X
SA33
64Kbytes
32Kwords
1E0000-1EFFFF F0000-FFFFF
11110
X
X
X
SA34
64Kbytes
32Kwords
1F0000-1FFFFF F8000-FFFFF
11111
X
X
X
Note: Byte mode:address range A19:A-1, word mode:address range A19:A0.


Similar Part No. - MX26LV160

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX26LV160AB MCNIX-MX26LV160AB Datasheet
741Kb / 61P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
MX26LV160ABMC-55 MCNIX-MX26LV160ABMC-55 Datasheet
741Kb / 61P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
MX26LV160ABMC-55G MCNIX-MX26LV160ABMC-55G Datasheet
741Kb / 61P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
MX26LV160ABMC-70 MCNIX-MX26LV160ABMC-70 Datasheet
741Kb / 61P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
MX26LV160ABMC-70G MCNIX-MX26LV160ABMC-70G Datasheet
741Kb / 61P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
More results

Similar Description - MX26LV160

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX26LV160AT MCNIX-MX26LV160AT Datasheet
741Kb / 61P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
MX29LV160CT MCNIX-MX29LV160CT Datasheet
921Kb / 66P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV161T MCNIX-MX29LV161T Datasheet
995Kb / 58P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV160AT MCNIX-MX29LV160AT Datasheet
1Mb / 66P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV160B MCNIX-MX29LV160B Datasheet
762Kb / 63P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX26LV400 MCNIX-MX26LV400 Datasheet
550Kb / 46P
   4M-BIT [512Kx8/256Kx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
MX29LV017B MCNIX-MX29LV017B Datasheet
340Kb / 55P
   16M-BIT [2Mx8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LA128MT MCNIX-MX29LA128MT Datasheet
411Kb / 76P
   128M-BIT SINGLE VOLTAGE 3V ONLY BOOT SECTOR FLASH MEMORY
MX26LV800AT MCNIX-MX26LV800AT Datasheet
558Kb / 50P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
MX26LV040 MCNIX-MX26LV040 Datasheet
588Kb / 40P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com