Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MN8390-C Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # MN8390-C
Description  LCD Panel Source Driver
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MN8390-C Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MN8390-C Datasheet HTML 1Page - Panasonic Semiconductor MN8390-C Datasheet HTML 2Page - Panasonic Semiconductor MN8390-C Datasheet HTML 3Page - Panasonic Semiconductor MN8390-C Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For Information Equipment
MN8390-C
LCD Panel Source Driver
Overview
The MN8390-C is for displaying an analog video signal on
a TFT color liquid crystal display panel in such applications
as LCD television sets and video cameras.
Features
Lower power consumption and reduced EMI emissions
owing to digital 3.0 volt power supply and analog 5.0
volt power supply
Broad dynamic range of 4.6 V (for power supply
voltage of 5.0 V)
Low discrepancies between output pins:
±20 mV (typ.)
240 output channels
Support for striped and delta panel layouts by switching
analog (R, G, B) signals
Support for sequential sampling mode (with CLK1 to
CLK3 inputs)
Support for serial cascade connections
Automatic clock suspension after reading specified
amount of data
Choice of shift register shift directions (right/left)
Applications
LCD television sets and video cameras


Similar Part No. - MN8390-C

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN83876A PANASONIC-MN83876A Datasheet
28Kb / 3P
   Liquid Crystal Display Panel Source Driver
MN838850 PANASONIC-MN838850 Datasheet
134Kb / 26P
   Source Driver for LCD Panel Drive
MN838898 PANASONIC-MN838898 Datasheet
279Kb / 20P
   CMOS LSI source driver for color TFT LCD panels
More results

Similar Description - MN8390-C

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN838850 PANASONIC-MN838850 Datasheet
134Kb / 26P
   Source Driver for LCD Panel Drive
logo
List of Unclassifed Man...
NT3960 ETC1-NT3960 Datasheet
225Kb / 20P
   TFT LCD Source Driver
NT3967 ETC1-NT3967 Datasheet
97Kb / 11P
   TFT LCD Source Driver
NT3980 ETC-NT3980 Datasheet
119Kb / 13P
   TFT LCD Source Driver
NT3966 ETC1-NT3966 Datasheet
102Kb / 11P
   TFT LCD SOURCE DRIVER
logo
Hynix Semiconductor
HM10S801A HYNIX-HM10S801A Datasheet
209Kb / 22P
   CMOS TFT-LCD SOURCE DRIVER
logo
Princeton Technology Co...
PT16103 PTC-PT16103 Datasheet
514Kb / 5P
   480CH TFT LCD Source Driver
logo
Hynix Semiconductor
HM10S604 HYNIX-HM10S604 Datasheet
249Kb / 16P
   CMOS TFT-LCD SOURCE DRIVER
logo
Princeton Technology Co...
PT16102 PTC-PT16102 Datasheet
628Kb / 7P
   804CH TFT LCD Source Driver
logo
Renesas Technology Corp
PD16781 RENESAS-PD16781_15 Datasheet
237Kb / 18P
   480 OUTPUT TFT-LCD SOURCE DRIVER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com