Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX26LV400TXBC-55 Datasheet(PDF) 7 Page - Macronix International

Part # MX26LV400TXBC-55
Description  4M-BIT [512Kx8/256Kx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX26LV400TXBC-55 Datasheet(HTML) 7 Page - Macronix International

Back Button MX26LV400TXBC-55 Datasheet HTML 3Page - Macronix International MX26LV400TXBC-55 Datasheet HTML 4Page - Macronix International MX26LV400TXBC-55 Datasheet HTML 5Page - Macronix International MX26LV400TXBC-55 Datasheet HTML 6Page - Macronix International MX26LV400TXBC-55 Datasheet HTML 7Page - Macronix International MX26LV400TXBC-55 Datasheet HTML 8Page - Macronix International MX26LV400TXBC-55 Datasheet HTML 9Page - Macronix International MX26LV400TXBC-55 Datasheet HTML 10Page - Macronix International MX26LV400TXBC-55 Datasheet HTML 11Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
7
P/N:PM1094
MX26LV400
REV. 1.0, NOV. 08, 2004
First Bus
Second Bus
Third Bus
Fourth Bus
Fifth Bus
Sixth Bus
Command
Bus
Cycle
Cycle
Cycle
Cycle
Cycle
Cycle
Cycle Addr
Data Addr
Data
Addr
Data Addr
Data
Addr
Data Addr
Data
Reset
1
XXXH F0H
Read
1
RA
RD
Read Silicon ID
Word
4
555H AAH 2AAH
55H
555H
90H ADI
DDI
Byte
4
AAAH AAH 555H
55H
AAAH
90H ADI
DDI
Program
Word
4
555H AAH 2AAH
55H
555H
A0H PA
PD
Byte
4
AAAH AAH 555H
55H
AAAH
A0H PA
PD
Chip Erase
Word
6
555H AAH 2AAH
55H
555H
80H 555H
AAH
2AAH 55H
555H 10H
Byte
6
AAAH AAH 555H
55H
AAAH
80H AAAH AAH
555H
55H
AAAH 10H
Sector Erase
Word
6
555H AAH 2AAH
55H
555H
80H 555H
AAH
2AAH 55H
SA
30H
Byte
6
AAAH AAH 555H
55H
AAAH
80H AAAH AAH
555H
55H
SA
30H
TABLE 4. MX26LV400 COMMAND DEFINITIONS
Note:
1. ADI = Address of Device identifier; A1=0, A0 = 0 for manufacturer code,A1=0, A0 = 1 for device code. A2-A17=do not care.
(Refer to table 3)
DDI = Data of Device identifier : C2H for manufacture code, 22B9/B9(Top), and 22BA/BA(Bottom) for device code.
X = X can be VIL or VIH
RA=Address of memory location to be read.
RD=Data to be read at location RA.
2. PA = Address of memory location to be programmed.
PD = Data to be programmed at location PA.
SA = Address of the sector.
3. The system should generate the following address patterns: 555H or 2AAH to Address A10~A0 in word mode/AAAH or
555H to Address A10~A-1 in byte mode.
Address bit A11~A17=X=Don't care for all address commands except for Program Address (PA) and Sector Address (SA).
Write Sequence may be initiated with A11~A17 in either state.


Similar Part No. - MX26LV400TXBC-55

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX26LV004B MCNIX-MX26LV004B Datasheet
459Kb / 43P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
MX26LV004BQC-55 MCNIX-MX26LV004BQC-55 Datasheet
459Kb / 43P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
MX26LV004BQC-55G MCNIX-MX26LV004BQC-55G Datasheet
459Kb / 43P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
MX26LV004BQC-70 MCNIX-MX26LV004BQC-70 Datasheet
459Kb / 43P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
MX26LV004BQC-70G MCNIX-MX26LV004BQC-70G Datasheet
459Kb / 43P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
More results

Similar Description - MX26LV400TXBC-55

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29F400CT MCNIX-MX29F400CT Datasheet
442Kb / 42P
   4M-BIT [512Kx8/256Kx16] CMOS SINGLE VOLTAGE 5V ONLY BOOT SECTOR FLASH MEMORY
MX26LV160AT MCNIX-MX26LV160AT Datasheet
741Kb / 61P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
MX26LV160 MCNIX-MX26LV160 Datasheet
700Kb / 48P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
MX26LV040 MCNIX-MX26LV040 Datasheet
588Kb / 40P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
MX26LV004T MCNIX-MX26LV004T Datasheet
459Kb / 43P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
MX29F400T MCNIX-MX29F400T Datasheet
710Kb / 44P
   4M-BIT [512Kx8/256Kx16] CMOS FLASH MEMORY
MX29LA128MT MCNIX-MX29LA128MT Datasheet
411Kb / 76P
   128M-BIT SINGLE VOLTAGE 3V ONLY BOOT SECTOR FLASH MEMORY
MX29F4000 MCNIX-MX29F4000 Datasheet
247Kb / 36P
   4M-BIT [512KX8] CMOS EQUAL SECTOR FLASH MEMORY
MX26LV800AT MCNIX-MX26LV800AT Datasheet
558Kb / 50P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
MX26LV008T MCNIX-MX26LV008T Datasheet
300Kb / 43P
   8M-BIT [1M x 8] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com