Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX26LV800ABTC-55 Datasheet(PDF) 1 Page - Macronix International

Part # MX26LV800ABTC-55
Description  8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX26LV800ABTC-55 Datasheet(HTML) 1 Page - Macronix International

  MX26LV800ABTC-55 Datasheet HTML 1Page - Macronix International MX26LV800ABTC-55 Datasheet HTML 2Page - Macronix International MX26LV800ABTC-55 Datasheet HTML 3Page - Macronix International MX26LV800ABTC-55 Datasheet HTML 4Page - Macronix International MX26LV800ABTC-55 Datasheet HTML 5Page - Macronix International MX26LV800ABTC-55 Datasheet HTML 6Page - Macronix International MX26LV800ABTC-55 Datasheet HTML 7Page - Macronix International MX26LV800ABTC-55 Datasheet HTML 8Page - Macronix International MX26LV800ABTC-55 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
1
P/N:PM1128
REV. 1.1, MAR. 28, 2005
MX26LV800AT/AB
8M-BIT[1Mx8/512Kx16]CMOSSINGLEVOLTAGE
3V ONLY HIGH SPEED eLiteFlashTM MEMORY
and erase operation completion
• Ready/Busy# pin (RY/BY#)
- Provides a hardware method of detecting program or
erase operation completion
• CFI (Common Flash Interface) compliant
- Flash device parameters stored on the device and
provide the host system to access
• 2,000 minimum erase/program cycles
• Latch-up protected to 100mA from -1V to VCC+1V
• Boot Sector Architecture
- T = Top Boot Sector
- B = Bottom Boot Sector
• Package type:
- 48-pin TSOP
- 48-ball CSP
• Compatibility with JEDEC standard
- Pinout and software compatible with single-power
supply Flash
• 20 years data retention
FEATURES
• Extended single - supply voltage range 3.0V to 3.6V
• 1,048,576 x 8/524,288 x 16 switchable
• Single power supply operation
- 3.0V only operation for read, erase and program
operation
• Fast access time: 55/70ns
• Low power consumption
- 30mA maximum active current
- 30uA typical standby current
• Command register architecture
- Byte/word Programming (55us/70us typical)
- Sector Erase (Sector structure 16K-Bytex1,
8K-Bytex2, 32K-Bytex1, and 64K-Byte x15)
• Auto Erase (chip & sector) and Auto Program
- Automatically erase any combination of sectors with
Erase verify capability.
- Automatically program and verify data at specified
address
• Status Reply
- Data# polling & Toggle bit for detection of program
GENERAL DESCRIPTION
The MX26LV800AT/AB is a 8-mega bit high speed Flash
memory organized as 1M bytes of 8 bits or 512K words
of 16 bits. MXIC's high speed Flash memories offer the
most cost-effective and reliable read/write non-volatile
random access memory. The MX26LV800AT/AB is pack-
aged in 48-pin TSOP, and 48-ball CSP. It is designed to
be reprogrammed and erased in system or in standard
EPROM programmers.
The standard MX26LV800AT/AB offers access time as
fast as 55ns, allowing operation of high-speed micropro-
cessors without wait states. To eliminate bus conten-
tion, the MX26LV800AT/AB has separate chip enable
(CE#) and output enable (OE#) controls.
MXIC's high speed Flash memories augment EPROM
functionality with in-circuit electrical erasure and program-
ming. The MX26LV800AT/AB uses a command register
to manage this functionality. The command register al-
lows for 100% TTL level control inputs and fixed power
supply levels during erase and programming, while main-
taining maximum EPROM compatibility.
MXIC high speed Flash technology reliably stores
memory contents even after 2,000 erase and program
cycles. The MXIC cell is designed to optimize the erase
and programming mechanisms. In addition, the combi-
nation of advanced tunnel oxide processing and low in-
ternal electric fields for erase and program operations
produces reliable cycling. The MX26LV800AT/AB uses
a 3.0V~3.6V VCC supply to perform the High Reliability
Erase and auto Program/Erase algorithms.
The highest degree of latch-up protection is achieved
with MXIC's proprietary non-epi process. Latch-up pro-
tection is proved for stresses up to 100 milliamperes on
address and data pin from -1V to VCC + 1V.
Macronix NBitTM Memory Family


Similar Part No. - MX26LV800ABTC-55

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX26LV800B MCNIX-MX26LV800B Datasheet
553Kb / 48P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
MX26LV800BTC-55 MCNIX-MX26LV800BTC-55 Datasheet
553Kb / 48P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
MX26LV800BTC-55G MCNIX-MX26LV800BTC-55G Datasheet
553Kb / 48P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
MX26LV800BTC-70 MCNIX-MX26LV800BTC-70 Datasheet
553Kb / 48P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
MX26LV800BTC-70G MCNIX-MX26LV800BTC-70G Datasheet
553Kb / 48P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
More results

Similar Description - MX26LV800ABTC-55

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX26LV800T MCNIX-MX26LV800T Datasheet
553Kb / 48P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
MX29LV800CT MCNIX-MX29LV800CT Datasheet
783Kb / 69P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV800BT MCNIX-MX29LV800BT Datasheet
749Kb / 63P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV800T MCNIX-MX29LV800T Datasheet
1Mb / 60P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29SL800CT MCNIX-MX29SL800CT Datasheet
734Kb / 64P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 1.8V ONLY FLASH MEMORY
MX26LV008T MCNIX-MX26LV008T Datasheet
300Kb / 43P
   8M-BIT [1M x 8] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
MX26LV040 MCNIX-MX26LV040 Datasheet
588Kb / 40P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
MX26LV004T MCNIX-MX26LV004T Datasheet
459Kb / 43P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
MX26LV160AT MCNIX-MX26LV160AT Datasheet
741Kb / 61P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
MX26LV400 MCNIX-MX26LV400 Datasheet
550Kb / 46P
   4M-BIT [512Kx8/256Kx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com