Electronic Components Datasheet Search |
|
MX26LV160ATTC-70 Datasheet(PDF) 10 Page - Macronix International |
|
MX26LV160ATTC-70 Datasheet(HTML) 10 Page - Macronix International |
10 / 61 page 10 P/N:PM1123 MX26LV160AT/AB REV. 1.1, NOV. 18, 2004 REQUIREMENTS FOR READING ARRAY DATA To read array data from the outputs, the system must drive the CE# and OE# pins to VIL. CE# is the power control and selects the device. OE# is the output control and gates array data to the output pins. WE# should re- main at VIH. The internal state machine is set for reading array data upon device power-up, or after a hardware reset. This ensures that no spurious alteration of the memory con- tent occurs during the power transition. No command is necessary in this mode to obtain array data. Standard microprocessor read cycles that assert valid address on the device address inputs produce valid data on the de- vice data outputs. The device remains enabled for read access until the command register contents are altered. WRITE COMMANDS/COMMAND SEQUENCES To program data to the device or erase sectors of memory , the system must drive WE# and CE# to VIL, and OE# to VIH. The "Word/byte Program Command Sequence" section has details on programming data to the device. An erase operation can erase one sector, multiple sec- tors , or the entire device. Table indicates the address space that each sector occupies. A "sector address" consists of the address bits required to uniquely select a sector.The "Writing specific address and data commands or sequences into the command register initiates device operations. Table 1 defines the valid register command sequences. Writing incorrect address and data values or writing them in the improper sequence resets the device to reading array data. Section has details on erasing a sector or the entire chip. After the system writes the autoselect command se- quence, the device enters the autoselect mode. The sys- tem can then read autoselect codes from the internal register (which is separate from the memory array) on Q7-Q0. Standard read cycle timings apply in this mode. Refer to the Autoselect Mode and Autoselect Command Sequence section for more information. ICC2 in the DC Characteristics table represents the ac- tive current specification for the write mode. The "AC Characteristics" section contains timing specification table and timing diagrams for write operations. STANDBY MODE When using both pins of CE# and RESET#, the device enter CMOS Standby with both pins held at VCC ±0.3V. If CE# and RESET# are held at VIH, but not within the range of VCC ±0.3V, the device will still be in the standby mode, but the standby current will be larger. During Auto Algorithm operation, Vcc active current (Icc2) is required even CE# = "H" until the operation is completed. The device can be read with standard access time (tCE) from either of these standby modes, before it is ready to read data. OUTPUT DISABLE With the OE# input at a logic high level (VIH), output from the devices are disabled. This will cause the output pins to be in a high impedance state. RESET# OPERATION The RESET# pin provides a hardware method of reset- ting the device to reading array data. When the RESET# pin is driven low for at least a period of tRP, the device immediately terminates any operation in progress, tri- states all output pins, and ignores all read/write com- mands for the duration of the RESET# pulse. The de- vice also resets the internal state machine to reading array data. The operation that was interrupted should be reinitiated once the device is ready to accept another command sequence, to ensure data integrity Current is reduced for the duration of the RESET# pulse. When RESET# is held at VSS±0.3V, the device draws CMOS standby current (ICC4). If RESET# is held at VIL but not within VSS±0.3V, the standby current will be greater. The RESET# pin may be tied to system reset circuitry. A system reset would that also reset the high speed Flash, enabling the system to read the boot-up firmware from the high speed Flash. If RESET# is asserted during a program or erase opera- tion, the RY/BY# pin remains a "0" (busy) until the inter- |
Similar Part No. - MX26LV160ATTC-70 |
|
Similar Description - MX26LV160ATTC-70 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |