Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX26LV004BTC-70G Datasheet(PDF) 9 Page - Macronix International

Part # MX26LV004BTC-70G
Description  4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX26LV004BTC-70G Datasheet(HTML) 9 Page - Macronix International

Back Button MX26LV004BTC-70G Datasheet HTML 5Page - Macronix International MX26LV004BTC-70G Datasheet HTML 6Page - Macronix International MX26LV004BTC-70G Datasheet HTML 7Page - Macronix International MX26LV004BTC-70G Datasheet HTML 8Page - Macronix International MX26LV004BTC-70G Datasheet HTML 9Page - Macronix International MX26LV004BTC-70G Datasheet HTML 10Page - Macronix International MX26LV004BTC-70G Datasheet HTML 11Page - Macronix International MX26LV004BTC-70G Datasheet HTML 12Page - Macronix International MX26LV004BTC-70G Datasheet HTML 13Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
9
P/N:PM1099
MX26LV004T/B
REV. 1.0, NOV. 08, 2004
REQUIREMENTS FOR READING ARRAY
DATA
To read array data from the outputs, the system must
drive the CE# and OE# pins to VIL. CE# is the power
control and selects the device. OE# is the output control
and gates array data to the output pins.WE# should remain
at VIH.
The internal state machine is set for reading array data
upon device power-up, or after a hardware reset. This
ensures that no spurious alteration of the memory content
occurs during the power transition. No command is
necessary in this mode to obtain array data. Standard
microprocessor read cycles that assert valid address on
the device address inputs produce valid data on the device
data outputs.The device remains enabled for read access
until the command register contents are altered.
WRITE COMMANDS/COMMAND SEQUENCES
To program data to the device or erase sectors of memory
, the system must drive WE# and CE# to VIL, and OE#
to VIH.
The "Byte Program Command Sequence" section has
details on programming data to the device.
An erase operation can erase one sector, multiple sectors
, or the entire device. Table indicates the address space
that each sector occupies. A "sector address" consists
of the address bits required to uniquely select a sector.
The "Writing specific address and data commands or
sequences into the command register initiates device
operations. Table 1 defines the valid register command
sequences. Writing incorrect address and data values or
writing them in the improper sequence resets the device
to reading array data. Section has details on erasing a
sector or the entire chip, or suspending/resuming the erase
operation.
After the system writes the autoselect command
sequence, the device enters the autoselect mode. The
system can then read autoselect codes from the internal
register (which is separate from the memory array) on
Q7-Q0. Standard read cycle timings apply in this mode.
Refer to the Autoselect Mode and Autoselect Command
Sequence section for more information.
ICC2 in the DC Characteristics table represents the active
current specification for the write mode. The "AC
Characteristics" section contains timing specification
table and timing diagrams for write operations.
STANDBY MODE
When using both pins of CE# and RESET#, the device
enter CMOS Standby with both pins held at Vcc
± 0.3V.
If CE# and RESET# are held at VIH, but not within the
range of VCC
±0.3V, the device will still be in the standby
mode, but the standby current will be larger. During Auto
Algorithm operation, Vcc active current (Icc2) is required
even CE# = "H" until the operation is completed. The
device can be read with standard access time (tCE) from
either of these standby modes, before it is ready to read
data.
OUTPUT DISABLE
With the OE# input at a logic high level (VIH), output
from the devices are disabled. This will cause the output
pins to be in a high impedance state.
RESET# OPERATION
The RESET# pin provides a hardware method of resetting
the device to reading array data. When the RESET# pin
is driven low for at least a period of tRP, the device
immediately terminates any operation in progress,
tristates all output pins, and ignores all read/write
commands for the duration of the RESET# pulse. The
device also resets the internal state machine to reading
array data. The operation that was interrupted should be
reinitiated once the device is ready to accept another
command sequence, to ensure data integrity
Current is reduced for the duration of the RESET# pulse.
When RESET# is held at VSS
±0.3V, the device draws
CMOS standby current (ICC4). If RESET# is held at VIL
but not within VSS
±0.3V, the standby current will be
greater.
The RESET# pin may be tied to system reset circuitry.
A system reset would that also reset the Flash memory,
enabling the system to read the boot-up firm-ware from
the Flash memory.
If RESET# is asserted during a program or erase


Similar Part No. - MX26LV004BTC-70G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX26LV008B MCNIX-MX26LV008B Datasheet
300Kb / 43P
   8M-BIT [1M x 8] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
MX26LV008BTC-55 MCNIX-MX26LV008BTC-55 Datasheet
300Kb / 43P
   8M-BIT [1M x 8] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
MX26LV008BTC-70 MCNIX-MX26LV008BTC-70 Datasheet
300Kb / 43P
   8M-BIT [1M x 8] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
MX26LV008T MCNIX-MX26LV008T Datasheet
300Kb / 43P
   8M-BIT [1M x 8] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
MX26LV008TTC-55 MCNIX-MX26LV008TTC-55 Datasheet
300Kb / 43P
   8M-BIT [1M x 8] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
More results

Similar Description - MX26LV004BTC-70G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX26LV040 MCNIX-MX26LV040 Datasheet
588Kb / 40P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
MX29LV004T MCNIX-MX29LV004T Datasheet
724Kb / 54P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV004CT MCNIX-MX29LV004CT Datasheet
517Kb / 59P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX26LV008T MCNIX-MX26LV008T Datasheet
300Kb / 43P
   8M-BIT [1M x 8] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
MX26LV800AT MCNIX-MX26LV800AT Datasheet
558Kb / 50P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
MX26LV800T MCNIX-MX26LV800T Datasheet
553Kb / 48P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
MX29LV040C MCNIX-MX29LV040C Datasheet
484Kb / 52P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY
MX26LV400 MCNIX-MX26LV400 Datasheet
550Kb / 46P
   4M-BIT [512Kx8/256Kx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
MX29LV400T MCNIX-MX29LV400T Datasheet
1Mb / 59P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV400CT MCNIX-MX29LV400CT Datasheet
888Kb / 68P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com