Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD42211 Datasheet(PDF) 3 Page - Solid State Optronic

Part # AD42211
Description  2 Form A Solid State Relay
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

AD42211 Datasheet(HTML) 3 Page - Solid State Optronic

  AD42211 Datasheet HTML 1Page - Solid State Optronic AD42211 Datasheet HTML 2Page - Solid State Optronic AD42211 Datasheet HTML 3Page - Solid State Optronic AD42211 Datasheet HTML 4Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AD42211
2 Form A
Solid State Relay
PERFORMANCE DATA
0
10
20
30
40
50
60
0
0.05 0.1 0.15 0.2 0.25 0.3 0.35
Turn-On Tim e (m s)
AD42211
0
10
20
30
40
50
0.01 0.02 0.03 0.04 0.05 0.06 0.07 0.08
Turn-Off Tim e (m s)
Typical Turn-On Time Distribution
N = 100, Ambient Temperature = 25°C
AD42211
Typical Turn-Off Time Distribution
N = 100, Ambient Temperature = 25°C
0
10
20
30
40
15.5 16
16.5 17 17.5 18
18.5 19
On-Resistance (ohm s)
AD42211
0
10
20
30
40
50
0.25 0.28 0.3 0.33 0.35 0.38 0.4 0.43
Leakage Current (uA)
Typical On-Resistance Distribution
N = 100, Ambient Temperature = 25°C
AD42211
Typical Leakage Current Distribution
N = 100, Ambient Temperature = 25°C
0
10
20
30
40
50
380 400 420 440 460 480 500 520
Blocking Voltage (V)
AD42211
0
50
100
150
200
Tem perature (C)
Typical Blocking Voltage Distribution
N = 100, Ambient Temperature = 25°C
AD42211
Typical Load Current vs. Temperature
rev 1.0
Solid State Optronics, Inc.
1.888.377.4776
www.ssousa.com


Similar Part No. - AD42211

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AD422-00 ETC2-AD422-00 Datasheet
159Kb / 12P
   Package Drawings and Specifications
More results

Similar Description - AD42211

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1503AAC VISHAY-LH1503AAC Datasheet
190Kb / 9P
   2 Form A Solid State Relay
Rev. 1.3, 26-Oct-04
LH1503AAC VISHAY-LH1503AAC_11 Datasheet
156Kb / 7P
   2 Form A Solid-State Relay
Rev. 1.6, 25-Jul-11
LH1513AAC VISHAY-LH1513AAC_11 Datasheet
157Kb / 7P
   2 Form A Solid-State Relay
Rev. 1.5, 25-Jul-11
LH1503AB VISHAY-LH1503AB Datasheet
58Kb / 5P
   2 Form A Solid State Relay
Revision 06-March-02
VOR1142B6 VISHAY-VOR1142B6 Datasheet
155Kb / 9P
   1 Form A Solid-State Relay
Rev. 1.1, 17-Nov-15
LH1540AAB VISHAY-LH1540AAB Datasheet
210Kb / 9P
   1 Form A Solid State Relay
Rev. 1.4, 26-Oct-04
logo
Solid State Optronic
AD8C250 SSOUSA-AD8C250 Datasheet
165Kb / 4P
   1 Form A Solid State Relay
S111 SSOUSA-S111 Datasheet
228Kb / 5P
   1 Form A Solid State Relay
SP540-X SSOUSA-SP540-X Datasheet
166Kb / 5P
   1 Form A Solid State Relay
logo
Vishay Siliconix
LH1540AAB VISHAY-LH1540AAB_11 Datasheet
158Kb / 8P
   1 Form A Solid-State Relay
Rev. 1.9, 25-Jul-11
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com