Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

552GE622M080BG Datasheet(PDF) 3 Page - Silicon Laboratories

Part # 552GE622M080BG
Description  DUAL FREQUENCY VCXO (10 MHZ TO 1.4 GHZ)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

552GE622M080BG Datasheet(HTML) 3 Page - Silicon Laboratories

  552GE622M080BG Datasheet HTML 1Page - Silicon Laboratories 552GE622M080BG Datasheet HTML 2Page - Silicon Laboratories 552GE622M080BG Datasheet HTML 3Page - Silicon Laboratories 552GE622M080BG Datasheet HTML 4Page - Silicon Laboratories 552GE622M080BG Datasheet HTML 5Page - Silicon Laboratories 552GE622M080BG Datasheet HTML 6Page - Silicon Laboratories 552GE622M080BG Datasheet HTML 7Page - Silicon Laboratories 552GE622M080BG Datasheet HTML 8Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Si552
Preliminary Rev. 0.2
3
RMS Jitter for FOUT of 125 to
500 MHz
12 kHz to 20 MHz
50 kHz to 80 MHz
0.61
0.52
ps
125 < FOUT < 500 MHz
Differential Modes:
LVPECL/LVDS/CML
Period Jitter for FOUT < 160 MHz
Peak-to-Peak
RMS
7
2
ps
Any output
N = 1000 cycles
LVPECL Output Option
mid-level
swing (diff)
swing (single-ended)
VDD – 1.42
1.1
0.5
VDD – 1.25
1.9
0.93
V
VPP
VPP
50
Ω to VDD – 2.0 V
LVDS Output Option
mid-level
swing (diff)
1.125
0.5
1.2
0.7
1.275
0.9
V
VPP
Rterm =100 Ω (differential)
CML Output Option
mid-level
swing
0.35
VDD – 0.36
0.425
0.5
V
VPP
Rterm = 100
Ω (differential)
CMOS Output Option
VOH
VOL
0.8xVDD
VDD
0.4
V
CL =15pF
Rise/Fall time
1
350
ps
ns
CML/LVPECL/LVDS at 20% / 80%
CMOS
Inputs
Voltage
3.3 V option
2.5 V option
1.8 V option
2.97
2.25
1.71
3.3
2.5
1.8
3.63
2.75
1.89
V
Optional parameter specified by P/N
Supply Current
90
mA
Control Voltage (VC)0
VDD
V
Tuning range for control voltage
Frequency Select
VIL
VIH
0
0.75 x VDD
0.5
VDD
V
“0” selects F1
“1” selects F2
Table 2. Absolute Maximum Ratings
Parameter
Symbol
Rating
Units
Supply Voltage
VDD
–0.5 to +3.8
V
Storage Temperature
TS
–55 to +125
°C
Table 1. Si552 Electrical Specifications (Continued)
Parameter
Min
Typ
Max
Units
Notes


Similar Part No. - 552GE622M080BG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
552G-02I IDT-552G-02I Datasheet
109Kb / 7P
   LOW SKEW 2 INPUT MUX AND 1 TO 8 CLOCK BUFFER Industrial temperature
552G-02ILN IDT-552G-02ILN Datasheet
104Kb / 7P
   LOW SKEW 2 INPUT MUX AND 1 TO 8 CLOCK BUFFER
552G-02ILN IDT-552G-02ILN Datasheet
109Kb / 7P
   LOW SKEW 2 INPUT MUX AND 1 TO 8 CLOCK BUFFER Industrial temperature
logo
Renesas Technology Corp
552G-02ILN RENESAS-552G-02ILN Datasheet
262Kb / 8P
   LOW SKEW 2 INPUT MUX AND 1 TO 8 CLOCK BUFFER
051310
logo
Integrated Device Techn...
552G-02ILNT IDT-552G-02ILNT Datasheet
109Kb / 7P
   LOW SKEW 2 INPUT MUX AND 1 TO 8 CLOCK BUFFER Industrial temperature
More results

Similar Description - 552GE622M080BG

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI532 SILABS-SI532 Datasheet
173Kb / 10P
   DUAL FREQUENCY XO (10 MHZ TO 1.4 GHZ)
logo
Skyworks Solutions Inc.
SI552 SKYWORKS-SI552 Datasheet
499Kb / 15P
   999900999789989DUAL FREQUENCY VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
REVISION D Rev. 1.2
SI554 SKYWORKS-SI554 Datasheet
517Kb / 15P
   QUAD FREQUENCY VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
REVISION D
SI570 SKYWORKS-SI570 Datasheet
639Kb / 36P
   10 MHZ TO 1.4 GHZ I2C PROGRAMMABLE XO/VCXO
Rev. 1.6
logo
Silicon Laboratories
SI533 SILABS-SI533 Datasheet
225Kb / 12P
   DUAL FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
logo
Skyworks Solutions Inc.
SI533 SKYWORKS-SI533 Datasheet
488Kb / 12P
   DUAL-FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Rev. 1.4
SI532 SKYWORKS-SI532 Datasheet
487Kb / 12P
   DUAL FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Rev. 1.4
logo
Silicon Laboratories
SI550 SILABS-SI550 Datasheet
207Kb / 12P
   VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
logo
Silicon image
550AD30M7200DG SILICONIMAGE-550AD30M7200DG Datasheet
114Kb / 15P
   VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
logo
Skyworks Solutions Inc.
SI550 SKYWORKS-SI550 Datasheet
514Kb / 16P
   VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
REVISION D Rev. 1.2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com