Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX26LV160ATXEC-55G Datasheet(PDF) 1 Page - Macronix International

Part # MX26LV160ATXEC-55G
Description  16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX26LV160ATXEC-55G Datasheet(HTML) 1 Page - Macronix International

  MX26LV160ATXEC-55G Datasheet HTML 1Page - Macronix International MX26LV160ATXEC-55G Datasheet HTML 2Page - Macronix International MX26LV160ATXEC-55G Datasheet HTML 3Page - Macronix International MX26LV160ATXEC-55G Datasheet HTML 4Page - Macronix International MX26LV160ATXEC-55G Datasheet HTML 5Page - Macronix International MX26LV160ATXEC-55G Datasheet HTML 6Page - Macronix International MX26LV160ATXEC-55G Datasheet HTML 7Page - Macronix International MX26LV160ATXEC-55G Datasheet HTML 8Page - Macronix International MX26LV160ATXEC-55G Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 61 page
background image
1
P/N:PM1123
REV. 1.1, NOV. 18, 2004
MX26LV160AT/AB
16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE
3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
- Provides a hardware method of detecting program or
erase operation completion
• Sector protection
- Hardware method to disable any combination of
sectors from program or erase operations
- Temporary sector unprotect allows code changes in
previously locked sectors
• CFI (Common Flash Interface) compliant
- Flash device parameters stored on the device and
provide the host system to access
• 2K minimum erase/program cycles
• Latch-up protected to 100mA from -1V to VCC+1V
• Boot Sector Architecture
- T = Top Boot Sector
- B = Bottom Boot Sector
• Package type:
- 44-pin SOP
- 48-pin TSOP
- 48-ball CSP
• Compatibility with JEDEC standard
- Pinout and software compatible with single-power
supply Flash
• 20 years data retention
FEATURES
• Extended single - supply voltage range 3.0V to 3.6V
• 2,097,152 x 8 / 1,048,576 x 16 switchable
• Single power supply operation
- 3.0V only operation for read, erase and program
operation
• Fast access time: 55/70ns
• Low power consumption
- 30mA maximum active current
- 30uA typical standby current
• Command register architecture
- Byte/word Programming (55us/70us typical)
- Sector Erase (Sector structure 16K-Bytex1,
8K-Bytex2, 32K-Bytex1, and 64K-Byte x31)
• Auto Erase (chip & sector) and Auto Program
- Automatically erase any combination of sectors with
erase verify capability
- Automatically program and verify data at specified
address
• Status Reply
- Data# polling & Toggle bit for detection of program
and erase operation completion
• Ready/Busy# pin (RY/BY#)
GENERAL DESCRIPTION
The MX26LV160AT/AB is a 16-mega bit high speed Flash
memory organized as 2M bytes of 8 bits or 1M words of
16 bits. MXIC's high speed Flash memories offer the
most cost-effective and reliable read/write non-volatile
random access memory. The MX26LV160AT/AB is pack-
aged in 44-pin SOP, 48-pin TSOP, and 48-ball CSP. It is
designed to be reprogrammed and erased in system or
in standard EPROM programmers.
The standard MX26LV160AT/AB offers access time as
fast as 55ns, allowing operation of high-speed micropro-
cessors without wait states. To eliminate bus conten-
tion, the MX26LV160AT/AB has separate chip enable
(CE#) and output enable (OE#) controls.
MXIC's high speed Flash memories augment EPROM
functionality with in-circuit electrical erasure and program-
ming. The MX26LV160AT/AB uses a command register
to manage this functionality. The command register al-
lows for 100% TTL level control inputs and fixed power
supply levels during erase and programming, while main-
taining maximum EPROM compatibility.
MXIC high speed Flash technology reliably stores
memory contents even after 2K erase and program
cycles. The MXIC cell is designed to optimize the erase
and programming mechanisms. In addition, the combi-
nation of advanced tunnel oxide processing and low in-
ternal electric fields for erase and program operations
produces reliable cycling. The MX26LV160AT/AB uses
a 3.0V~3.6V VCC supply to perform the High Reliability
Erase and auto Program/Erase algorithms.
The highest degree of latch-up protection is achieved
with MXIC's proprietary non-epi process. Latch-up pro-
tection is proved for stresses up to 100 milliamperes on
address and data pin from -1V to VCC + 1V.
Macronix NBitTM Memory Family


Similar Part No. - MX26LV160ATXEC-55G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX26LV160 MCNIX-MX26LV160 Datasheet
700Kb / 48P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
MX26LV160BMC-55 MCNIX-MX26LV160BMC-55 Datasheet
700Kb / 48P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
MX26LV160BMC-55G MCNIX-MX26LV160BMC-55G Datasheet
700Kb / 48P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
MX26LV160BMC-70 MCNIX-MX26LV160BMC-70 Datasheet
700Kb / 48P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
MX26LV160BMC-70G MCNIX-MX26LV160BMC-70G Datasheet
700Kb / 48P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
More results

Similar Description - MX26LV160ATXEC-55G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX26LV160 MCNIX-MX26LV160 Datasheet
700Kb / 48P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
MX29LV160CT MCNIX-MX29LV160CT Datasheet
921Kb / 66P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV161T MCNIX-MX29LV161T Datasheet
995Kb / 58P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV160AT MCNIX-MX29LV160AT Datasheet
1Mb / 66P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV160B MCNIX-MX29LV160B Datasheet
762Kb / 63P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX26LV400 MCNIX-MX26LV400 Datasheet
550Kb / 46P
   4M-BIT [512Kx8/256Kx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
MX29LV017B MCNIX-MX29LV017B Datasheet
340Kb / 55P
   16M-BIT [2Mx8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LA128MT MCNIX-MX29LA128MT Datasheet
411Kb / 76P
   128M-BIT SINGLE VOLTAGE 3V ONLY BOOT SECTOR FLASH MEMORY
MX26LV800AT MCNIX-MX26LV800AT Datasheet
558Kb / 50P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
MX26LV040 MCNIX-MX26LV040 Datasheet
588Kb / 40P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com