Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX28F640C3BT Datasheet(PDF) 2 Page - Macronix International

Part # MX28F640C3BT
Description  64M-BIT [4M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX28F640C3BT Datasheet(HTML) 2 Page - Macronix International

  MX28F640C3BT Datasheet HTML 1Page - Macronix International MX28F640C3BT Datasheet HTML 2Page - Macronix International MX28F640C3BT Datasheet HTML 3Page - Macronix International MX28F640C3BT Datasheet HTML 4Page - Macronix International MX28F640C3BT Datasheet HTML 5Page - Macronix International MX28F640C3BT Datasheet HTML 6Page - Macronix International MX28F640C3BT Datasheet HTML 7Page - Macronix International MX28F640C3BT Datasheet HTML 8Page - Macronix International MX28F640C3BT Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
2
P/N:PM1084
MX28F640C3BT/B
REV. 0.0, MAR. 17, 2004
tunnel oxide processing and low internal electric fields
for erase and program operations produces reliable cy-
cling. The MX28F640C3BT/B uses a 2.7V~3.6V VCC
supply to perform the High Reliability Erase and auto
Program/Erase algorithms.
The highest degree of latch-up protection is achieved
with MXIC's proprietary non-epi process. Latch-up pro-
tection is proved for stresses up to 100 milliamps on
address and data pin from -1V to VCC + 1V.
The dedicated VPP pin gives complete data protection
when VPP< VPPLK.
A Command User Interface (CUI) serves as the inter-
face between the system processor and internal opera-
tion of the device. A valid command sequence written to
the CUI initiates device automation. An internal Write
State Machine (WSM) automatically executes the algo-
rithms and timings necessary for erase, full chip erase,
word write and sector lock/unlock configuration opera-
tions.
A sector erase operation erases one of the device's 32K-
word sectors typically within 1.0s, 4K-word sectors typi-
cally within 0.5s independent of other sectors. Each sec-
tor can be independently erased minimum 100,000 times.
Sector erase suspend mode allows system software to
suspend sector erase to read or write data from any other
sector.
Writing memory data is performed in word increments of
the device's 32K-word sectors typically within 0.8s and
4K-word sectors typically within 0.1s. Word program sus-
pend mode enables the system to read data or execute
code from any other memory array location.
MX28F640C3BT/B features with individual sectors lock-
ing by using a combination of bits thirty-nine sector lock-
bits and WP#, to lock and unlock sectors.
The status register indicates when the WSM's sector
erase, full chip erase, word program or lock configura-
tion operation is done.
The access time is 90/120ns (tELQV) over the operat-
ing temperature range (-40
°C to +80°C) andVCC supply
voltage range of 2.7V~3.6V.
MX28F640C3BT/B's power saving mode feature sub-
stantially reduces active current when the device is in
static mode (addresses not switching). In this mode, the
typical ICCS current is 7uA (CMOS) at 3.0V VCC.
As CE# and RESET# are at VCC, ICC CMOS standby
mode is enabled. When RESET# is at GND, the reset
mode is enabled which minimize power consumption and
provide data write protection.
A reset time (tPHQV) is required from RESET# switch-
ing high until outputs are valid. Similarly, the device has
a wake time (tPHEL) from RESET#-high until writes to
the CUI are recognized.With RESET# at GND, the WSM
is reset and the status register is cleared.


Similar Part No. - MX28F640C3BT

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX28F640C3BTC-12 MCNIX-MX28F640C3BTC-12 Datasheet
638Kb / 44P
   64M-BIT [4M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX28F640C3BTC-90 MCNIX-MX28F640C3BTC-90 Datasheet
638Kb / 44P
   64M-BIT [4M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX28F640C3BTI-12 MCNIX-MX28F640C3BTI-12 Datasheet
638Kb / 44P
   64M-BIT [4M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX28F640C3BTI-90 MCNIX-MX28F640C3BTI-90 Datasheet
638Kb / 44P
   64M-BIT [4M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results

Similar Description - MX28F640C3BT

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX28F640C3T MCNIX-MX28F640C3T Datasheet
638Kb / 44P
   64M-BIT [4M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX28F160C3T MCNIX-MX28F160C3T Datasheet
417Kb / 44P
   16M-BIT [1M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640BT MCNIX-MX29LV640BT Datasheet
502Kb / 69P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV800CT MCNIX-MX29LV800CT Datasheet
783Kb / 69P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV64XMH MCNIX-MX29LV64XMH Datasheet
539Kb / 70P
   64M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LV640T MCNIX-MX29LV640T Datasheet
1Mb / 70P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640MT MCNIX-MX29LV640MT Datasheet
647Kb / 74P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640E MCNIX-MX29LV640E_14 Datasheet
1Mb / 65P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV800BT MCNIX-MX29LV800BT Datasheet
749Kb / 63P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV800T MCNIX-MX29LV800T Datasheet
1Mb / 60P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com