Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX28F640C3BBTC-90 Datasheet(PDF) 1 Page - Macronix International

Part # MX28F640C3BBTC-90
Description  64M-BIT [4M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX28F640C3BBTC-90 Datasheet(HTML) 1 Page - Macronix International

  MX28F640C3BBTC-90 Datasheet HTML 1Page - Macronix International MX28F640C3BBTC-90 Datasheet HTML 2Page - Macronix International MX28F640C3BBTC-90 Datasheet HTML 3Page - Macronix International MX28F640C3BBTC-90 Datasheet HTML 4Page - Macronix International MX28F640C3BBTC-90 Datasheet HTML 5Page - Macronix International MX28F640C3BBTC-90 Datasheet HTML 6Page - Macronix International MX28F640C3BBTC-90 Datasheet HTML 7Page - Macronix International MX28F640C3BBTC-90 Datasheet HTML 8Page - Macronix International MX28F640C3BBTC-90 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
1
P/N:PM1084
REV. 0.0, MAR. 17, 2004
MX28F640C3BT/B
64M-BIT[4Mx16]CMOSSINGLEVOLTAGE
3VONLYFLASHMEMORY
ADVANCED INFORMATION
• Automatic Suspend Enhance
- Word write suspend to read
- Sector erase suspend to word write
- Sector erase suspend to read register report
• Automatic sector erase, full chip erase, word write and
sector lock/unlock configuration
• Status Reply
- Detection of program and erase operation comple-
tion.
- Command User Interface (CUI)
- Status Register (SR)
• Data Protection Performance
- Include boot sectors and parameter and main sectors
to be block/unblock
• 100,000 minimum erase/program cycles
• Common Flash Interface (CFI)
• 128-bit Protection Register
- 64-bit Unique Device Identifier
- 64-bit User-Programmable
• Latch-up protected to 100mA from -1V to VCC+1V
• Package type:
- 48-pin TSOP (12mm x 20mm)
FEATURES
• Bit Organization: 4,194,304 x 16
• Single power supply operation
- 3.0V only operation for read, erase and program
operation
- VCC=VCCQ=2.7~3.6V
- Operating temperature:-40
°C~85°C
• Fast access time : 90/120ns
• Low power consumption
- 9mA maximum active read current, f=5MHz (CMOS
input)
- 21mA program erase current maximum
(VPP=1.65~3.6V)
- 7uA typical standby current under power saving
mode
• Sector architecture
- Sector Erase (Sector structure : 4Kword x 2 (boot
sectors), 4Kword x 6 (parameter sectors), 32Kword x
127 (parameter sectors)
- Top/Bottom Boot
• Auto Erase (chip & sector) and Auto Program
- Automatically program and verify data at specified
address
GENERAL DESCRIPTION
The MX28F640C3BT/B is a 64-mega bit Flash memory
organized as 4M words of 16 bits. The 1M word of data
is arranged in eight 4Kword boot and parameter sectors,
and 127 32Kword main sector which are individually
erasable. MXIC's Flash memories offer the most cost-
effective and reliable read/write non-volatile random ac-
cess memory. The MX28F640C3BT/B is packaged in
48-pin TSOP. It is designed to be reprogrammed and
erased in system or in standard EPROM programmers.
The standard MX28F640C3BT/B offers access time as
fast as 90ns, allowing operation of high-speed micropro-
cessors without wait states.
MXIC's Flash memories augment EPROM functionality
with in-circuit electrical erasure and programming. The
MX28F640C3BT/B uses a command register to man-
age this functionality. The command register allows for
100% TTL level control inputs and fixed power supply
levels during erase and programming, while maintaining
maximum EPROM compatibility.
MXIC Flash technology reliably stores memory contents
even after 100,000 erase and program cycles. The MXIC
cell is designed to optimize the erase and programming
mechanisms. In addition, the combination of advanced


Similar Part No. - MX28F640C3BBTC-90

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX28F640C3B MCNIX-MX28F640C3B Datasheet
638Kb / 44P
   64M-BIT [4M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX28F640C3BTC-12 MCNIX-MX28F640C3BTC-12 Datasheet
638Kb / 44P
   64M-BIT [4M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX28F640C3BTC-90 MCNIX-MX28F640C3BTC-90 Datasheet
638Kb / 44P
   64M-BIT [4M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX28F640C3BTI-12 MCNIX-MX28F640C3BTI-12 Datasheet
638Kb / 44P
   64M-BIT [4M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX28F640C3BTI-90 MCNIX-MX28F640C3BTI-90 Datasheet
638Kb / 44P
   64M-BIT [4M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results

Similar Description - MX28F640C3BBTC-90

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX28F640C3T MCNIX-MX28F640C3T Datasheet
638Kb / 44P
   64M-BIT [4M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX28F160C3T MCNIX-MX28F160C3T Datasheet
417Kb / 44P
   16M-BIT [1M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640BT MCNIX-MX29LV640BT Datasheet
502Kb / 69P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV800CT MCNIX-MX29LV800CT Datasheet
783Kb / 69P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV64XMH MCNIX-MX29LV64XMH Datasheet
539Kb / 70P
   64M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LV640T MCNIX-MX29LV640T Datasheet
1Mb / 70P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640MT MCNIX-MX29LV640MT Datasheet
647Kb / 74P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640E MCNIX-MX29LV640E_14 Datasheet
1Mb / 65P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV800BT MCNIX-MX29LV800BT Datasheet
749Kb / 63P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV800T MCNIX-MX29LV800T Datasheet
1Mb / 60P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com