Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAT400 Datasheet(PDF) 3 Page - Solid State Optronic

Part # SAT400
Description  AC Input Optocoupler
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

SAT400 Datasheet(HTML) 3 Page - Solid State Optronic

  SAT400 Datasheet HTML 1Page - Solid State Optronic SAT400 Datasheet HTML 2Page - Solid State Optronic SAT400 Datasheet HTML 3Page - Solid State Optronic SAT400 Datasheet HTML 4Page - Solid State Optronic SAT400 Datasheet HTML 5Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SAT400
AC Input
Optocoupler
PERFORMANCE DATA
© 2004 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 3 of 5
SAT400
rev 1.40 (10/25/2004)
Fig.3: Forward Current vs.
AmbientTemperature
Ambient Temperature Ta (°C)
Fig.4:
Forward Current vs.
Forward Voltage
Forward Voltage VF (V)
Fig.8: Collector Dark Current
vs. Ambient Temperature
Ambient Temperature Ta (°C)
Fig.10: Collector-Emitter Saturation
Voltage vs. Ambient Temperature
Ambient Temperature Ta (°C)
Fig.5:
Current Transfer Ratio vs.
Forward Current
Forward Current IF (mA)
Fig.1: Response (Rise) Time vs.
Load Resistance
Load Resistance RL (K ohm)
Fig.2: Response (Fall)Time vs.
Load Resistance
Load Resistance RL (K ohm)
Fig.7:
Collector Power Dissipation
vs. Ambient Temperature
Ambient Temperature Ta (°C)
Fig.11: Collector-Emitter Saturation
Voltage vs. Forward Current
Forward Current IF (mA)
Fig.6:
Relative Current Transfer Ratio
vs. Ambient Temperature
Ambient Temperature Ta (°C)
Fig.9: Collector Current vs.
Collector-Emitter Voltage
Collector-emitter Voltage VCE (V)


Similar Part No. - SAT400

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
SAT400 SSOUSA-SAT400_15 Datasheet
582Kb / 10P
   Small 4 pin DIP/SMD package
More results

Similar Description - SAT400

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
SAT450 SSOUSA-SAT450 Datasheet
399Kb / 4P
   AC Input Optocoupler
SAT800 SSOUSA-SAT800 Datasheet
524Kb / 4P
   AC Input Dual Optocoupler
SAT1600 SSOUSA-SAT1600 Datasheet
436Kb / 4P
   AC Input Quad Optocoupler
logo
Siemens Semiconductor G...
ILD620 SIEMENS-ILD620 Datasheet
76Kb / 4P
   AC INPUT PHOTOTRANSISTOR OPTOCOUPLER
logo
Vishay Siliconix
SFH6206-3T VISHAY-SFH6206-3T Datasheet
160Kb / 7P
   Optocoupler, Phototransistor Output, AC Input
Rev. 1.9, 23-Feb-11
SFH620A VISHAY-SFH620A_V02 Datasheet
168Kb / 9P
   Optocoupler, Phototransistor Output, AC Input
01-Jan-2023
logo
List of Unclassifed Man...
H11AAX ETC1-H11AAX Datasheet
1Mb / 14P
   6-PIN AC INPUT OPTOCOUPLER
logo
Vishay Siliconix
TCET1600 VISHAY-TCET1600_V02 Datasheet
154Kb / 8P
   Optocoupler, Phototransistor Output, AC Input
01-Jan-2023
SFH620A VISHAY-SFH620A_15 Datasheet
170Kb / 9P
   Optocoupler, Phototransistor Output, AC Input
Rev. 2.3, 31-Aug-15
TCET2600 VISHAY-TCET2600_10 Datasheet
167Kb / 8P
   Optocoupler, Phototransistor Output, AC Input
Rev. 1.6, 10-Dec-10
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com