Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX28F160C3TXAC-11 Datasheet(PDF) 1 Page - Macronix International

Part # MX28F160C3TXAC-11
Description  16M-BIT [1M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX28F160C3TXAC-11 Datasheet(HTML) 1 Page - Macronix International

  MX28F160C3TXAC-11 Datasheet HTML 1Page - Macronix International MX28F160C3TXAC-11 Datasheet HTML 2Page - Macronix International MX28F160C3TXAC-11 Datasheet HTML 3Page - Macronix International MX28F160C3TXAC-11 Datasheet HTML 4Page - Macronix International MX28F160C3TXAC-11 Datasheet HTML 5Page - Macronix International MX28F160C3TXAC-11 Datasheet HTML 6Page - Macronix International MX28F160C3TXAC-11 Datasheet HTML 7Page - Macronix International MX28F160C3TXAC-11 Datasheet HTML 8Page - Macronix International MX28F160C3TXAC-11 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
1
P/N:PM0867
REV. 1.2, MAR. 17, 2004
MX28F160C3T/B
16M-BIT[1Mx16]CMOSSINGLEVOLTAGE
3VONLYFLASHMEMORY
- Word write suspend to read
- Sector erase suspend to word write
- Sector erase suspend to read register report
• Automatic sector erase, word write and sector lock/
unlock configuration
• Status Reply
- Detection of program and erase operation comple-
tion.
- Command User Interface (CUI)
- Status Register (SR)
• Data Protection Performance
- Include boot sectors and parameter and main sectors
to be locked/unlocked
• 100,000 minimum erase/program cycles
• Common Flash Interface (CFI)
• 128-bit Protection Register
- 64-bit Unique Device Identifier
- 64-bit User-Programmable
• Latch-up protected to 100mA from -1V to VCC+1V
• Package type:
- 48-pin TSOP (12mm x 20mm)
- 48-ball CSP (8mm x 6mm)
FEATURES
• Bit Organization: 1,048,576 x 16
• Single power supply operation
- VCC=VCCQ=2.7~3.6V for read, erase and program
operation
- VPP=12V for fast production programming
- Operating temperature:-40
°C~85°C
• Fast access time : 70/90/110ns
• Low power consumption
- 9mA typical active read current, f=5MHz
- 18mA typical program current (VPP=1.65~3.6V)
- 21mA typical erase current (VPP=1.65~3.6V)
- 7uA typical standby current under power saving
mode
• Sector architecture
- Sector structure : 4Kword x 2 (boot sectors), 4Kword
x 6 (parameter sectors), 32Kword x 31 (main sectors)
- Top/Bottom Boot
• Auto Erase and Auto Program
- Automatically program and verify data at specified
address
- Auto sector erase at specified sector
• Automatic Suspend Enhance
GENERAL DESCRIPTION
The MX28F160C3T/B is a 16-mega bit Flash memory
organized as 1M words of 16 bits. The 1M word of data
is arranged in eight 4Kword boot and parameter sectors,
and thirty-one 32K word main sectors which are indi-
vidually erasable. MXIC's Flash memories offer the most
cost-effective and reliable read/write non-volatile random
access memory. The MX28F160C3T/B is packaged in
48-pin TSOP and 48-ball CSP. It is designed to be re-
programmed and erased in system or in standard
EPROM programmers.
The standard MX28F160C3T/B offers access time as
fast as 70ns, allowing operation of high-speed micropro-
cessors without wait states.
MXIC's Flash memories augment EPROM functionality
with in-circuit electrical erasure and programming. The
MX28F160C3T/B uses a command register to manage
this functionality. The command register allows for 100%
TTL level control inputs and fixed power supply levels
during erase and programming, while maintaining maxi-
mum EPROM compatibility.
MXIC Flash technology reliably stores memory contents
even after 100,000 erase and program cycles. The MXIC
cell is designed to optimize the erase and programming


Similar Part No. - MX28F160C3TXAC-11

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX28F1000P MCNIX-MX28F1000P Datasheet
127Kb / 33P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
logo
List of Unclassifed Man...
MX28F1000P ETC-MX28F1000P Datasheet
213Kb / 33P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
logo
Macronix International
MX28F1000PPC-12C4 MCNIX-MX28F1000PPC-12C4 Datasheet
127Kb / 33P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
MX28F1000PPC-70C4 MCNIX-MX28F1000PPC-70C4 Datasheet
127Kb / 33P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
MX28F1000PPC-90C4 MCNIX-MX28F1000PPC-90C4 Datasheet
127Kb / 33P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
More results

Similar Description - MX28F160C3TXAC-11

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV017B MCNIX-MX29LV017B Datasheet
340Kb / 55P
   16M-BIT [2Mx8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV160CT MCNIX-MX29LV160CT Datasheet
921Kb / 66P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV161T MCNIX-MX29LV161T Datasheet
995Kb / 58P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV160AT MCNIX-MX29LV160AT Datasheet
1Mb / 66P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV160B MCNIX-MX29LV160B Datasheet
762Kb / 63P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX28F640C3BT MCNIX-MX28F640C3BT Datasheet
295Kb / 41P
   64M-BIT [4M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX28F640C3T MCNIX-MX28F640C3T Datasheet
638Kb / 44P
   64M-BIT [4M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV800CT MCNIX-MX29LV800CT Datasheet
783Kb / 69P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV800BT MCNIX-MX29LV800BT Datasheet
749Kb / 63P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV800T MCNIX-MX29LV800T Datasheet
1Mb / 60P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com