Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX28F640C3BXAC-12 Datasheet(PDF) 10 Page - Macronix International

Part # MX28F640C3BXAC-12
Description  64M-BIT [4M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX28F640C3BXAC-12 Datasheet(HTML) 10 Page - Macronix International

Back Button MX28F640C3BXAC-12 Datasheet HTML 6Page - Macronix International MX28F640C3BXAC-12 Datasheet HTML 7Page - Macronix International MX28F640C3BXAC-12 Datasheet HTML 8Page - Macronix International MX28F640C3BXAC-12 Datasheet HTML 9Page - Macronix International MX28F640C3BXAC-12 Datasheet HTML 10Page - Macronix International MX28F640C3BXAC-12 Datasheet HTML 11Page - Macronix International MX28F640C3BXAC-12 Datasheet HTML 12Page - Macronix International MX28F640C3BXAC-12 Datasheet HTML 13Page - Macronix International MX28F640C3BXAC-12 Datasheet HTML 14Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
10
P/N:PM0900
MX28F640C3T/B
REV. 0.6, AUG. 20, 2003
2 PRINCIPLES OF OPERATION
The product includes an on-chip WSM to manage sec-
tor erase, word write and lock-bit configuration functions.
After initial device power-up or return from reset mode
(see section on Bus Operations), the device defaults to
read array mode. Manipulation of external memory con-
trol pins allow array read, standby and output disable
operations.
Status register and identifier codes can be accessed
through the CUI independent of the VPP voltage. All
functions associated with altering memory contents-sec-
tor erase, word write, sector lock/unlock, status and iden-
tifier codes - are accessed via the CUI and verified
through the status register.
Commands are written using standard microprocessor
write timings. The CUI contents serve as input to the
WSM, which controls the sector erase, word write and
sector lock/unlock.The internal algorithms are regulated
by the WSM, including pulse repetition, internal verifica-
tion and margining of data. Addresses and data are in-
ternally latched during write cycles. Address is latched
at falling edge of CE and data latched at rising edge of
WE.Writing the appropriate command outputs array data,
accesses the identifier codes or outputs status register
data.
Interface software that initiates and polls progress of
sector erase, full chip erase, word write and sector lock/
unlock can be stored in any sector. This code is copied
to and executed from system RAM during flash memory
updates. After successful completion, reads are again
possible via the Read Array command. Sector erase sus-
pend allows system software to suspend a sector erase
to read/write data from/to sectors other than that which
is suspend. Word write suspend allows system software
to suspend a word write to read data from any other
flash memory array location.
With the mechanism of sector lock, memory contents
cannot be altered due to noise or unwanted operation.
When RESET=VIH and VCC<VLKO (lockout voltage),
any data write alteration can be failure. During read op-
eration, if write VPP voltage is below VPPLK, then hard-
ware level data protection is achieved. With CUI's two-
step command sequence sector erase, word write or
sector lock/unlock, software level data protection is
achieved also.
3 BUS OPERATION
The local CPU reads and writes flash memory in-sys-
tem. All bus cycles to or from the flash memory conform
to standard microprocessor bus cycles.
3.1 Read
Information can be read from any sector, configuration
codes or status register independent of the VPP volt-
age. RESET can be at VIH.
The first task is to write the appropriate read mode com-
mand (Read Array, Read Configuration, Read Query or
Read Status Register) to the CUI. Upon initial device
power-up or after exit from reset mode, the device auto-
matically resets to read array mode. In order to read
data, control pins set for CE, OE, WE, RESET and WP
must be driven to active. CE and OE must be active to
obtain data at the outputs. CE is the device selection
control. OE is the data output (Q0-Q15) control and ac-
tive drives the selected memory data onto the I/O bus,
WE must be VIH, RESET must be VIH, WP must be at
VIL or VIH.
3.2 Output Disable
With OE at a logic-high level (VIH), the device outputs
are disabled. Output pins (Q0-Q15) are placed in a high-
impedance state.
3.3 Standby
CE at a logic-high level (VIH) places the device in
standby mode which substantially reduces device power
consumption. Q0~Q15 outputs are placed in a high-im-
pedance state independent of OE. If deselected during
sector erase, word write or sector lock/unlock, the de-
vice continues functioning, and consuming active power
until the operation completes.
3.4 Reset
As RESET=VIL, it initiates the reset mode. The device
enters reset/deep power down mode. However, the data
stored in the memory has to be sustained at least 100ns
in the read mode before the device becomes deselected


Similar Part No. - MX28F640C3BXAC-12

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX28F640C3BB MCNIX-MX28F640C3BB Datasheet
295Kb / 41P
   64M-BIT [4M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX28F640C3BBTC-12 MCNIX-MX28F640C3BBTC-12 Datasheet
295Kb / 41P
   64M-BIT [4M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX28F640C3BBTC-90 MCNIX-MX28F640C3BBTC-90 Datasheet
295Kb / 41P
   64M-BIT [4M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX28F640C3BBTI-12 MCNIX-MX28F640C3BBTI-12 Datasheet
295Kb / 41P
   64M-BIT [4M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX28F640C3BBTI-90 MCNIX-MX28F640C3BBTI-90 Datasheet
295Kb / 41P
   64M-BIT [4M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results

Similar Description - MX28F640C3BXAC-12

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX28F640C3BT MCNIX-MX28F640C3BT Datasheet
295Kb / 41P
   64M-BIT [4M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX28F160C3T MCNIX-MX28F160C3T Datasheet
417Kb / 44P
   16M-BIT [1M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640BT MCNIX-MX29LV640BT Datasheet
502Kb / 69P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV800CT MCNIX-MX29LV800CT Datasheet
783Kb / 69P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV64XMH MCNIX-MX29LV64XMH Datasheet
539Kb / 70P
   64M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LV640T MCNIX-MX29LV640T Datasheet
1Mb / 70P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640MT MCNIX-MX29LV640MT Datasheet
647Kb / 74P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640E MCNIX-MX29LV640E_14 Datasheet
1Mb / 65P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV800BT MCNIX-MX29LV800BT Datasheet
749Kb / 63P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV800T MCNIX-MX29LV800T Datasheet
1Mb / 60P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com