Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX28F160C3TXAI-90 Datasheet(PDF) 7 Page - Macronix International

Part # MX28F160C3TXAI-90
Description  16M-BIT [1M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX28F160C3TXAI-90 Datasheet(HTML) 7 Page - Macronix International

Back Button MX28F160C3TXAI-90 Datasheet HTML 3Page - Macronix International MX28F160C3TXAI-90 Datasheet HTML 4Page - Macronix International MX28F160C3TXAI-90 Datasheet HTML 5Page - Macronix International MX28F160C3TXAI-90 Datasheet HTML 6Page - Macronix International MX28F160C3TXAI-90 Datasheet HTML 7Page - Macronix International MX28F160C3TXAI-90 Datasheet HTML 8Page - Macronix International MX28F160C3TXAI-90 Datasheet HTML 9Page - Macronix International MX28F160C3TXAI-90 Datasheet HTML 10Page - Macronix International MX28F160C3TXAI-90 Datasheet HTML 11Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
7
P/N:PM0867
MX28F160C3T/B
REV. 1.2, MAR. 17, 2004
SECTOR STRUCTURE (BOTTOM)
Sector
Sector Size
Address Range (h)
Boot Sector 0
4K Word
00000 ~ 00FFF
Boot Sector 1
4K Word
01000 ~ 01FFF
Parameter Sector 0
4K Word
02000 ~ 02FFF
Parameter Sector 1
4K Word
03000 ~ 03FFF
Parameter Sector 2
4K Word
04000 ~ 04FFF
Parameter Sector 3
4K Word
05000 ~ 05FFF
Parameter Sector 4
4K Word
06000 ~ 06FFF
Parameter Sector 5
4K Word
07000 ~ 07FFF
Main Sector 0
32K Word
08000 ~ 0FFFF
Main Sector 1
32K Word
10000 ~ 17FFF
Main Sector 2
32K Word
18000 ~ 1FFFF
Main Sector 3
32K Word
20000 ~ 27FFF
Main Sector 4
32K Word
28000 ~ 2FFFF
Main Sector 5
32K Word
30000 ~ 37FFF
Main Sector 6
32K Word
38000 ~ 3FFFF
Main Sector 7
32K Word
40000 ~ 47FFF
Main Sector 8
32K Word
48000 ~ 4FFFF
Main Sector 9
32K Word
50000 ~ 57FFF
Main Sector 10
32K Word
58000 ~ 5FFFF
Main Sector 11
32K Word
60000 ~ 67FFF
Main Sector 12
32K Word
68000 ~ 6FFFF
Main Sector 13
32K Word
70000 ~ 77FFF
Main Sector 14
32K Word
78000 ~ 7FFFF
Main Sector 15
32K Word
80000 ~ 87FFF
Main Sector 16
32K Word
88000 ~ 8FFFF
Main Sector 17
32K Word
90000 ~ 97FFF
Main Sector 18
32K Word
98000 ~ 9FFFF
Main Sector 19
32K Word
A0000 ~ A7FFF
Main Sector 20
32K Word
A8000 ~ AFFFF
Main Sector 21
32K Word
B0000 ~ B7FFF
Main Sector 22
32K Word
B8000 ~ BFFFF
Main Sector 23
32K Word
C0000 ~ C7FFF
Main Sector 24
32K Word
C8000 ~ CFFFF
Main Sector 25
32K Word
D0000 ~ D7FFF
Main Sector 26
32K Word
D8000 ~ DFFFF
Main Sector 27
32K Word
E0000 ~ E7FFF
Main Sector 28
32K Word
E8000 ~ EFFFF
Main Sector 29
32K Word
F0000 ~ F7FFF
Main Sector 30
32K Word
F8000 ~ FFFFF


Similar Part No. - MX28F160C3TXAI-90

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX28F1000P MCNIX-MX28F1000P Datasheet
127Kb / 33P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
logo
List of Unclassifed Man...
MX28F1000P ETC-MX28F1000P Datasheet
213Kb / 33P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
logo
Macronix International
MX28F1000PPC-12C4 MCNIX-MX28F1000PPC-12C4 Datasheet
127Kb / 33P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
MX28F1000PPC-70C4 MCNIX-MX28F1000PPC-70C4 Datasheet
127Kb / 33P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
MX28F1000PPC-90C4 MCNIX-MX28F1000PPC-90C4 Datasheet
127Kb / 33P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
More results

Similar Description - MX28F160C3TXAI-90

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV017B MCNIX-MX29LV017B Datasheet
340Kb / 55P
   16M-BIT [2Mx8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV160CT MCNIX-MX29LV160CT Datasheet
921Kb / 66P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV161T MCNIX-MX29LV161T Datasheet
995Kb / 58P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV160AT MCNIX-MX29LV160AT Datasheet
1Mb / 66P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV160B MCNIX-MX29LV160B Datasheet
762Kb / 63P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX28F640C3BT MCNIX-MX28F640C3BT Datasheet
295Kb / 41P
   64M-BIT [4M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX28F640C3T MCNIX-MX28F640C3T Datasheet
638Kb / 44P
   64M-BIT [4M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV800CT MCNIX-MX29LV800CT Datasheet
783Kb / 69P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV800BT MCNIX-MX29LV800BT Datasheet
749Kb / 63P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV800T MCNIX-MX29LV800T Datasheet
1Mb / 60P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com