Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX28F160C3TXAC-11G Datasheet(PDF) 11 Page - Macronix International

Part # MX28F160C3TXAC-11G
Description  16M-BIT [1M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX28F160C3TXAC-11G Datasheet(HTML) 11 Page - Macronix International

Back Button MX28F160C3TXAC-11G Datasheet HTML 7Page - Macronix International MX28F160C3TXAC-11G Datasheet HTML 8Page - Macronix International MX28F160C3TXAC-11G Datasheet HTML 9Page - Macronix International MX28F160C3TXAC-11G Datasheet HTML 10Page - Macronix International MX28F160C3TXAC-11G Datasheet HTML 11Page - Macronix International MX28F160C3TXAC-11G Datasheet HTML 12Page - Macronix International MX28F160C3TXAC-11G Datasheet HTML 13Page - Macronix International MX28F160C3TXAC-11G Datasheet HTML 14Page - Macronix International MX28F160C3TXAC-11G Datasheet HTML 15Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
11
P/N:PM0867
MX28F160C3T/B
REV. 1.2, MAR. 17, 2004
Table 3. Command Definition (1)
Command
Bus
Notes
First Bus Cycle
Second Bus Cycle
Cycles
Operation Address
Data
Operation Address
Data
Required
(1)
(2)
(3)
(1)
(2)
(3)
Read Array
1
Write
X
FFH
Read Configuration
> 2
2,4
Write
X
90H
Read
IA
ID
Read Query
2
2,7
Write
X
98H
Read
QA
QD
Read Status Register
2
3
Write
X
70H
Read
X
SRD
Clear Status Register
1
3
Write
X
50H
Sector Erase/Confirm
2
Write
X
20H
Write
SA
D0H
Word Write
2
2,5
Write
X
40H/10H
Write
WA
WD
Program/Erase Suspend
1
Write
X
B0H
Program/Erase Resume
1
Write
X
D0H
Sector Lock
2
Write
X
60H
Write
SA
01H
Sector Unlock
2
6
Write
X
60H
Write
SA
D0H
Lock-Down Sector
2
Write
X
60H
Write
SA
2FH
Protection Program
2
Write
X
C0H
Write
PA
PD
Notes:
1. Bus operation are defined in Table 2 and referred to AC Timing Waveform.
2. X=Any address within device.
IA=ID-Code Address (refer to Table 4).
ID=Data read from identifier code.
SA=Sector Address within the sector being erased.
WA=Address of memory location to be written.
WD=Data to be written at location WA.
PA=Program Address, PD=Program Data
QA=Query Address, QD=Query Data.
3. Data is latched from the rising edge of WE or CE (whichever goes high first)
SRD=Data read from status register, see Table 6 for description of the status register bits.
4. Following the Read Configuration codes command, read operation access manufacturer, device codes, sector
lock/unlock codes, see chapter 4.2.
5. Either 40H or 10H command is recognized by the WSM as word write setup.
6. The sector unlock operation simultaneously clear all sector lock.
7. Read Query Command is read for CFI query information.


Similar Part No. - MX28F160C3TXAC-11G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX28F1000P MCNIX-MX28F1000P Datasheet
127Kb / 33P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
logo
List of Unclassifed Man...
MX28F1000P ETC-MX28F1000P Datasheet
213Kb / 33P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
logo
Macronix International
MX28F1000PPC-12C4 MCNIX-MX28F1000PPC-12C4 Datasheet
127Kb / 33P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
MX28F1000PPC-70C4 MCNIX-MX28F1000PPC-70C4 Datasheet
127Kb / 33P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
MX28F1000PPC-90C4 MCNIX-MX28F1000PPC-90C4 Datasheet
127Kb / 33P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
More results

Similar Description - MX28F160C3TXAC-11G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV017B MCNIX-MX29LV017B Datasheet
340Kb / 55P
   16M-BIT [2Mx8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV160CT MCNIX-MX29LV160CT Datasheet
921Kb / 66P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV161T MCNIX-MX29LV161T Datasheet
995Kb / 58P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV160AT MCNIX-MX29LV160AT Datasheet
1Mb / 66P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV160B MCNIX-MX29LV160B Datasheet
762Kb / 63P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX28F640C3BT MCNIX-MX28F640C3BT Datasheet
295Kb / 41P
   64M-BIT [4M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX28F640C3T MCNIX-MX28F640C3T Datasheet
638Kb / 44P
   64M-BIT [4M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV800CT MCNIX-MX29LV800CT Datasheet
783Kb / 69P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV800BT MCNIX-MX29LV800BT Datasheet
749Kb / 63P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV800T MCNIX-MX29LV800T Datasheet
1Mb / 60P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com