Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA2022 Datasheet(PDF) 6 Page - Tripath Technology Inc.

Part # TA2022
Description  STEREO 90W (4?? CLASS-T??DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TA2022 Datasheet(HTML) 6 Page - Tripath Technology Inc.

Back Button TA2022 Datasheet HTML 2Page - Tripath Technology Inc. TA2022 Datasheet HTML 3Page - Tripath Technology Inc. TA2022 Datasheet HTML 4Page - Tripath Technology Inc. TA2022 Datasheet HTML 5Page - Tripath Technology Inc. TA2022 Datasheet HTML 6Page - Tripath Technology Inc. TA2022 Datasheet HTML 7Page - Tripath Technology Inc. TA2022 Datasheet HTML 8Page - Tripath Technology Inc. TA2022 Datasheet HTML 9Page - Tripath Technology Inc. TA2022 Datasheet HTML 10Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
Tr i p ath Technol ogy, I n c. - Techni cal I n for m ati on
6
TA2022 – KLI/1.2/07-04
TA2022 PINOUT
PIN DESCRIPTION
Pin
Function
Description
1, 13
VBOOT2, VBOOT1
Bootstrap voltages for gate drive of high side MOSFET’s
2
VN10
“Floating” supply input. Normally connected to the output of onboard VN10 buck
converter. This voltage must be stable and referenced to VNN.
3
VN10GND
Power ground for onboard VN10 generator. Electrically tied to the TA2022 case.
4, 12
VPP2, VPP1
Positive power supply input pins.
5
VN10SW
Switching output voltage for onboard VN10 generator (buck converter).
6
NC
Not connected internally. May be connected to pin 7 without any loss of
functionality or performance.
7,10
OUT2, OUT1
Power amplifier outputs.
8, 9
VNN2, VNN1
Negative power supply inputs.
11
NC
Not connected internally. May be connected to pin 10 without any loss of
functionality or performance.
14
VN10FDBK
Feedback for onboard VN10 generator (nominally 11V above VNN)
15, 20
AGND
Analog Ground.
16, 21
V5
5V power supply input.
17
REF
Used to set internal bias currents. The pin voltage is typically 1.1V.
18
VNNSENSE
Negative supply voltage sense input. This pin is used for both over and under
voltage sensing for the VNN supply.
19
VPPSENSE
Positive supply voltage sense input. This pin is used for both over and under
voltage sensing for the VPP supply.
22, 25
OAOUT1, OAOUT2
Outputs of Input Stage op amps.
23, 26
INV1, INV2
Inverting inputs of Input Stage op amps.
24
MUTE
Logic input. A logic high puts the amplifier in mute mode. Ground pin if not used.
Please refer to the section, Mute Control, in the Application Information.
27
BIASCAP
Bandgap reference times two (typically 2.5VDC). Used to set the common mode
voltage for the input op amps. This pin is not capable of driving external circuitry.
28, 29
FBKGND2, FBKOUT2
Output voltage differential feedback for channel 2.
30,31
FBKGND1, FBKOUT1
Output voltage differential feedback for channel 1.
32
HMUTE
Logic Output. A logic high indicates both amplifiers are muted, due to the mute
pin state, or a “fault” such as an overcurrent, undervoltage, or overvoltage
condition.
FBKGND1
AGND
VNNSENSE
VPPSENSE
AGND
V5
OAOUT1
INV1
MUTE
OAOUT2
INV2
VBOOT2
BIASCAP
FBKGND2
FBKOUT2
FBKOUT1
V5
VN10FDBK
VBOOT1
VPP1
NC
OUT1
VNN1
VNN2
OUT2
NC
VPP2
VN10GND
VN10
HMUTE
30
16
17
18
19
20
21
22
23
24
25
26
27
28
29
1
15
14
13
11
10
12
9
8
7
6
5
4
3
2
32-pin SSIP Package
(Front View)
32
31
REF
VN10SW


Similar Part No. - TA2022

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2022 TOSHIBA-TA2022 Datasheet
693Kb / 17P
   1.5V AM/FM IFMPX
logo
Powerex Power Semicondu...
TA202216 POWEREX-TA202216 Datasheet
200Kb / 4P
   Phase Control SCR (1600-1800 Amperes Avg 100-2200 Volts)
TA202218 POWEREX-TA202218 Datasheet
200Kb / 4P
   Phase Control SCR (1600-1800 Amperes Avg 100-2200 Volts)
TA20221803DH POWEREX-TA20221803DH Datasheet
1Mb / 4P
   Phase Control Thyristor
logo
Toshiba Semiconductor
TA2022AFN TOSHIBA-TA2022AFN Datasheet
693Kb / 17P
   1.5V AM/FM IFMPX
More results

Similar Description - TA2022

ManufacturerPart #DatasheetDescription
logo
Tripath Technology Inc.
TDA2500 TRIPATH-TDA2500 Datasheet
313Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TK2070 TRIPATH-TK2070 Datasheet
422Kb / 21P
   STEREO 70W (4Ohm) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TA2021B TRIPATH-TA2021B Datasheet
268Kb / 12P
   STEREO 25W (4OHM) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TC2000 TRIPATH-TC2000 Datasheet
202Kb / 9P
   STEREO CLASS-T??AUDIO CONTROLLER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
TCA2002 TRIPATH-TCA2002 Datasheet
257Kb / 18P
   STEREO CLASS-T??AUDIO CONTROLLER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
TK2150 TRIPATH-TK2150 Datasheet
666Kb / 34P
   STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY
TA0105A TRIPATH-TA0105A Datasheet
359Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TK2051 TRIPATH-TK2051 Datasheet
462Kb / 19P
   STEREO 50W (8廓) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP)
TA2024 TRIPATH-TA2024 Datasheet
467Kb / 14P
   Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
TA2020-020 TRIPATH-TA2020-020 Datasheet
293Kb / 13P
   Stereo 20W (4?? Class-T Digital Audio Amplifier using Digital Power Processing Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com