Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX29F040CPI-90G Datasheet(PDF) 1 Page - Macronix International

Part # MX29F040CPI-90G
Description  4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 5V ONLY EQUAL SECTOR FLASH MEMORY
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29F040CPI-90G Datasheet(HTML) 1 Page - Macronix International

  MX29F040CPI-90G Datasheet HTML 1Page - Macronix International MX29F040CPI-90G Datasheet HTML 2Page - Macronix International MX29F040CPI-90G Datasheet HTML 3Page - Macronix International MX29F040CPI-90G Datasheet HTML 4Page - Macronix International MX29F040CPI-90G Datasheet HTML 5Page - Macronix International MX29F040CPI-90G Datasheet HTML 6Page - Macronix International MX29F040CPI-90G Datasheet HTML 7Page - Macronix International MX29F040CPI-90G Datasheet HTML 8Page - Macronix International MX29F040CPI-90G Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
FEATURES
• 524,288 x 8 only
• Single power supply operation
- 5.0V only operation for read, erase and program op-
eration
• Fast access time: 55/70/90ns
• Compatible with MX29F040 device
• Low power consumption
- 30mA maximum active current(5MHz)
- 1uA typical standby current
• Command register architecture
- Byte Programming (9us typical)
- Sector Erase
8 equal sectors of 64K-Byte each
• Auto Erase (chip & sector) and Auto Program
- Automatically erase any combination of sectors with
Erase Suspend capability
- Automatically program and verify data at specified
address
• Erase suspend/Erase Resume
- Suspends an erase operation to read data from, or
program data to, another sector that is not being erased,
erase and programming, while maintaining maximum
EPROM compatibility.
MXIC Flash technology reliably stores memory con-
tents even after 100,000 erase and program cycles.
The MXIC cell is designed to optimize the erase
and program mechanisms. In addition, the combi-
nation of advanced tunnel oxide processing and low
internal electric fields for erase and programming
operations produces reliable cycling.
The
MX29F040C uses a 5.0V
±10% VCC supply to per-
form the High Reliability Erase and auto Program/
Erase algorithms.
The highest degree of latch-up protection is
achieved with MXIC's proprietary non-epi process.
Latch-up protection is proved for stresses up to 100
milliamps on address and data pin from -1V to VCC
+ 1V.
GENERAL DESCRIPTION
The MX29F040C is a 4-mega bit Flash memory orga-
nized as 512K bytes of 8 bits. MXIC's Flash memories
offer the most cost-effective and reliable read/write non-
volatile random access memory. The MX29F040C is
packaged in 32-pin PLCC, TSOP, PDIP. It is designed
to be reprogrammed and erased in system or in standard
EPROM programmers.
The standard MX29F040C offers access time as fast as
55ns, allowing operation of high-speed microprocessors
without wait states. To eliminate bus contention, the
MX29F040C has separate chip enable (CE#) and output
enable (OE#) controls.
MXIC's Flash memories augment EPROM functionality
with in-circuit electrical erasure and programming. The
MX29F040C uses a command register to manage this
functionality. The command register allows for 100% TTL
level control inputs and fixed power supply levels during
then resumes the erase
• Status Reply
- Data# Polling & Toggle bit for detection of program
and erase cycle completion
• Sector protect/chip unprotect for 5V only system
• Sector protection
- Hardware method to disable any combination of sec-
tors from program or erase operations
- Temporary sector unprotect allows code changes in
previously locked sectors
• 100,000 minimum erase/program cycles
• 100,000 minimum erase/program cycles
• Latch-up protected to 100mA from -1V to VCC+1V
• Low VCC write inhibit is equal to or less than 3.2V
• Package type:
- 32-pin PLCC, TSOP or PDIP
- All Pb-free devices are RoHS Compliant
• Compatibility with JEDEC standard
- Pinout and software compatible with single-power
supply Flash
• 20 years data retention
1
P/N:PM1201
REV. 1.0, DEC. 20, 2005
MX29F040C
4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 5V ONLY
EQUAL SECTOR FLASH MEMORY


Similar Part No. - MX29F040CPI-90G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29F040CQC-70G MCNIX-MX29F040CQC-70G Datasheet
559Kb / 41P
   4M-BIT [512K x 8] SINGLE VOLTAGE 5V ONLY FLASH MEMORY
MX29F040CQC-90G MCNIX-MX29F040CQC-90G Datasheet
559Kb / 41P
   4M-BIT [512K x 8] SINGLE VOLTAGE 5V ONLY FLASH MEMORY
MX29F040CQI-70G MCNIX-MX29F040CQI-70G Datasheet
559Kb / 41P
   4M-BIT [512K x 8] SINGLE VOLTAGE 5V ONLY FLASH MEMORY
MX29F040CQI-90G MCNIX-MX29F040CQI-90G Datasheet
559Kb / 41P
   4M-BIT [512K x 8] SINGLE VOLTAGE 5V ONLY FLASH MEMORY
MX29F040CTC-70G MCNIX-MX29F040CTC-70G Datasheet
559Kb / 41P
   4M-BIT [512K x 8] SINGLE VOLTAGE 5V ONLY FLASH MEMORY
More results

Similar Description - MX29F040CPI-90G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV040C MCNIX-MX29LV040C Datasheet
484Kb / 52P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY
MX29LV040 MCNIX-MX29LV040 Datasheet
713Kb / 51P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY
MX29F040CQC-70G MCNIX-MX29F040CQC-70G Datasheet
559Kb / 41P
   4M-BIT [512K x 8] SINGLE VOLTAGE 5V ONLY FLASH MEMORY
logo
List of Unclassifed Man...
MX29LV033A ETC1-MX29LV033A Datasheet
348Kb / 56P
   32M-BIT [4M x 8] CMOS EQUAL SECTOR FLASH MEMORY
logo
Macronix International
MX29LV004T MCNIX-MX29LV004T Datasheet
724Kb / 54P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV004CT MCNIX-MX29LV004CT Datasheet
517Kb / 59P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29F4000 MCNIX-MX29F4000 Datasheet
247Kb / 36P
   4M-BIT [512KX8] CMOS EQUAL SECTOR FLASH MEMORY
MX29LV081B MCNIX-MX29LV081B Datasheet
338Kb / 51P
   8M-BIT [1M x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY
logo
List of Unclassifed Man...
MX29LV065B ETC1-MX29LV065B Datasheet
338Kb / 51P
   8M-BIT [1M x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY
logo
Macronix International
MX29LV081 MCNIX-MX29LV081 Datasheet
466Kb / 51P
   8M-BIT [1M x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com