Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCD6000 Datasheet(PDF) 9 Page - Tripath Technology Inc.

Part # TCD6000
Description  6 CHANNEL CLASS-T DIGITAL AUDIO PROCESSOR USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TCD6000 Datasheet(HTML) 9 Page - Tripath Technology Inc.

Back Button TCD6000 Datasheet HTML 5Page - Tripath Technology Inc. TCD6000 Datasheet HTML 6Page - Tripath Technology Inc. TCD6000 Datasheet HTML 7Page - Tripath Technology Inc. TCD6000 Datasheet HTML 8Page - Tripath Technology Inc. TCD6000 Datasheet HTML 9Page - Tripath Technology Inc. TCD6000 Datasheet HTML 10Page - Tripath Technology Inc. TCD6000 Datasheet HTML 11Page - Tripath Technology Inc. TCD6000 Datasheet HTML 12Page - Tripath Technology Inc. TCD6000 Datasheet HTML 13Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
Tripath Technology, Inc. – Preliminary Technical Information
9
TCD6000 – Rev. 1.0/09.04
TCD6000 Operation Overview
POWER SUPPLY
The TCD6000 requires both 3.3V and 5V supplies. Pins labeled VD33 correspond to the digital power
networks, and pins labeled VA33 and VA50 correspond to the analog power networks. All should be
separately decoupled to their respective grounds.
All TCD6000 logic inputs are 3.3V unless otherwise specified.
VD18EN
VD18EN is a logic input that enables the internal 1.8V regulator. It should be tied to VD33.
REXT
The REXT pin should be connected to ground through an external 10K
Ω. This connection is used by the
TCD6000 as a current reference. The 10K
Ω resistor must have an accuracy of +/- 1%.
V2BG and V2BGFILT
The V2BG and V2BGFILT pin should each be AC coupled to GA with a 0.1uF capacitor.
RESETB
When pulled low, the RESETB pin will force all control registers from sub-address 00h to 6Fh and 80h to
EFh to their default state. Registers from sub-address 70h to 7Fh and F0h to FFh remain unchanged.
FAULT
The TCD6000 has no fault detection circuitry of its own. Over/under voltage, over current, and over
temperature fault detection are expected to be done externally. However, a FAULT input has been provided
as an alternate "mute" input. The default (non-muted) state for FAULT is “floating”. The pin will self-bias to
approximately 2.5V. If FAULT is taken to either 5V or 0V the TCD6000 will go in to hard mute. If FLD
(register 3Ah bit D2) is set to ‘1’, the TCD6000 will automatically un-mute after FAULT is released (forced or
floated back to 2.5V). If FLD is cleared to ‘0’, the TCD6000 will remain latched in this FAULT-based muted
condition until the FAULT pin is released and FLC (register 3Ah bit D1) undergoes a ‘0’ to ‘1’ transition.
AUTOMATIC DC OFFSET CALIBRATION
When the TCD6000 comes out of hard mute (register 2Ch bit D1 transitions from ‘1’ to ‘0’) an automatic DC
offset calibration sequence is started. During this sequence, the TCD6000 calibrates itself and its external
components to minimize DC offset at the speaker outputs that can be caused by process variations and
component tolerance.
The automatic DC offset calibration sequence takes a maximum of 1 second if the PGC is disabled and 4
seconds if the PGC is enabled. The additional time is required because each different amplifier gain level
may require a different calibration level. Therefore, each of the four PGC levels will require calibration upon
un-muting.
Automatic DC offset calibration produces 10 bit offset values for each channel that are stored in internal
registers. When Automatic DC offset calibration is enabled, the 10 bit values that are in use can be read in
the Calibration Readback registers (registers 02h – 09h). When the PGC is enabled, four different values
are stored for each channel. The values that are seen in the Calibration Readback registers will change as
the PGC Setting changes.


Similar Part No. - TCD6000

ManufacturerPart #DatasheetDescription
logo
Tripath Technology Inc.
TCD6001 TRIPATH-TCD6001 Datasheet
411Kb / 43P
   6 CHANNEL CLASS-T DIGITAL AUDIO PROCESSOR USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
More results

Similar Description - TCD6000

ManufacturerPart #DatasheetDescription
logo
Tripath Technology Inc.
TCD6001 TRIPATH-TCD6001 Datasheet
411Kb / 43P
   6 CHANNEL CLASS-T DIGITAL AUDIO PROCESSOR USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
TDA2075A TRIPATH-TDA2075A Datasheet
459Kb / 24P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
EB-TA1101B TRIPATH-EB-TA1101B Datasheet
543Kb / 9P
   Class-T Digital Audio Amplifier Evaluation Board using Digital Power ProcessingTM Technology
TDA1400 TRIPATH-TDA1400 Datasheet
479Kb / 25P
   MONO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
TDA2125A TRIPATH-TDA2125A Datasheet
97Kb / 1P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
TA3020 TRIPATH-TA3020 Datasheet
284Kb / 29P
   Stereo 300W (4?? Class-T Digital Audio Amplifier Driver using Digital Power ProcessingTM Technology
TK2350 TRIPATH-TK2350 Datasheet
699Kb / 36P
   STEREO 300W (4 OHM ) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
TAA4100A TRIPATH-TAA4100A Datasheet
337Kb / 20P
   FOUR CHANNEL CLASS-T DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TAA4100 TRIPATH-TAA4100 Datasheet
332Kb / 20P
   FOUR CHANNEL CLASS-T DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TA2041A TRIPATH-TA2041A Datasheet
330Kb / 19P
   FOUR CHANNEL CLASS-T DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com