Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA1400 Datasheet(PDF) 11 Page - Tripath Technology Inc.

Part # TDA1400
Description  MONO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TDA1400 Datasheet(HTML) 11 Page - Tripath Technology Inc.

Back Button TDA1400 Datasheet HTML 7Page - Tripath Technology Inc. TDA1400 Datasheet HTML 8Page - Tripath Technology Inc. TDA1400 Datasheet HTML 9Page - Tripath Technology Inc. TDA1400 Datasheet HTML 10Page - Tripath Technology Inc. TDA1400 Datasheet HTML 11Page - Tripath Technology Inc. TDA1400 Datasheet HTML 12Page - Tripath Technology Inc. TDA1400 Datasheet HTML 13Page - Tripath Technology Inc. TDA1400 Datasheet HTML 14Page - Tripath Technology Inc. TDA1400 Datasheet HTML 15Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
T r ip a t h T e ch n o lo gy, In c . - P r e l i m in a r y In f o r m a t i o n
11
T D A 1 40 0 – Re v. 0. 65/ K L i /0 2.0 6
Typical Performance Characteristics – Single Supply
1
600
2
5
10
20
50
100
200
W
f = 20Hz
f = 1kHz
f = 100Hz
R
L = 4Ω
VPP = 60V
AES 17 FILTER
THD+N vs Output Power
0.001
10
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
%
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
1
600
2
5
10
20
50
100
200
W
0.001
0.002
0.005
THD+N vs Output Power
R
L = 4Ω
f = 100Hz
AES 17 FILTER
VPP = 50V
VPP = 60V
VPP = 55V
1
600
2
5
10
20
50
100
200
W
0.001
10
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
%
THD+N vs Output Power
R
L = 6Ω
VPP = 60V
AES 17 FILTER
f = 1kHz
f = 20Hz
f = 100Hz
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
0.001
0.002
0.005
1
600
2
5
10
20
50
100
200
W
THD+Nvs Output Power
R
L = 6Ω
f = 100Hz
AES17 FILTER
VPP = 60V
VPP = 50V
VPP = 55V
0.001
10
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
%
1
600
2
5
10
20
50
100
200
W
THD+N vs Output Power
R
L = 8Ω
VPP = 60V
AES 17 FILTER
f = 1kHz
f = 100Hz
f = 20Hz
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
0.001
0.002
0.005
1
600
2
5
10
20
50
100
200
W
THD+Nvs Output Power
R
L = 8Ω
f =100Hz
AES17FILTER
VPP=60V
VPP=50V
VPP=55V


Similar Part No. - TDA1400

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDA1410 ETC-TDA1410 Datasheet
746Kb / 14P
   MONOLITHIC QUASI-COMPLEMENTARY DUAL DARLINGTON IN PENTAWATT® PACKAGE
TDA1410H ETC-TDA1410H Datasheet
746Kb / 14P
   MONOLITHIC QUASI-COMPLEMENTARY DUAL DARLINGTON IN PENTAWATT® PACKAGE
TDA1410V ETC-TDA1410V Datasheet
746Kb / 14P
   MONOLITHIC QUASI-COMPLEMENTARY DUAL DARLINGTON IN PENTAWATT® PACKAGE
logo
Dongguan Xinkang Electr...
TDA149 TNK-TDA149 Datasheet
148Kb / 1P
   VDSL Line Transformer Through Hole Magnetics
More results

Similar Description - TDA1400

ManufacturerPart #DatasheetDescription
logo
Tripath Technology Inc.
TDA2075A TRIPATH-TDA2075A Datasheet
459Kb / 24P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
TDA2125A TRIPATH-TDA2125A Datasheet
97Kb / 1P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
EB-TA1101B TRIPATH-EB-TA1101B Datasheet
543Kb / 9P
   Class-T Digital Audio Amplifier Evaluation Board using Digital Power ProcessingTM Technology
TA3020 TRIPATH-TA3020 Datasheet
284Kb / 29P
   Stereo 300W (4?? Class-T Digital Audio Amplifier Driver using Digital Power ProcessingTM Technology
TK2350 TRIPATH-TK2350 Datasheet
699Kb / 36P
   STEREO 300W (4 OHM ) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
TCD6001 TRIPATH-TCD6001 Datasheet
411Kb / 43P
   6 CHANNEL CLASS-T DIGITAL AUDIO PROCESSOR USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
TCD6000 TRIPATH-TCD6000 Datasheet
676Kb / 36P
   6 CHANNEL CLASS-T DIGITAL AUDIO PROCESSOR USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
TK2150 TRIPATH-TK2150 Datasheet
666Kb / 34P
   STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY
TDA2500 TRIPATH-TDA2500 Datasheet
313Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TA0105A TRIPATH-TA0105A Datasheet
359Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com