Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX29F200CBTI-70G Datasheet(PDF) 10 Page - Macronix International

Part # MX29F200CBTI-70G
Description  2M-BIT [256Kx8/128Kx16] CMOS FLASH MEMORY
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29F200CBTI-70G Datasheet(HTML) 10 Page - Macronix International

Back Button MX29F200CBTI-70G Datasheet HTML 6Page - Macronix International MX29F200CBTI-70G Datasheet HTML 7Page - Macronix International MX29F200CBTI-70G Datasheet HTML 8Page - Macronix International MX29F200CBTI-70G Datasheet HTML 9Page - Macronix International MX29F200CBTI-70G Datasheet HTML 10Page - Macronix International MX29F200CBTI-70G Datasheet HTML 11Page - Macronix International MX29F200CBTI-70G Datasheet HTML 12Page - Macronix International MX29F200CBTI-70G Datasheet HTML 13Page - Macronix International MX29F200CBTI-70G Datasheet HTML 14Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
10
P/N:PM1250
REV. 1.0 , DEC. 14, 2005
MX29F200C T/B
Status
Q7
Q6
Q5
Q3
Q2
RY/BY#
Note1
Note2
Byte Program in Auto Program Algorithm
Q7#
Toggle
0
N/A
No
0
Toggle
Auto Erase Algorithm
0
Toggle
0
1
Toggle
0
Erase Suspend Read
1
No
0
N/A Toggle
1
(Erase Suspended Sector)
Toggle
In Progress
Erase Suspended Mode
Erase Suspend Read
Data
Data
Data
Data
Data
1
(Non-Erase Suspended Sector)
Erase Suspend Program
Q7#
Toggle
0
N/A
N/A
0
Byte Program in Auto Program Algorithm
Q7#
Toggle
1
N/A
No
0
Toggle
Exceeded
Time Limits
Auto Erase Algorithm
0
Toggle
1
1
Toggle
0
Erase Suspend Program
Q7#
Toggle
1
N/A
N/A
0
Table 4. Write Operation Status
Notes:
1. Q7 and Q2 require a valid address when reading status information. Refer to the appropriate subsection for further
details.
2. Q5 switches to '1' when an Auto Program or Auto Erase operation has exceeded the maximum timing limits.
See "Q5:Exceeded Timing Limits " for more information.


Similar Part No. - MX29F200CBTI-70G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29F200BMC-12 MCNIX-MX29F200BMC-12 Datasheet
720Kb / 46P
   2M-BIT [256Kx8/128Kx16] CMOS FLASH MEMORY
MX29F200BMC-55 MCNIX-MX29F200BMC-55 Datasheet
720Kb / 46P
   2M-BIT [256Kx8/128Kx16] CMOS FLASH MEMORY
MX29F200BMC-70 MCNIX-MX29F200BMC-70 Datasheet
720Kb / 46P
   2M-BIT [256Kx8/128Kx16] CMOS FLASH MEMORY
MX29F200BMC-90 MCNIX-MX29F200BMC-90 Datasheet
720Kb / 46P
   2M-BIT [256Kx8/128Kx16] CMOS FLASH MEMORY
MX29F200BMI-12 MCNIX-MX29F200BMI-12 Datasheet
720Kb / 46P
   2M-BIT [256Kx8/128Kx16] CMOS FLASH MEMORY
More results

Similar Description - MX29F200CBTI-70G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29F200T MCNIX-MX29F200T Datasheet
720Kb / 46P
   2M-BIT [256Kx8/128Kx16] CMOS FLASH MEMORY
logo
ON Semiconductor
LE25U20AMB-AH ONSEMI-LE25U20AMB-AH Datasheet
140Kb / 21P
   2M-bit (256Kx8)Serial Flash Memory
July, 2013
logo
Macronix International
MX27L2000 MCNIX-MX27L2000 Datasheet
1Mb / 18P
   2M-BIT [256Kx8] CMOS EPROM
MAX27L2000 MCNIX-MAX27L2000 Datasheet
101Kb / 14P
   2M-BIT [256Kx8] CMOS EPROM
MX27C2100 MCNIX-MX27C2100 Datasheet
563Kb / 17P
   2M-BIT [256Kx8/128x16] CMOS EPROM
MX28F2000T MCNIX-MX28F2000T Datasheet
115Kb / 31P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F022 MCNIX-MX29F022 Datasheet
595Kb / 46P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
MX29F002 MCNIX-MX29F002 Datasheet
608Kb / 51P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
logo
SPANSION
MBM29F017A SPANSION-MBM29F017A Datasheet
493Kb / 49P
   FLASH MEMORY CMOS 16M (2M x 8) BIT
MBM29F016A SPANSION-MBM29F016A Datasheet
467Kb / 43P
   FLASH MEMORY CMOS 16M (2M x 8) BIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com