Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

29F400C-55 Datasheet(PDF) 5 Page - Macronix International

Part # 29F400C-55
Description  4M-BIT [512Kx8/256Kx16] CMOS SINGLE VOLTAGE 5V ONLY BOOT SECTOR FLASH MEMORY
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

29F400C-55 Datasheet(HTML) 5 Page - Macronix International

  29F400C-55 Datasheet HTML 1Page - Macronix International 29F400C-55 Datasheet HTML 2Page - Macronix International 29F400C-55 Datasheet HTML 3Page - Macronix International 29F400C-55 Datasheet HTML 4Page - Macronix International 29F400C-55 Datasheet HTML 5Page - Macronix International 29F400C-55 Datasheet HTML 6Page - Macronix International 29F400C-55 Datasheet HTML 7Page - Macronix International 29F400C-55 Datasheet HTML 8Page - Macronix International 29F400C-55 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
5
P/N:PM1200
MX29F400C T/B
REV. 1.0, DEC. 20, 2005
AUTOMATIC PROGRAMMING
The MX29F400C T/B is byte programmable using the
Automatic Programming algorithm. The Automatic Pro-
gramming algorithm makes the external system do not
need to have time out sequence nor to verify the data
programmed. The typical chip programming time at room
temperature of the MX29F400C T/B is less than 4.5 sec-
onds.
AUTOMATIC CHIP ERASE
The entire chip is bulk erased using 10 ms erase pulses
according to MXIC's Automatic Chip Erase algorithm.
Typical erasure at room temperature is accomplished in
less than 4 second. The Automatic Erase algorithm au-
tomatically programs the entire array prior to electrical
erase. The timing and verification of electrical erase are
controlled internally within the device.
AUTOMATIC SECTOR ERASE
The MX29F400C T/B is sector(s) erasable using MXIC's
Auto Sector Erase algorithm. Sector erase modes allow
sectors of the array to be erased in one erase cycle. The
Automatic Sector Erase algorithm automatically programs
the specified sector(s) prior to electrical erase. The tim-
ing and verification of electrical erase are controlled in-
ternally within the device.
AUTOMATIC PROGRAMMING ALGORITHM
MXIC's Automatic Programming algorithm requires the
user to only write program set-up commands (including 2
unlock write cycle and A0H) and a program command
(program data and address). The device automatically
times the programming pulse width, provides the pro-
gram verification, and counts the number of sequences.
A status bit similar to Data# Polling and a status bit tog-
gling between consecutive read cycles, provide feedback
to the user as to the status of the programming opera-
tion.
AUTOMATIC ERASE ALGORITHM
MXIC's Automatic Erase algorithm requires the user to
write commands to the command register using stan-
dard microprocessor write timings. The device will auto-
matically pre-program and verify the entire array. Then
the device automatically times the erase pulse width,
provides the erase verification, and counts the number
of sequences. A status bit toggling between consecu-
tive read cycles provides feedback to the user as to the
status of the programming operation.
Register contents serve as inputs to an internal state-
machine which controls the erase and programming cir-
cuitry. During write cycles, the command register inter-
nally latches address and data needed for the program-
ming and erase operations. During a system write cycle,
addresses are latched on the falling edge, and data are
latched on the rising edge of WE# or CE#, whichever
happens first .
MXIC's Flash technology combines years of EPROM
experience to produce the highest levels of quality, reli-
ability, and cost effectiveness.The MX29F400C T/B elec-
trically erases all bits simultaneously using Fowler-
Nordheim tunneling. The bytes are programmed by us-
ing the EPROM programming mechanism of hot electron
injection.
During a program cycle, the state-machine will control
the program sequences and command register will not
respond to any command set. During a Sector Erase
cycle, the command register will only respond to Erase
Suspend command. After Erase Suspend is completed,
the device stays in read mode. After the state machine
has completed its task, it will allow the command regis-
ter to respond to its full command set.


Similar Part No. - 29F400C-55

ManufacturerPart #DatasheetDescription
logo
Macronix International
29F4000 MCNIX-29F4000 Datasheet
710Kb / 44P
   4M-BIT [512Kx8/256Kx16] CMOS FLASH MEMORY
logo
List of Unclassifed Man...
29F400B-12PC ETC1-29F400B-12PC Datasheet
228Kb / 38P
   4MEGABIT (512K x 8/ 256K x 16) 5VOLT SECTOR ERASE CMOS FLASH MEMORY
29F400B-12PI ETC1-29F400B-12PI Datasheet
228Kb / 38P
   4MEGABIT (512K x 8/ 256K x 16) 5VOLT SECTOR ERASE CMOS FLASH MEMORY
29F400B-12TC ETC1-29F400B-12TC Datasheet
228Kb / 38P
   4MEGABIT (512K x 8/ 256K x 16) 5VOLT SECTOR ERASE CMOS FLASH MEMORY
29F400B-12TI ETC1-29F400B-12TI Datasheet
228Kb / 38P
   4MEGABIT (512K x 8/ 256K x 16) 5VOLT SECTOR ERASE CMOS FLASH MEMORY
More results

Similar Description - 29F400C-55

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX26LV400 MCNIX-MX26LV400 Datasheet
550Kb / 46P
   4M-BIT [512Kx8/256Kx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
MX29F400T MCNIX-MX29F400T Datasheet
710Kb / 44P
   4M-BIT [512Kx8/256Kx16] CMOS FLASH MEMORY
MX29F4000 MCNIX-MX29F4000 Datasheet
247Kb / 36P
   4M-BIT [512KX8] CMOS EQUAL SECTOR FLASH MEMORY
MX29F040 MCNIX-MX29F040 Datasheet
592Kb / 40P
   4M-BIT [512KX8] CMOS EQUAL SECTOR FLASH MEMORY
MX29F040C MCNIX-MX29F040C Datasheet
581Kb / 38P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 5V ONLY EQUAL SECTOR FLASH MEMORY
MX29F004T MCNIX-MX29F004T Datasheet
587Kb / 39P
   4M-BIT [512KX8] CMOS FLASH MEMORY
MX29LA128MT MCNIX-MX29LA128MT Datasheet
411Kb / 76P
   128M-BIT SINGLE VOLTAGE 3V ONLY BOOT SECTOR FLASH MEMORY
logo
Samsung semiconductor
KM23C4100DT SAMSUNG-KM23C4100DT Datasheet
72Kb / 4P
   4M-Bit (512Kx8 /256Kx16) CMOS MASK ROM
logo
Macronix International
MX29LV040C MCNIX-MX29LV040C Datasheet
484Kb / 52P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY
logo
SPANSION
S29AL008J70TFI010 SPANSION-S29AL008J70TFI010 Datasheet
1Mb / 54P
   CMOS 3.0 Volt-only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com