Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

29F400T-12TC Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # 29F400T-12TC
Description  4MEGABIT (512K x 8/ 256K x 16) 5VOLT SECTOR ERASE CMOS FLASH MEMORY
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

29F400T-12TC Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button 29F400T-12TC Datasheet HTML 4Page - List of Unclassifed Manufacturers 29F400T-12TC Datasheet HTML 5Page - List of Unclassifed Manufacturers 29F400T-12TC Datasheet HTML 6Page - List of Unclassifed Manufacturers 29F400T-12TC Datasheet HTML 7Page - List of Unclassifed Manufacturers 29F400T-12TC Datasheet HTML 8Page - List of Unclassifed Manufacturers 29F400T-12TC Datasheet HTML 9Page - List of Unclassifed Manufacturers 29F400T-12TC Datasheet HTML 10Page - List of Unclassifed Manufacturers 29F400T-12TC Datasheet HTML 11Page - List of Unclassifed Manufacturers 29F400T-12TC Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
BRIGHT
Preliminary BM29F400T/BM29F400B
Microelectronics
Inc.
- 8 -
If the device is deselected during programming or erase, the device will draw active current until the
programming or erase operation is completed. In the standby mode the outputs are in a high
impedance state, independent of the OE input.
Output Disable Mode
With the OE input at a logic high level (VIH), output from the device is disabled. This will cause the
output pins to be in a high impedance state. It is shown in Table 1 that CE = VIL and WE = VIH for
Output Disable. This is to differentiate Output Disable mode from Write mode and to prevent
inadvertent writes during Output Disable.
Program and Erase Modes
Device programming and erase are accomplished via the command register. Contents of the register
serve as inputs to the internal state machine. Outputs of the state machine dictate the function of the
device.
The command register itself does not occupy any addressable memory locations. The register is a
latch used to store the commands along with the addresses and data information needed to execute
the command. The command register is written by bringing WE to VIL, while CE is at VIL and OE is
at VIH. Addresses are latched on the falling edge of WE or CE , whichever happens later, while data
is latched on the rising edge of WE or CE , whichever happens first. Standard microprocessor write
timings are used. Refer to AC Characteristics for Programming/Erase and their respective Timing
Waveforms for specific timing parameters.
Enable Sector Protect and Verify Sector Protect Modes
The BM29F400 has a hardware Sector Protect mode that disables both Programming and Erase
operation to the protected sector(s). There are total of 11 sectors in this device. The sector protect
feature is enabled using the programming equipment at the user's site. The device is shipped from
the BMI factory with all sectors unprotected.
To verify programming of the protection circuitry, the programming equipment must force VID on the
address pin A9 with CE and OE at VIL and WE at VIH. As shown in Table 2, scanning the sector
addresses while (A6, A1 and A0) = (0, 1, 0) will produce a 01H code at the device output pins for a
protected sector. In the Verify Sector Protect mode, the device will read 00H for an unprotected
sector. In this mode, the lower order addresses, except for A0, A1 and A6, are don't care. Address
locations with A1 = VIL are reserved for Electronic ID manufacturer and device codes. It is also
possible to determine if a sector is protected in-system by writing the Electronic ID command
(described in the Electronic ID command section below.)
Temporary Sector Unprotect Mode
The BM29F400 has a Temporary Sector Unprotect feature that allows the protect feature to be
temporarily suspended to change data in a protected sector in-system. The Temporary Sector
Unprotect mode is activated by setting the RESET pin to VID (11.5V - 12.5V).
In this mode, protected sectors can be programmed or erased by selecting the sector addresses.
Once VID is removed from the RESET pin, all previously protected sectors will be protected. Refer to
the Temporary Sector Unprotect algorithm and timing waveforms.


Similar Part No. - 29F400T-12TC

ManufacturerPart #DatasheetDescription
logo
Macronix International
29F4000 MCNIX-29F4000 Datasheet
710Kb / 44P
   4M-BIT [512Kx8/256Kx16] CMOS FLASH MEMORY
29F400C-55 MCNIX-29F400C-55 Datasheet
442Kb / 42P
   4M-BIT [512Kx8/256Kx16] CMOS SINGLE VOLTAGE 5V ONLY BOOT SECTOR FLASH MEMORY
29F400C-70 MCNIX-29F400C-70 Datasheet
442Kb / 42P
   4M-BIT [512Kx8/256Kx16] CMOS SINGLE VOLTAGE 5V ONLY BOOT SECTOR FLASH MEMORY
29F400C-90 MCNIX-29F400C-90 Datasheet
442Kb / 42P
   4M-BIT [512Kx8/256Kx16] CMOS SINGLE VOLTAGE 5V ONLY BOOT SECTOR FLASH MEMORY
More results

Similar Description - 29F400T-12TC

ManufacturerPart #DatasheetDescription
logo
SPANSION
MBM29LV400TC-55 SPANSION-MBM29LV400TC-55 Datasheet
654Kb / 58P
   FLASH MEMORY CMOS 4M (512K X 8/256K X 16) BIT
logo
ATMEL Corporation
AT49F004 ATMEL-AT49F004 Datasheet
243Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
logo
SPANSION
MBM29F400TC SPANSION-MBM29F400TC Datasheet
566Kb / 48P
   FLASH MEMORY CMOS 4M (512K x 8/256K x 16) BIT
logo
ATMEL Corporation
AT49BV004 ATMEL-AT49BV004 Datasheet
241Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
logo
Hynix Semiconductor
HY29F040A HYNIX-HY29F040A Datasheet
282Kb / 40P
   512K x 8-bit CMOS 5.0 volt-only, Sector Erase Flash Memory
logo
AMIC Technology
A29L400 AMICC-A29L400 Datasheet
387Kb / 40P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L400A AMICC-A29L400A Datasheet
539Kb / 38P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29400B AMICC-A29400B Datasheet
383Kb / 34P
   512K X 8 Bit / 256K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29L400C AMICC-A29L400C Datasheet
440Kb / 37P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29400A AMICC-A29400A Datasheet
383Kb / 34P
   512K X 8 Bit / 256K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com