Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

29F400T-12TI Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # 29F400T-12TI
Description  4MEGABIT (512K x 8/ 256K x 16) 5VOLT SECTOR ERASE CMOS FLASH MEMORY
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

29F400T-12TI Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button 29F400T-12TI Datasheet HTML 5Page - List of Unclassifed Manufacturers 29F400T-12TI Datasheet HTML 6Page - List of Unclassifed Manufacturers 29F400T-12TI Datasheet HTML 7Page - List of Unclassifed Manufacturers 29F400T-12TI Datasheet HTML 8Page - List of Unclassifed Manufacturers 29F400T-12TI Datasheet HTML 9Page - List of Unclassifed Manufacturers 29F400T-12TI Datasheet HTML 10Page - List of Unclassifed Manufacturers 29F400T-12TI Datasheet HTML 11Page - List of Unclassifed Manufacturers 29F400T-12TI Datasheet HTML 12Page - List of Unclassifed Manufacturers 29F400T-12TI Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
BRIGHT
Preliminary BM29F400T/BM29F400B
Microelectronics
Inc.
A Winbond Company
Publication Release Date: May 1999
- 9 -
Revision A1
Read RESET Command
The read or RESET operation is initiated by writing the Read/Reset command sequence in to the
command register. Microprocessor read cycles retrieve the data from the memory. The device
remains enable for reads until the command register contents are changed.
The device will automatically power-up in the Read/Reset mode. In this case, a command sequence
is not needed to read the memory data. This default power-up to Read mode ensures that no spurious
changes of the data can take place during the power transitions. Refer to the AC Characteristics for
Read-Only Operation and the respective Timing Waveforms for the specific timing parameters.
Electronic ID Command
The BM29F400 contains an Electronic ID command to supplement the traditional PROM
programming method described in the Electronic ID Mode section. The operation is initiated by writing
the Electronic ID command sequence into the command register. Following command write, a read
cycle from address XX00H retrieves manufacturer code of ADH. A read cycle from address XX01H
returns the device code (BM29F400T = 23H and BM29F400B = ABH for 8-bit mode; BM29F400T =
2223H and BM29F400B = 22ABH for 16-bit mode) (see Table 3). All manufacturer and device codes
exhibit odd parity with the MSB (DQ7) defined as the parity bit.
The Electronic ID command can also be used to identify protected sectors. After writing the Electronic
ID command sequence, the CPU can scan the sector addresses (see Table 4 and Table 5) while (A6,
A1, A0) = (0, 1, 0). Protected sectors will return 01H on the data outputs and unprotected sectors will
return 00H. To terminate the operation, it is necessary to write the Read/Reset command sequence
into the command register.
Byte/Word Programming Command
The device is programmed on a byte-by-byte (or word-by-word) basis. Programming is a four bus
cycle operation (see Table 6). There are two "unlock" write cycles. These are followed by the program
set-up command and data write cycles. Addresses are latched on the falling edge of CE or WE ,
whichever happens later, and program data (PD) is latched on the rising edge of CE or WE ,
whichever happens first. The rising edge of CE or WE , whichever happens first, begins
programming using the Embedded Program Algorithm.
Upon executing the algorithm, the system is not required to provide further controls or timings. The
device will automatically provide adequate internally generated program pulses and verify the
programmed cell margin.
The automatic programming operation is completed when the data on DQ7 (also used as Data
Polling) is equivalent to the data written to this bit at which time the device returns to the read mode
and addresses are no longer latched (see Table 7, Write Operation Status Flags). Therefore, the
device requires that a valid address to the device be supplied by the system at this particular instance
of time for Data Polling operations. Data Polling must be performed at the memory location which is
being programmed.
Any commands written to the chip during the Internal Program Algorithm will be ignored. If a
hardware RESET occurs during the programming operation, the data at that particular location will
be corrupted.


Similar Part No. - 29F400T-12TI

ManufacturerPart #DatasheetDescription
logo
Macronix International
29F4000 MCNIX-29F4000 Datasheet
710Kb / 44P
   4M-BIT [512Kx8/256Kx16] CMOS FLASH MEMORY
29F400C-55 MCNIX-29F400C-55 Datasheet
442Kb / 42P
   4M-BIT [512Kx8/256Kx16] CMOS SINGLE VOLTAGE 5V ONLY BOOT SECTOR FLASH MEMORY
29F400C-70 MCNIX-29F400C-70 Datasheet
442Kb / 42P
   4M-BIT [512Kx8/256Kx16] CMOS SINGLE VOLTAGE 5V ONLY BOOT SECTOR FLASH MEMORY
29F400C-90 MCNIX-29F400C-90 Datasheet
442Kb / 42P
   4M-BIT [512Kx8/256Kx16] CMOS SINGLE VOLTAGE 5V ONLY BOOT SECTOR FLASH MEMORY
More results

Similar Description - 29F400T-12TI

ManufacturerPart #DatasheetDescription
logo
SPANSION
MBM29LV400TC-55 SPANSION-MBM29LV400TC-55 Datasheet
654Kb / 58P
   FLASH MEMORY CMOS 4M (512K X 8/256K X 16) BIT
logo
ATMEL Corporation
AT49F004 ATMEL-AT49F004 Datasheet
243Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
logo
SPANSION
MBM29F400TC SPANSION-MBM29F400TC Datasheet
566Kb / 48P
   FLASH MEMORY CMOS 4M (512K x 8/256K x 16) BIT
logo
ATMEL Corporation
AT49BV004 ATMEL-AT49BV004 Datasheet
241Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
logo
Hynix Semiconductor
HY29F040A HYNIX-HY29F040A Datasheet
282Kb / 40P
   512K x 8-bit CMOS 5.0 volt-only, Sector Erase Flash Memory
logo
AMIC Technology
A29L400 AMICC-A29L400 Datasheet
387Kb / 40P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L400A AMICC-A29L400A Datasheet
539Kb / 38P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29400B AMICC-A29400B Datasheet
383Kb / 34P
   512K X 8 Bit / 256K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29L400C AMICC-A29L400C Datasheet
440Kb / 37P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29400A AMICC-A29400A Datasheet
383Kb / 34P
   512K X 8 Bit / 256K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com