Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM78L06-ST89 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # GM78L06-ST89
Description  100 mA POSITIVE VOLTAGE REGULATORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GM78L06-ST89 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  GM78L06-ST89 Datasheet HTML 1Page - List of Unclassifed Manufacturers GM78L06-ST89 Datasheet HTML 2Page - List of Unclassifed Manufacturers GM78L06-ST89 Datasheet HTML 3Page - List of Unclassifed Manufacturers GM78L06-ST89 Datasheet HTML 4Page - List of Unclassifed Manufacturers GM78L06-ST89 Datasheet HTML 5Page - List of Unclassifed Manufacturers GM78L06-ST89 Datasheet HTML 6Page - List of Unclassifed Manufacturers GM78L06-ST89 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
GM78L00
100 mA POSITIVE VOLTAGE REGULATORS
Revision 1, May 2002
www.gammamicro.com
PRELIMINARY
4
S
C
I
T
S
I
R
E
T
C
A
R
A
H
C
L
O
B
M
Y
S
S
N
O
I
T
I
D
N
O
C
T
S
E
T
N
I
M
P
Y
T
X
A
M
T
I
N
U
e
g
a
tl
o
V
t
u
p
t
u
OV
O
T
J
C
°
5
2
=5
.
1
10
.
2
15
.
2
1V
n
o
it
a
l
u
g
e
R
e
n
i
LV
E
N
I
L
R
T
J
V
5
.
4
1
,
C
°
5
2
=
≤≤≤≤≤ V
I
≤≤≤≤
V
7
25
50
5
2
V
m
T
J
V
6
1
,
C
°
5
2
=
≤≤≤≤≤ V
I
≤≤≤≤
V
7
29
40
0
2
n
o
it
a
l
u
g
e
R
d
a
o
LV
D
A
O
L
R
T
J
A
m
1
,
C
°
5
2
=
≤≤≤≤≤ I
O
≤≤≤≤
A
m
0
0
12
20
0
1
V
m
T
J
A
m
1
,
C
°
5
2
=
≤≤≤≤≤ I
O
≤≤≤≤
A
m
0
43
10
5
e
g
a
tl
o
V
t
u
p
t
u
O
)
2
e
t
o
N
(
V
O
V
5
.
4
1
≤≤≤≤≤ V
I
≤≤≤≤
,
V
7
2A
m
1
≤≤≤≤≤ I
O
≤≤≤≤
A
m
0
44
.
1
12
16
.
2
1
V
V
5
.
4
1
≤≤≤≤≤ V
I
≤≤≤≤ V
X
A
M
,A
m
1
≤≤≤≤≤ I
O
≤≤≤≤
A
m
0
74
.
1
12
16
.
2
1
t
n
e
r
r
u
C
t
n
e
c
s
i
u
QI
Q
T
J
C
°
5
2
=3
.
45
.
6A
m
e
g
n
a
h
C
t
n
e
r
r
u
C
t
n
e
c
s
i
u
Q
∆I
Q
V
6
1
)
e
n
i
L
h
ti
w
(
≤≤≤≤≤ V
I
≤≤≤≤
V
7
25
.
1
A
m
A
m
1
)
d
a
o
L
h
ti
w
(
≤≤≤≤≤ I
O
≤≤≤≤
A
m
0
41
.
0
e
s
i
o
NN
O
T
A
z
H
0
1
,
C
°
5
2
=
≤≤≤≤≤ f ≤≤≤≤≤
z
H
k
0
0
10
7
µV
n
o
it
c
e
j
e
R
e
l
p
p
i
R
∆V
I /∆VO
T
J
V
5
1
,
z
H
k
0
2
1
=
f
,
C
°
5
2
=
≤≤≤≤≤ V
I
≤≤≤≤
V
5
27
32
4B
d
e
g
a
tl
o
V
t
u
o
p
o
r
DV
O
D
T
J
C
°
5
2
=7
.
1V
Note 1: The maximum steady state usable output current and input voltage are very dependent on the heat sinking and/or lead length
of the package. The data above represent pulse test conditions with junction temperatures as indicated at the initiation of tests.
Note 2: Power Dissipation
0.75W.
ELECTRICAL CHARACTERISTICS GM78L12
TA = 0°C to 125º C, VI=19V, IO=40mA, CI=0.33µF, CO=0.1µF, unless otherwise specified (Note 1)
S
C
I
T
S
I
R
E
T
C
A
R
A
H
C
L
O
B
M
Y
S
S
N
O
I
T
I
D
N
O
C
T
S
E
T
N
I
M
P
Y
T
X
A
M
T
I
N
U
e
g
a
tl
o
V
t
u
p
t
u
OV
O
T
J
C
°
5
2
=6
.
90
14
.
0
1V
n
o
it
a
l
u
g
e
R
e
n
i
LV
E
N
I
L
R
T
J
V
3
1
,
C
°
5
2
=
≤≤≤≤≤ V
I
≤≤≤≤
V
4
21
55
7
1
V
m
T
J
V
4
1
,
C
°
5
2
=
≤≤≤≤≤ V
I
≤≤≤≤
V
4
22
45
2
1
n
o
it
a
l
u
g
e
R
d
a
o
LV
D
A
O
L
R
T
J
A
m
1
,
C
°
5
2
=
≤≤≤≤≤ I
O
≤≤≤≤
A
m
0
0
12
20
0
1
V
m
T
J
A
m
1
,
C
°
5
2
=
≤≤≤≤≤ I
O
≤≤≤≤
A
m
0
43
10
5
e
g
a
tl
o
V
t
u
p
t
u
O
)
2
e
t
o
N
(
V
O
V
3
1
≤≤≤≤≤ V
I
≤≤≤≤
,
V
4
2A
m
1
≤≤≤≤≤ I
O
≤≤≤≤
A
m
0
45
.
90
15
.
0
1
V
V
3
1
≤≤≤≤≤ V
I
≤≤≤≤ V
X
A
M
,A
m
1
≤≤≤≤≤ I
O
≤≤≤≤
A
m
0
75
.
90
15
.
0
1
t
n
e
r
r
u
C
t
n
e
c
s
i
u
QI
Q
T
J
C
°
5
2
=3
.
45
.
6A
m
e
g
n
a
h
C
t
n
e
r
r
u
C
t
n
e
c
s
i
u
Q
∆I
Q
V
4
1
)
e
n
i
L
h
ti
w
(
≤≤≤≤≤ V
I
≤≤≤≤
V
4
25
.
1
A
m
A
m
1
)
d
a
o
L
h
ti
w
(
≤≤≤≤≤ I
O
≤≤≤≤
A
m
0
41
.
0
e
s
i
o
NN
O
T
A
z
H
0
1
,
C
°
5
2
=
≤≤≤≤≤ f ≤≤≤≤≤
z
H
k
0
0
12
6
µV
n
o
it
c
e
j
e
R
e
l
p
p
i
R
∆V
I /∆VO
T
J
V
6
1
,
z
H
k
0
2
1
=
f
,
C
°
5
2
=
≤≤≤≤≤ V
I
≤≤≤≤
V
7
27
34
4B
d
e
g
a
tl
o
V
t
u
o
p
o
r
DV
O
D
T
J
C
°
5
2
=7
.
1V
ELECTRICAL CHARACTERISTICS GM78L10
TA = 0°C to 125º C, VI=17V, IO=40mA, CI=0.33µF, CO=0.1µF, unless otherwise specified (Note 1)
Note 1: The maximum steady state usable output current and input voltage are very dependent on the heat sinking and/or lead length
of the package. The data above represent pulse test conditions with junction temperatures as indicated at the initiation of tests.
Note 2: Power Dissipation
0.75W.


Similar Part No. - GM78L06-ST89

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM78L06 GAMMA-GM78L06 Datasheet
377Kb / 13P
   POSITIVE VOLTAGE REGULATORS
GM78L06S8B GAMMA-GM78L06S8B Datasheet
377Kb / 13P
   POSITIVE VOLTAGE REGULATORS
GM78L06S8R GAMMA-GM78L06S8R Datasheet
377Kb / 13P
   POSITIVE VOLTAGE REGULATORS
GM78L06S8RL GAMMA-GM78L06S8RL Datasheet
377Kb / 13P
   POSITIVE VOLTAGE REGULATORS
GM78L06S8T GAMMA-GM78L06S8T Datasheet
377Kb / 13P
   POSITIVE VOLTAGE REGULATORS
More results

Similar Description - GM78L06-ST89

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC78L00A ONSEMI-MC78L00A_V01 Datasheet
360Kb / 19P
   Positive Voltage Regulators 100 mA
August, 2021 - Rev. 20
MC78L00A ONSEMI-MC78L00A_15 Datasheet
123Kb / 15P
   100 mA Positive Voltage Regulators
September, 2015 ??Rev. 17
NCV78L00A ONSEMI-NCV78L00A Datasheet
125Kb / 16P
   100 mA Positive Voltage Regulators
May, 2005 ??Rev. 10
MC78L00A ONSEMI-MC78L00A_10 Datasheet
194Kb / 18P
   100 mA Positive Voltage Regulators
January, 2010 ??Rev. 15
MC78L18ABPG ONSEMI-MC78L18ABPG Datasheet
173Kb / 14P
   100 mA Positive Voltage Regulators
May, 2013 ??Rev. 16
logo
Suntac Electronic Corp.
STC78L00 SUNTAC-STC78L00 Datasheet
111Kb / 7P
   100 mA Positive oltage Regulators
logo
ON Semiconductor
MC78M09BDTRK ONSEMI-MC78M09BDTRK_11 Datasheet
237Kb / 18P
   500 mA Positive Voltage Regulators
December, 2011 ??Rev. 25
MC78M00 ONSEMI-MC78M00_06 Datasheet
154Kb / 16P
   500 mA Positive Voltage Regulators
August, 2006 ??Rev. 18
MC78M00 ONSEMI-MC78M00_16 Datasheet
137Kb / 15P
   500 mA Positive Voltage Regulators
March, 2016 ??Rev. 28
NCV78M05BDTRKG ONSEMI-NCV78M05BDTRKG Datasheet
209Kb / 15P
   500 mA Positive Voltage Regulators
May, 2013 ??Rev. 26
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com