Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

29F400B-12TI Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # 29F400B-12TI
Description  4MEGABIT (512K x 8/ 256K x 16) 5VOLT SECTOR ERASE CMOS FLASH MEMORY
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

29F400B-12TI Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button 29F400B-12TI Datasheet HTML 2Page - List of Unclassifed Manufacturers 29F400B-12TI Datasheet HTML 3Page - List of Unclassifed Manufacturers 29F400B-12TI Datasheet HTML 4Page - List of Unclassifed Manufacturers 29F400B-12TI Datasheet HTML 5Page - List of Unclassifed Manufacturers 29F400B-12TI Datasheet HTML 6Page - List of Unclassifed Manufacturers 29F400B-12TI Datasheet HTML 7Page - List of Unclassifed Manufacturers 29F400B-12TI Datasheet HTML 8Page - List of Unclassifed Manufacturers 29F400B-12TI Datasheet HTML 9Page - List of Unclassifed Manufacturers 29F400B-12TI Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
BRIGHT
Preliminary BM29F400T/BM29F400B
Microelectronics
Inc.
- 6 -
Table 4. Sector Address Tables (BM29F400T)
A17
A16
A15
A14
A13
A12
(x8) Address Range
(x16) Address Range
SA0
0
0
0
X
X
X
00000H-0FFFFH
00000H-07FFFH
SA1
0
0
1
X
X
X
10000H-1FFFFH
08000H-0FFFFH
SA2
0
1
0
X
X
X
20000H-2FFFFH
10000H-17FFFH
SA3
0
1
1
X
X
X
30000H-3FFFFH
18000H-1FFFFH
SA4
1
0
0
X
X
X
40000H-4FFFFH
20000H-27FFFH
SA5
1
0
1
X
X
X
50000H-5FFFFH
28000H-2FFFFH
SA6
1
1
0
X
X
X
60000H-6FFFFH
30000H-37FFFH
SA7
1
1
1
0
X
X
70000H-77FFFH
38000H-3BFFFH
SA8
1
1
1
1
0
0
78000H-79FFFH
3C000H-3CFFFH
SA9
1
1
1
1
0
1
7A000H-7BFFFH
3D000H-3DFFFH
SA10
1
1
1
1
1
X
7C000H-7FFFFH
3E000H-3FFFFH
Notes:
1. The address range is A17:A-1 if in byte mode ( BYTE = VIL).
2. The address range is A17:A0, if in word mode ( BYTE = VIH).
Table 5. Sector Address Tables (BM29F400B)
A17
A16
A15
A14
A13
A12
(x8) Address Range
x16) Address Range
SA0
0
0
0
0
0
X
00000H-03FFFH
00000H-01FFFH
SA1
0
0
0
0
1
0
04000H-05FFFH
02000H-02FFFH
SA2
0
0
0
0
1
1
06000H-07FFFH
03000H-03FFFH
SA3
0
0
0
1
X
X
08000H-0FFFFH
04000H-07FFFH
SA4
0
0
1
X
X
X
10000H-1FFFFH
08000H-0FFFFH
SA5
0
1
0
X
X
X
20000H-2FFFFH
10000H-17FFFH
SA6
0
1
1
X
X
X
30000H-3FFFFH
18000H-1FFFFH
SA7
1
0
0
X
X
X
40000H-4FFFFH
20000H-27FFFH
SA8
1
0
1
X
X
X
50000H-5FFFFH
28000H-2FFFFH
SA9
1
1
0
X
X
X
60000H-6FFFFH
30000H-37FFFH
SA10
1
1
1
X
X
X
70000H-7FFFFH
38000H-3FFFFH
Notes:
1. The address range is A17:A-1 if in byte mode ( BYTE = VIL).
2. The address range is A17:A0, if in word mode ( BYTE = VIH).


Similar Part No. - 29F400B-12TI

ManufacturerPart #DatasheetDescription
logo
Macronix International
29F4000 MCNIX-29F4000 Datasheet
710Kb / 44P
   4M-BIT [512Kx8/256Kx16] CMOS FLASH MEMORY
29F400C-55 MCNIX-29F400C-55 Datasheet
442Kb / 42P
   4M-BIT [512Kx8/256Kx16] CMOS SINGLE VOLTAGE 5V ONLY BOOT SECTOR FLASH MEMORY
29F400C-70 MCNIX-29F400C-70 Datasheet
442Kb / 42P
   4M-BIT [512Kx8/256Kx16] CMOS SINGLE VOLTAGE 5V ONLY BOOT SECTOR FLASH MEMORY
29F400C-90 MCNIX-29F400C-90 Datasheet
442Kb / 42P
   4M-BIT [512Kx8/256Kx16] CMOS SINGLE VOLTAGE 5V ONLY BOOT SECTOR FLASH MEMORY
More results

Similar Description - 29F400B-12TI

ManufacturerPart #DatasheetDescription
logo
SPANSION
MBM29LV400TC-55 SPANSION-MBM29LV400TC-55 Datasheet
654Kb / 58P
   FLASH MEMORY CMOS 4M (512K X 8/256K X 16) BIT
logo
ATMEL Corporation
AT49F004 ATMEL-AT49F004 Datasheet
243Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
logo
SPANSION
MBM29F400TC SPANSION-MBM29F400TC Datasheet
566Kb / 48P
   FLASH MEMORY CMOS 4M (512K x 8/256K x 16) BIT
logo
ATMEL Corporation
AT49BV004 ATMEL-AT49BV004 Datasheet
241Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
logo
Hynix Semiconductor
HY29F040A HYNIX-HY29F040A Datasheet
282Kb / 40P
   512K x 8-bit CMOS 5.0 volt-only, Sector Erase Flash Memory
logo
AMIC Technology
A29L400 AMICC-A29L400 Datasheet
387Kb / 40P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L400A AMICC-A29L400A Datasheet
539Kb / 38P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29400B AMICC-A29400B Datasheet
383Kb / 34P
   512K X 8 Bit / 256K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29L400C AMICC-A29L400C Datasheet
440Kb / 37P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29400A AMICC-A29400A Datasheet
383Kb / 34P
   512K X 8 Bit / 256K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com