Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX29GL033MTMC-70G Datasheet(PDF) 10 Page - Macronix International

Part # MX29GL033MTMC-70G
Description  32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29GL033MTMC-70G Datasheet(HTML) 10 Page - Macronix International

Back Button MX29GL033MTMC-70G Datasheet HTML 6Page - Macronix International MX29GL033MTMC-70G Datasheet HTML 7Page - Macronix International MX29GL033MTMC-70G Datasheet HTML 8Page - Macronix International MX29GL033MTMC-70G Datasheet HTML 9Page - Macronix International MX29GL033MTMC-70G Datasheet HTML 10Page - Macronix International MX29GL033MTMC-70G Datasheet HTML 11Page - Macronix International MX29GL033MTMC-70G Datasheet HTML 12Page - Macronix International MX29GL033MTMC-70G Datasheet HTML 13Page - Macronix International MX29GL033MTMC-70G Datasheet HTML 14Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 66 page
background image
10
P/N:PM1136
REV. 1.1, AUG. 11, 2005
MX29LV320M H/L
REQUIREMENTS FOR READING ARRAY
DATA
To read array data from the outputs, the system must
drive the CE# and OE# pins to VIL. CE# is the power
control and selects the device. OE# is the output control
and gates array data to the output pins. WE# should re-
main at VIH.
The internal state machine is set for reading array data
upon device power-up, or after a hardware reset. This
ensures that no spurious alteration of the memory con-
tent occurs during the power transition. No command is
necessary in this mode to obtain array data. Standard
microprocessor read cycles that assert valid address on
the device address inputs produce valid data on the de-
vice data outputs. The device remains enabled for read
access until the command register contents are altered.
PAGE MODE READ
The MX29LV320M H/L offers "fast page mode read" func-
tion. This mode provides faster read access speed for
random locations within a page. The page size of the
device is 4 words/8 bytes. The appropriate page is se-
lected by the higher address bits A0~A1(Word Mode)/A-
1~A1(Byte Mode) This is an asynchronous operation; the
microprocessor supplies the specific word location.
The system performance could be enhanced by initiating
1 normal read and 3 fast page read (for word mode A0-
A1) or 7 fast page read (for byte mode A-1~A1). When
CE# is deasserted and reasserted for a subsequent ac-
cess, the access time is tACC or tCE. Fast page mode
accesses are obtained by keeping the "read-page ad-
dresses" constant and changing the "intra-read page"
addresses.
WRITING
COMMANDS/COMMAND
SE-
QUENCES
To program data to the device or erase sectors of memory,
the system must drive WE# and CE# to VIL, and OE# to
VIH.
An erase operation can erase one sector, multiple sec-
tors, or the entire device. Table indicates the address
space that each sector occupies. A "sector address"
consists of the address bits required to uniquely select a
sector.The "Writing specific address and data commands
or sequences into the command register initiates device
operations. Table 1 defines the valid register command
sequences. Writing incorrect address and data values or
writing them in the improper sequence resets the device
to reading array data. Section has details on erasing a
sector or the entire chip, or suspending/resuming the erase
operation.
After the system writes the Automatic Select command
sequence, the device enters the Automatic Select mode.
The system can then read Automatic Select codes from
the internal register (which is separate from the memory
array) on Q7-Q0. Standard read cycle timings apply in
this mode. Refer to the Automatic Select Mode and Au-
tomatic Select Command Sequence section for more
information.
ICC2 in the DC Characteristics table represents the ac-
tive current specification for the write mode. The "AC
Characteristics" section contains timing specification
table and timing diagrams for write operations.
WRITE BUFFER
Write Buffer Programming allows the system to write a
maximum of 16 words/32 bytes in one programming op-
eration.This results in faster effective programming time
than the standard programming algorithms. See "Write
Buffer" for more information.
ACCELERATED PROGRAM OPERATION
The device offers accelerated program operations through
the ACC function. This is one of two functions provided
by the ACC pin. This function is primarily intended to
allow faster manufacturing throughput at the factory.
If the system asserts VHH on this pin, the device auto-
matically enters the aforementioned Unlock Bypass
mode, temporarily unprotects any protected sectors, and
uses the higher voltage on the pin to reduce the time
required for program operations. The system would use
a two-cycle program command sequence as required by
the Unlock Bypass mode. Removing VHH from the ACC
pin must not be at VHH for operations other than accel-
erated programming, or device damage may result.


Similar Part No. - MX29GL033MTMC-70G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29GL033MTMC-70G MCNIX-MX29GL033MTMC-70G Datasheet
397Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29GL033MTMC-70G MCNIX-MX29GL033MTMC-70G Datasheet
539Kb / 70P
   64M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29GL033MTMC-70G MCNIX-MX29GL033MTMC-70G Datasheet
394Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
More results

Similar Description - MX29GL033MTMC-70G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LA321MH MCNIX-MX29LA321MH Datasheet
510Kb / 66P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
logo
Integrated Circuit Syst...
MX29LV033M ICST-MX29LV033M Datasheet
378Kb / 65P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
logo
Macronix International
MX29LV64XMH MCNIX-MX29LV64XMH Datasheet
539Kb / 70P
   64M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LV128MH MCNIX-MX29LV128MH Datasheet
394Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LA129MH MCNIX-MX29LA129MH Datasheet
397Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LA128MT MCNIX-MX29LA128MT Datasheet
411Kb / 76P
   128M-BIT SINGLE VOLTAGE 3V ONLY BOOT SECTOR FLASH MEMORY
logo
List of Unclassifed Man...
MX29LV033C ETC1-MX29LV033C Datasheet
530Kb / 57P
   32M-BIT COMSEQUAL SECTOR FLASH MEMORY
logo
Macronix International
MX29GL512E MCNIX-MX29GL512E Datasheet
1Mb / 69P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL512F MCNIX-MX29GL512F Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX68GL1G0F MCNIX-MX68GL1G0F Datasheet
1Mb / 71P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com