Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EGN21A045IV Datasheet(PDF) 1 Page - Eudyna Devices Inc

Part # EGN21A045IV
Description  High Voltage - High Power GaN-HEMT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

EGN21A045IV Datasheet(HTML) 1 Page - Eudyna Devices Inc

  EGN21A045IV Datasheet HTML 1Page - Eudyna Devices Inc EGN21A045IV Datasheet HTML 2Page - Eudyna Devices Inc EGN21A045IV Datasheet HTML 3Page - Eudyna Devices Inc EGN21A045IV Datasheet HTML 4Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Pr
eli
mi
na
ry
FEATURES
High Voltage Operation : VDS=50V
High Gain: 16dB(typ.) at Pout=39dBm(Avg.)
High Efficiency: 35%(typ.) at Pout=39dBm(Avg.)
Broad Frequency Range : 2100 to 2200MHz
Proven Reliability
DESCRIPTION
The EGN21A045IV is a 45 Watt GaN-HEMT that offers high efficiency,
high gain, ease of matching, greater consistency and broad bandwidth
for high power L-band amplifiers with 50V operation. This device is
targeted for high voltage, low current operation in digitally modulated
base station applications - ideally suited for W-CDMA base station
amplifiers and other HPA designs while offering ease of use.
ABSOLUTE MAXIMUM RATINGS
Item
Symbol
Condition
Rating
Unit
Drain-Source Voltage
VDS
120
V
Gate-Source Voltage
VGS
Tc=25oC     
-5
V
Total Power Dissipation
Pt
112
W
Storage Temperature
Tstg
-65 to +175
oC
Channel Temperature
Tch
250
oC
ELECTRICAL CHARACTERISTICS (Case Temperature Tc=25oC)
Item
Symbol
Condition
Limit
Unit
Min. Typ. Max.
Pinch-Off Voltage
Vp
VDS=50V IDS=18mA
-1.0
-2.0
-3.5
V
Gate-Drain Breakdown Voltage
VGDO
IGS=- 9.0 mA
-
-350
-
V
3rd Order Inter modulation Distortion
IM3
VDS=50V
-
-32
-
dBc
Power Gain
Gp
IDS(DC)=250mA
15.0
16.0
-
dB
Drain Efficiency
ηd
Pout=39dBm(Avg.)
-
35
-
%
Note 1
Thermal Resistance
Rth
Channel to Case
-
1.8
2.0
oC/W
Note 1 : IM3 and Gain test condition as follows:
IM3 & Gain : fo=2.135GHz, f1=2.145GHz W-CDMA(3GPP3.4 12-00) BS-1 64ch
67% clipping modulation(Peak/Avg. = 8.5dB@0.01% Probability(CCDF)) measured
over 3.84MHz at fo-10MHz and fI+10MHz.
Edition 1.0
June 2005
1
RECOMMENDED OPERATING CONDITION(Case Temperature Tc= 25oC)
Item
Symbol
Condition
Limit
Unit
DC Input Voltage
VDS
50
V
Forward Gate Current
IGF
RG=10
<9.7
mA
Reverse Gate Current
IGR
RG=10
>-3.6
mA
Channel Temperature
Tch
200
oC
EGN21A045IV
High Voltage - High Power GaN-HEMT
Preliminary
Eudyna GaN-HEMT 45W


Similar Part No. - EGN21A045IV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EGN21A090IV ETC1-EGN21A090IV Datasheet
236Kb / 4P
   High Voltage - High Power GaN-HEMT
More results

Similar Description - EGN21A045IV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EGN21A090IV ETC1-EGN21A090IV Datasheet
236Kb / 4P
   High Voltage - High Power GaN-HEMT
logo
Eudyna Devices Inc
EGN21A180IV EUDYNA-EGN21A180IV Datasheet
234Kb / 4P
   High Voltage - High Power GaN-HEMT
EGN35A180IV EUDYNA-EGN35A180IV Datasheet
107Kb / 4P
   High Voltage - High Power GaN-HEMT
ESN26A030MK EUDYNA-ESN26A030MK Datasheet
103Kb / 4P
   High Voltage - High Power GaN-HEMT
logo
List of Unclassifed Man...
EGN010MK ETC1-EGN010MK Datasheet
188Kb / 3P
   High Voltage - High Power GaN-HEMT
logo
Eudyna Devices Inc
EGN045MK EUDYNA-EGN045MK Datasheet
210Kb / 3P
   High Voltage - High Power GaN-HEMT
ESN26A090IV EUDYNA-ESN26A090IV Datasheet
106Kb / 4P
   High Voltage - High Power GaN-HEMT
ESN35A030MK EUDYNA-ESN35A030MK Datasheet
104Kb / 4P
   High Voltage - High Power GaN-HEMT
ESN26A180IV EUDYNA-ESN26A180IV Datasheet
106Kb / 4P
   High Voltage - High Power GaN-HEMT
ESN35A090IV EUDYNA-ESN35A090IV Datasheet
108Kb / 4P
   High Voltage - High Power GaN-HEMT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com