Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EGN21A045IV Datasheet(PDF) 2 Page - Eudyna Devices Inc

Part # EGN21A045IV
Description  High Voltage - High Power GaN-HEMT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

EGN21A045IV Datasheet(HTML) 2 Page - Eudyna Devices Inc

  EGN21A045IV Datasheet HTML 1Page - Eudyna Devices Inc EGN21A045IV Datasheet HTML 2Page - Eudyna Devices Inc EGN21A045IV Datasheet HTML 3Page - Eudyna Devices Inc EGN21A045IV Datasheet HTML 4Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Pr
eli
mi
na
ry
2
EGN21A045IV
High Voltage - High Power GaN-HEMT
Output Power vs. Frequency
VDS=50V, IDS=250mA
2-tone IMD vs. Output Power
VDS=50V, f1=2.135GHz, f2=2.145GHz, 10MHz Spacing
2-tone IMD vs. Tone Spacing, VDS=50V, IDS=250mA
Pout=39dBm(average) Center Frequency=2.14GHz
Output Power and Drain Efficiency vs. Input Power
VDS=50V, IDS=250mA, f=2.14GHz
36
38
40
42
44
46
48
2.04 2.06 2.08 2.1 2.12 2.14 2.16 2.18 2.2 2.22 2.24
Frequency [GHz]
Pin=21dBm
Pin=23dBm
Pin=25dBm
Pin=27dBm
Pin=29dBm
Pin=31dBm
Pin=33dBm
Pin=35dBm
-50
-45
-40
-35
-30
-25
-20
24 26 28 30 32 34 36 38 40 42 44
Output Power(average) [dBm]
125mA
250mA
375mA
500mA
-55
-50
-45
-40
-35
-30
-25
-20
2-tone Spacing [MHz]
IM3 lower
IM3 upper
IM5 lower
IM5 upper
IM7 lower
IM7 upper
0.1
1.0
10
28
30
32
34
36
38
40
42
44
46
48
10 12 14 16 18 20 22 24 26 28 30 32 34 36
Input Power [dBm]
0
10
20
30
40
50
60
70
80
90
100
Drain
Effi.
Output
Power


Similar Part No. - EGN21A045IV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EGN21A090IV ETC1-EGN21A090IV Datasheet
236Kb / 4P
   High Voltage - High Power GaN-HEMT
More results

Similar Description - EGN21A045IV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EGN21A090IV ETC1-EGN21A090IV Datasheet
236Kb / 4P
   High Voltage - High Power GaN-HEMT
logo
Eudyna Devices Inc
EGN21A180IV EUDYNA-EGN21A180IV Datasheet
234Kb / 4P
   High Voltage - High Power GaN-HEMT
EGN35A180IV EUDYNA-EGN35A180IV Datasheet
107Kb / 4P
   High Voltage - High Power GaN-HEMT
ESN26A030MK EUDYNA-ESN26A030MK Datasheet
103Kb / 4P
   High Voltage - High Power GaN-HEMT
logo
List of Unclassifed Man...
EGN010MK ETC1-EGN010MK Datasheet
188Kb / 3P
   High Voltage - High Power GaN-HEMT
logo
Eudyna Devices Inc
EGN045MK EUDYNA-EGN045MK Datasheet
210Kb / 3P
   High Voltage - High Power GaN-HEMT
ESN26A090IV EUDYNA-ESN26A090IV Datasheet
106Kb / 4P
   High Voltage - High Power GaN-HEMT
ESN35A030MK EUDYNA-ESN35A030MK Datasheet
104Kb / 4P
   High Voltage - High Power GaN-HEMT
ESN26A180IV EUDYNA-ESN26A180IV Datasheet
106Kb / 4P
   High Voltage - High Power GaN-HEMT
ESN35A090IV EUDYNA-ESN35A090IV Datasheet
108Kb / 4P
   High Voltage - High Power GaN-HEMT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com