Electronic Components Datasheet Search |
|
PTH05060YAH Datasheet(PDF) 2 Page - Texas Instruments |
|
|
PTH05060YAH Datasheet(HTML) 2 Page - Texas Instruments |
2 / 19 page www.ti.com ENVIRONMENTAL AND ABSOLUTE MAXIMUM RATINGS PTH03060Y PTH05060Y, PTH12060Y SLTS222A–MARCH 2004–REVISED OCTOBER 2005 ORDERING INFORMATION PTHXX060Y (Base Part Number) Input Voltage Part Number (1) DESCRIPTION Pb – free and Mechanical Package RoHS (2) PTH03060YAH Horizontal T/H Yes (3) EUW 3.3 V PTH03060YAS Standard SMD No (4) EUY PTH03060YAZ Optional SMD Yes (3) EUY PTH05060YAH Horizontal T/H Yes (3) EUW 5 V PTH05060YAS Standard SMD No (4) EUY PTH05060YAZ Optional SMD Yes (3) EUY PTH12060YAH Horizontal T/H Yes (3) EUW 12 V PTH12060YAS Standard SMD No (4) EUY PTH12060YAZ Optional SMD Yes (3) EUY (1) Add T to end of part number for tape and reel on SMD packages only. (2) Reference the applicable package reference drawing for the dimensions and PC board layout. (3) Lead (Pb) –free option specifies Sn/Ag pin solder material. (4) Standard option specifies 63/37, Sn/Pb pin solder material. voltages are with respect to GND UNIT VREF Control input voltage –0.3 V to Vin+03 V TA Operating temperature Over VIN range –40°Cto85°C(1) range Twave Wave solder temperature Surface temperature of module body or pins PTHXX060YAH 260°C (2) (5 seconds) PTHXX060YAS 235°C (2) Treflow Solder reflow temperature Surface temperature of module body or pins PTHXX060YAZ 260°C (2) Ts Storage temperature –40°Cto125°C Mechanical shock Per Mil-STD-883D, Method 2002.3 1 msec, 1/2 Sine, mounted 500 G Mechanical vibration Mil-STD-883D, Method 2007.2 20-2000 Hz 20 G Weight 3.7 grams Flammability Meets UL 94V-O (1) For operation below 0°C, the external capacitors must have stable characteristics, use either a low ESR tantalum, Os-Con, or ceramic capacitor. (2) During soldering of package version, do not elevate peak temperature of the module, pins or internal components above the stated maximum. 2 |
Similar Part No. - PTH05060YAH |
|
Similar Description - PTH05060YAH |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |