Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESM5068VU Datasheet(PDF) 11 Page - Eudyna Devices Inc

Part # ESM5068VU
Description  X-Band Power Amplifier MMIC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

ESM5068VU Datasheet(HTML) 11 Page - Eudyna Devices Inc

Back Button ESM5068VU Datasheet HTML 7Page - Eudyna Devices Inc ESM5068VU Datasheet HTML 8Page - Eudyna Devices Inc ESM5068VU Datasheet HTML 9Page - Eudyna Devices Inc ESM5068VU Datasheet HTML 10Page - Eudyna Devices Inc ESM5068VU Datasheet HTML 11Page - Eudyna Devices Inc ESM5068VU Datasheet HTML 12Page - Eudyna Devices Inc ESM5068VU Datasheet HTML 13Page - Eudyna Devices Inc ESM5068VU Datasheet HTML 14Page - Eudyna Devices Inc ESM5068VU Datasheet HTML 15Page - Eudyna Devices Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
X-Band Power Amplifier MMIC
ES/EMM5068VU
Preliminary
IDD(DC)=1300mA
0
5
10
15
20
25
30
35
40
45
345
67
VDD[V]
∆∆∆∆Tch vs. DRAIN VOLTAGE
(Reference Data)
Note :
∆∆∆∆Tch : Channel Temperature Rise from PCB surface
MTTF vs. Tch
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
1.E+06
1.E+07
1.E+08
1.E+09
1.E+10
1.E+11
1.E+12
50
100
150
200
250
Tch [
oC]
Ea=1.56eV
11


Similar Part No. - ESM5068VU

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESM5045DV STMICROELECTRONICS-ESM5045DV Datasheet
118Kb / 8P
   NPN DARLINGTON POWER MODULE
ESM5045DV STMICROELECTRONICS-ESM5045DV Datasheet
392Kb / 8P
   NPN DARLINGTON POWER MODULE
ESM5045DV STMICROELECTRONICS-ESM5045DV_03 Datasheet
392Kb / 8P
   NPN DARLINGTON POWER MODULE
More results

Similar Description - ESM5068VU

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASX0837HG ASB-ASX0837HG Datasheet
899Kb / 14P
   X Band Power Amplifier MMIC
June 2017
ASX1037HG ASB-ASX1037HG Datasheet
744Kb / 17P
   X Band Power Amplifier MMIC
January 2017
ASX1037 ASB-ASX1037 Datasheet
658Kb / 14P
   X Band Power Amplifier MMIC
June 2017
logo
List of Unclassifed Man...
FMM5061VF ETC1-FMM5061VF Datasheet
176Kb / 15P
   X-Band Power Amplifier MMIC
logo
Filtronic Compound Semi...
FMA246 FILTRONIC-FMA246_1 Datasheet
347Kb / 5P
   HIGH GAIN X-BAND MMIC AMPLIFIER
logo
Eudyna Devices Inc
FMM5007VF EUDYNA-FMM5007VF Datasheet
155Kb / 7P
   Ku Band Power Amplifier MMIC
FMM5822X EUDYNA-FMM5822X Datasheet
299Kb / 14P
   K-Band Power Amplifier MMIC
ESM5832VU EUDYNA-ESM5832VU Datasheet
195Kb / 13P
   K-Band Power Amplifier MMIC
FMM5051VU EUDYNA-FMM5051VU Datasheet
138Kb / 8P
   Ku band Power Amplifier MMIC
FMM5063X EUDYNA-FMM5063X Datasheet
584Kb / 14P
   Ku-Band Power Amplifier MMIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com