Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESM5328ZW Datasheet(PDF) 2 Page - Eudyna Devices Inc

Part # ESM5328ZW
Description  Single Pole Double Throw Switch 0.1 - 6 GHz Wireless LAN Transmit / Receive Applications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

ESM5328ZW Datasheet(HTML) 2 Page - Eudyna Devices Inc

  ESM5328ZW Datasheet HTML 1Page - Eudyna Devices Inc ESM5328ZW Datasheet HTML 2Page - Eudyna Devices Inc ESM5328ZW Datasheet HTML 3Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Preliminary ES/EMM5328ZW
Single Pole Double Throw Switch
0.1 - 6 GHz Wireless LAN Transmit / Receive Applications
Rev 0.1
November 8, 2005
2
Eudyna Devices Inc. Confidential
.
TARGET SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS (Ambient Temperature Ta=25°C)
Parameter
Symbol
Rating
Unit
DC Input Voltage
V1, V2
+6
V
Input Power
Pin
+31
dBm
Storage Temperature
Tstg
-40 to +85
°C
Operating Case Temperature
Top
-40 to +85
°C
ELECTRICAL SPECIFICATIONS (Case Temperature Tc=25°C, with off chip DC blocks)
Parameter
Symbol
Condition/comments
Min
Typ
Max
Unit
Frequency range
F
0.1
6.0
GHz
Control Voltage for V1, V2
Vhigh
Vlow
High
Low
2.5
-0.2
3.0
0
3.6
+0.2
V
V
Control Current (per line)
Icontrol
No RF, V1 or V2 = 3.0 V
15
50
uA
Input P- 0.1dB
P0.1dB
Vhigh= 3.0V, Vlow= 0V
29
dBm
Insertion Loss
I.L.
Freq = 0.5 - 2.5 GHz
Freq = 5.0 - 6.0 GHz
0.5
0.6
dB
dB
Isolation
ISO
Freq = 0.5 - 2.5 GHz
Freq = 5.0 - 6.0 GHz
19
18
dB
dB
Return Loss
RL
Freq = 0.5 - 2.5 GHz
Freq = 5.0 - 6.0 GHz
20
20
dB
dB
(Unless otherwise specified Zsource=Zload=50
System, Tc=25°C)
TRUTH TABLE
V1
V2
RF1-RFC
RF2-RFC
High
Low
ON
OFF
Low
High
OFF
ON
Specifications and pin assignment may change without notice.


Similar Part No. - ESM5328ZW

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
ESM5320ZW EUDYNA-ESM5320ZW Datasheet
37Kb / 4P
   Single-Pole Double-Throw Switch GaAs PHEMT High Power Switch DC - 2.0 GHz
ESM5322ZU EUDYNA-ESM5322ZU Datasheet
55Kb / 3P
   Double Pole Double Throw GaAs PHEMT Switch 0.1 - 6 GHz
ESM5326ZW EUDYNA-ESM5326ZW Datasheet
35Kb / 3P
   Single Pole Double Throw Switch 2.4 GHz Wireless LAN Transmit / Receive Applications
ESM5327ZW EUDYNA-ESM5327ZW Datasheet
36Kb / 3P
   Single Pole Double Throw Switch 2.4 GHz Wireless LAN Transmit / Receive Applications
More results

Similar Description - ESM5328ZW

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
ESM5317ZW EUDYNA-ESM5317ZW Datasheet
50Kb / 3P
   Single Pole Double Throw Switch 2.4 GHz Wireless LAN Transmit / Receive Applications
ESM5327ZW EUDYNA-ESM5327ZW Datasheet
36Kb / 3P
   Single Pole Double Throw Switch 2.4 GHz Wireless LAN Transmit / Receive Applications
ESM5326ZW EUDYNA-ESM5326ZW Datasheet
35Kb / 3P
   Single Pole Double Throw Switch 2.4 GHz Wireless LAN Transmit / Receive Applications
HS69SPDT312 EUDYNA-HS69SPDT312 Datasheet
137Kb / 4P
   Single Pole Double Throw GaAs PHEMT Switch 0.1 - 6 GHz
ESM5322ZU EUDYNA-ESM5322ZU Datasheet
55Kb / 3P
   Double Pole Double Throw GaAs PHEMT Switch 0.1 - 6 GHz
logo
Tyco Electronics
MASWGM0003-DIE MACOM-MASWGM0003-DIE Datasheet
93Kb / 5P
   Switch, Single-Pole, Double-Throw 2.0-8.0 GHz
MASWGM0005-DIE MACOM-MASWGM0005-DIE Datasheet
153Kb / 5P
   Switch, Single-Pole, Double-Throw DC-5.0 GHz
MASWGM0002-DIE MACOM-MASWGM0002-DIE Datasheet
128Kb / 5P
   Switch, Single-Pole, Double-Throw 2.0-20.0 GHz
logo
Texas Instruments
SN74LVC1G3157DSFR TI1-SN74LVC1G3157DSFR Datasheet
1Mb / 28P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157-Q1 TI1-SN74LVC1G3157-Q1_14 Datasheet
902Kb / 21P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com