Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX29LV033MTXI-90G Datasheet(PDF) 7 Page - Macronix International

Part # MX29LV033MTXI-90G
Description  64M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29LV033MTXI-90G Datasheet(HTML) 7 Page - Macronix International

Back Button MX29LV033MTXI-90G Datasheet HTML 3Page - Macronix International MX29LV033MTXI-90G Datasheet HTML 4Page - Macronix International MX29LV033MTXI-90G Datasheet HTML 5Page - Macronix International MX29LV033MTXI-90G Datasheet HTML 6Page - Macronix International MX29LV033MTXI-90G Datasheet HTML 7Page - Macronix International MX29LV033MTXI-90G Datasheet HTML 8Page - Macronix International MX29LV033MTXI-90G Datasheet HTML 9Page - Macronix International MX29LV033MTXI-90G Datasheet HTML 10Page - Macronix International MX29LV033MTXI-90G Datasheet HTML 11Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 70 page
background image
7
P/N:PM1093
REV. 1.1, AUG. 11, 2005
MX29LV64xM H/L
Sector
Sector Address
Sector Size
(x8)
(x16)
A21-A12
(Kbytes/Kwords)
Address Range
Address Range
SA40
0101000xxx
64/32
280000h-28FFFFh
140000h-147FFFh
SA41
0101001xxx
64/32
290000h-29FFFFh
148000h-14FFFFh
SA42
0101010xxx
64/32
2A0000h-2AFFFFh
150000h-157FFFh
SA43
0101011xxx
64/32
2B0000h-2BFFFFh
158000h-15FFFFh
SA44
0101100xxx
64/32
2C0000h-2CFFFFh
160000h-147FFFh
SA45
0101101xxx
64/32
2D0000h-2DFFFFh
168000h-14FFFFh
SA46
0101110xxx
64/32
2E0000h-2EFFFFh
170000h-177FFFh
SA47
0101111xxx
64/32
2F0000h-2FFFFFh
178000h-17FFFFh
SA48
0110000xxx
64/32
300000h-30FFFFh
180000h-187FFFh
SA49
0110001xxx
64/32
310000h-31FFFFh
188000h-18FFFFh
SA50
0110010xxx
64/32
320000h-32FFFFh
190000h-197FFFh
SA51
0110011xxx
64/32
330000h-33FFFFh
198000h-19FFFFh
SA52
0110100xxx
64/32
340000h-34FFFFh
1A0000h-1A7FFFh
SA53
0110101xxx
64/32
350000h-35FFFFh
1A8000h-1AFFFFh
SA54
0110110xxx
64/32
360000h-36FFFFh
1B0000h-1B7FFFh
SA55
0110111xxx
64/32
370000h-37FFFFh
1B8000h-1BFFFFh
SA56
0111000xxx
64/32
380000h-38FFFFh
1C0000h-1C7FFFh
SA57
0111001xxx
64/32
390000h-39FFFFh
1C8000h-1CFFFFh
SA58
0111010xxx
64/32
3A0000h-3AFFFFh
1D0000h-1D7FFFh
SA59
0111011xxx
64/32
3B0000h-3BFFFFh
1D8000h-1DFFFFh
SA60
0111100xxx
64/32
3C0000h-3CFFFFh
1E0000h-1E7FFFh
SA61
0111101xxx
64/32
3D0000h-3DFFFFh
1E8000h-1EFFFFh
SA62
0111110xxx
64/32
3E0000h-3EFFFFh
1F0000h-1F7FFFh
SA63
0111111xxx
64/32
3F0000h-3FFFFFh
1F8000h-1FFFFFh
SA64
1000000xxx
64/32
400000h-40FFFFh
200000h-207FFFh
SA65
1000001xxx
64/32
410000h-41FFFFh
208000h-20FFFFh
SA66
1000010xxx
64/32
420000h-42FFFFh
210000h-217FFFh
SA67
1000011xxx
64/32
430000h-43FFFFh
218000h-21FFFFh
SA68
1000100xxx
64/32
440000h-44FFFFh
220000h-227FFFh
SA69
1000101xxx
64/32
450000h-45FFFFh
228000h-22FFFFh
SA70
1000110xxx
64/32
460000h-46FFFFh
230000h-237FFFh
SA71
1000111xxx
64/32
470000h-47FFFFh
238000h-23FFFFh
SA72
1001000xxx
64/32
480000h-48FFFFh
240000h-247FFFh
SA73
1001001xxx
64/32
490000h-49FFFFh
248000h-24FFFFh
SA74
1001010xxx
64/32
4A0000h-4AFFFFh
250000h-257FFFh
SA75
1001011xxx
64/32
4B0000h-4BFFFFh
258000h-25FFFFh
SA76
1001100xxx
64/32
4C0000h-4CFFFFh
260000h-247FFFh
SA77
1001101xxx
64/32
4D0000h-4DFFFFh
268000h-24FFFFh
SA78
1001110xxx
64/32
4E0000h-4EFFFFh
270000h-277FFFh
SA79
1001111xxx
64/32
4F0000h-4FFFFFh
278000h-27FFFFh


Similar Part No. - MX29LV033MTXI-90G

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MX29LV033MTC-70R ICST-MX29LV033MTC-70R Datasheet
378Kb / 65P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LV033MTC-90 ICST-MX29LV033MTC-90 Datasheet
378Kb / 65P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LV033MTC-90G ICST-MX29LV033MTC-90G Datasheet
378Kb / 65P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LV033MTI-70R ICST-MX29LV033MTI-70R Datasheet
378Kb / 65P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LV033MTI-90 ICST-MX29LV033MTI-90 Datasheet
378Kb / 65P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
More results

Similar Description - MX29LV033MTXI-90G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV320MH MCNIX-MX29LV320MH Datasheet
384Kb / 66P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LV128MH MCNIX-MX29LV128MH Datasheet
394Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LA129MH MCNIX-MX29LA129MH Datasheet
397Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LA321MH MCNIX-MX29LA321MH Datasheet
510Kb / 66P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
logo
Integrated Circuit Syst...
MX29LV033M ICST-MX29LV033M Datasheet
378Kb / 65P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
logo
Macronix International
MX29LA128MT MCNIX-MX29LA128MT Datasheet
411Kb / 76P
   128M-BIT SINGLE VOLTAGE 3V ONLY BOOT SECTOR FLASH MEMORY
MX28F640C3T MCNIX-MX28F640C3T Datasheet
638Kb / 44P
   64M-BIT [4M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX28F640C3BT MCNIX-MX28F640C3BT Datasheet
295Kb / 41P
   64M-BIT [4M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL512E MCNIX-MX29GL512E Datasheet
1Mb / 69P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL512F MCNIX-MX29GL512F Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com