Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESMM5320ZW Datasheet(PDF) 2 Page - Eudyna Devices Inc

Part # ESMM5320ZW
Description  Single-Pole Double-Throw Switch GaAs PHEMT High Power Switch DC - 2.0 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

ESMM5320ZW Datasheet(HTML) 2 Page - Eudyna Devices Inc

  ESMM5320ZW Datasheet HTML 1Page - Eudyna Devices Inc ESMM5320ZW Datasheet HTML 2Page - Eudyna Devices Inc ESMM5320ZW Datasheet HTML 3Page - Eudyna Devices Inc ESMM5320ZW Datasheet HTML 4Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Preliminary
ES/FMM5320ZW
Single-Pole Double-Throw Switch
GaAs PHEMT High Power Switch DC - 2.0 GHz
Rev 1.1
August 25, 2005
2
Eudyna Devices Inc. Confidential
TARGET SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS (Ambient Temperature Ta=25°C)
Parameter
Symbol
Rating
Unit
DC Input Voltage
V1, V2
+6
V
Input Power
Pin
+38
dBm
Storage Temperature
Tstg
-40 to +85
°C
Operating Case Temperature
Top
-40 to +85
°C
ELECTRICAL SPECIFICATIONS (Case Temperature Tc=25°C)
Parameter
Symbol
Condition/comments
Min
Typ
Max
Unit
Frequency range
F
0.5
2.0
GHz
Control Voltage for V1 & V2
Vhigh
Vlow
High
Low
2.5
-0.2
2.8
0
5.3
+0.2
V
Control Current (per line)
Icontrol
No RF, V1 or V2 = 2.8 V
20
40
uA
Input P-0.1dB
P0.1dB
0.9 GHz, 2.8/0V
35
dBm
2
nd Harmonic
2HD
75
dBc
3
rd Harmonic
3HD
0.9 GHz, Pin=+34 dBm
Vhigh=2.8V, Vlow=0V
70
dBc
Insertion Loss
I.L.
DC - 1.0 GHz
DC - 2.0 GHz
0.40
0.45
dB
Isolation
ISO
DC - 1.0 GHz
DC - 2.0 GHz
26
20
dB
Return Loss
RL
Freq = 0.5 to 2.0GHz
22
dB
Switching Speed
Ton
Toff
50% Vcontrol to 90% RF
50% Vcontrol to 10% RF
50
50
nsec
(Unless otherwise specified Zsource=Zload=50
Ω System, Tc=25°C)
TRUTH TABLE
V1
V2
RF1-RFC
RF2-RFC
LOW
HIGH
OFF
ON
HIGH
LOW
ON
OFF
Specifications and pin assignment may be changed without notice.


Similar Part No. - ESMM5320ZW

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
ESMM161VSN102MA25T CHEMI-CON-ESMM161VSN102MA25T Datasheet
154Kb / 11P
   Snap Mount
ESMM161VSN102MP45T CHEMI-CON-ESMM161VSN102MP45T Datasheet
154Kb / 11P
   Snap Mount
ESMM161VSN102MQ35T CHEMI-CON-ESMM161VSN102MQ35T Datasheet
154Kb / 11P
   Snap Mount
ESMM161VSN102MR30T CHEMI-CON-ESMM161VSN102MR30T Datasheet
154Kb / 11P
   Snap Mount
ESMM161VSN122MA25T CHEMI-CON-ESMM161VSN122MA25T Datasheet
154Kb / 11P
   Snap Mount
More results

Similar Description - ESMM5320ZW

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
HS69SPDT312 EUDYNA-HS69SPDT312 Datasheet
137Kb / 4P
   Single Pole Double Throw GaAs PHEMT Switch 0.1 - 6 GHz
ESM5322ZU EUDYNA-ESM5322ZU Datasheet
55Kb / 3P
   Double Pole Double Throw GaAs PHEMT Switch 0.1 - 6 GHz
logo
Tyco Electronics
MASWGM0003-DIE MACOM-MASWGM0003-DIE Datasheet
93Kb / 5P
   Switch, Single-Pole, Double-Throw 2.0-8.0 GHz
MASWGM0002-DIE MACOM-MASWGM0002-DIE Datasheet
128Kb / 5P
   Switch, Single-Pole, Double-Throw 2.0-20.0 GHz
logo
Eudyna Devices Inc
FMM5309ZU EUDYNA-FMM5309ZU Datasheet
86Kb / 4P
   Single Pole Three Throw GaAs PHEMT High Power Switch 0.5 - 2.5 GHz
logo
Tyco Electronics
MASWGM0005-DIE MACOM-MASWGM0005-DIE Datasheet
153Kb / 5P
   Switch, Single-Pole, Double-Throw DC-5.0 GHz
logo
Texas Instruments
SN74LVC1G3157DSFR TI1-SN74LVC1G3157DSFR Datasheet
1Mb / 28P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157-Q1 TI1-SN74LVC1G3157-Q1_14 Datasheet
902Kb / 21P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
logo
Pasternack Enterprises,...
PE71S6064 PASTERNACK-PE71S6064 Datasheet
399Kb / 4P
   Single Pole Double Throw Relay Switch
logo
Texas Instruments
SN74LVC1G3157 TI1-SN74LVC1G3157_18 Datasheet
2Mb / 42P
[Old version datasheet]   Single-Pole Double-Throw Analog Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com