Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX29GL033MBTI-70G Datasheet(PDF) 8 Page - Macronix International

Part # MX29GL033MBTI-70G
Description  128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29GL033MBTI-70G Datasheet(HTML) 8 Page - Macronix International

Back Button MX29GL033MBTI-70G Datasheet HTML 4Page - Macronix International MX29GL033MBTI-70G Datasheet HTML 5Page - Macronix International MX29GL033MBTI-70G Datasheet HTML 6Page - Macronix International MX29GL033MBTI-70G Datasheet HTML 7Page - Macronix International MX29GL033MBTI-70G Datasheet HTML 8Page - Macronix International MX29GL033MBTI-70G Datasheet HTML 9Page - Macronix International MX29GL033MBTI-70G Datasheet HTML 10Page - Macronix International MX29GL033MBTI-70G Datasheet HTML 11Page - Macronix International MX29GL033MBTI-70G Datasheet HTML 12Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 71 page
background image
8
P/N:PM1134
REV. 1.1, FEB. 08, 2006
MX29LV128M H/L
Sector
Sector Address
Sector Size
(x8)
(x16)
A22-A15
(Kbytes/Kwords)
Address Range
Address Range
SA121
01111001
64/32
790000-9FFFF
3C8000-CFFFF
SA122
01111010
64/32
7A0000-AFFFF
3D0000-D7FFF
SA123
01111011
64/32
7B0000-BFFFF
3D8000-DFFFF
SA124
01111100
64/32
7C0000-CFFFF
3E0000-E7FFF
SA125
01111101
64/32
7D0000-DFFFF
3E8000-EFFFF
SA126
01111110
64/32
7E0000-EFFFF
3F0000-F7FFF
SA127
01111111
64/32
7F0000-FFFFF
3F8000-FFFFF
SA128
10000000
64/32
800000-0FFFF
400000-07FFF
SA129
10000001
64/32
810000-1FFFF
408000-0FFFF
SA130
10000010
64/32
820000-2FFFF
410000-17FFF
SA131
10000011
64/32
830000-3FFFF
418000-1FFFF
SA132
10000100
64/32
840000-4FFFF
420000-27FFF
SA133
10000101
64/32
850000-5FFFF
428000-2FFFF
SA134
10000110
64/32
860000-6FFFF
430000-37FFF
SA135
10000111
64/32
870000-7FFFF
438000-3FFFF
SA136
10001000
64/32
880000-8FFFF
440000-47FFF
SA137
10001001
64/32
890000-9FFFF
448000-4FFFF
SA138
10001010
64/32
8A0000-AFFFF
450000-57FFF
SA139
10001011
64/32
8B0000-BFFFF
458000-5FFFF
SA140
10001100
64/32
8C0000-CFFFF
460000-67FFF
SA141
10001101
64/32
8D0000-DFFFF
468000-6FFFF
SA142
10001110
64/32
8E0000-EFFFF
470000-77FFF
SA143
10001111
64/32
8F0000-FFFFF
478000-7FFFF
SA144
10010000
64/32
900000-0FFFF
480000-87FFF
SA145
10010001
64/32
910000-1FFFF
488000-8FFFF
SA146
10010010
64/32
920000-2FFFF
490000-97FFF
SA147
10010011
64/32
930000-3FFFF
498000-9FFFF
SA148
10010100
64/32
940000-4FFFF
4A0000-A7FFF
SA149
10010101
64/32
950000-5FFFF
4A8000-AFFFF
SA150
10010110
64/32
960000-6FFFF
4B0000-B7FFF
SA151
10010111
64/32
970000-7FFFF
4B8000-BFFFF
SA152
10011000
64/32
980000-8FFFF
4C0000-C7FFF
SA153
10011001
64/32
990000-9FFFF
4C8000-CFFFF
SA154
10011010
64/32
9A0000-AFFFF
4D0000-D7FFF
SA155
10011011
64/32
9B0000-BFFFF
4D8000-DFFFF
SA156
10011100
64/32
9C0000-CFFFF
4E0000-E7FFF
SA157
10011101
64/32
9D0000-DFFFF
4E8000-EFFFF
SA158
10011110
64/32
9E0000-EFFFF
4F0000-F7FFF
SA159
10011111
64/32
9F0000-FFFFF
4F8000-FFFFF
SA160
10100000
64/32
A00000-0FFFF
500000-07FFF
SA161
10100001
64/32
A10000-1FFFF
508000-0FFFF


Similar Part No. - MX29GL033MBTI-70G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29GL033MBTI-70G MCNIX-MX29GL033MBTI-70G Datasheet
397Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29GL033MBTI-70G MCNIX-MX29GL033MBTI-70G Datasheet
384Kb / 66P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
More results

Similar Description - MX29GL033MBTI-70G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LA129MH MCNIX-MX29LA129MH Datasheet
397Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LA128MT MCNIX-MX29LA128MT Datasheet
411Kb / 76P
   128M-BIT SINGLE VOLTAGE 3V ONLY BOOT SECTOR FLASH MEMORY
MX29LV64XMH MCNIX-MX29LV64XMH Datasheet
539Kb / 70P
   64M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LV320MH MCNIX-MX29LV320MH Datasheet
384Kb / 66P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LA321MH MCNIX-MX29LA321MH Datasheet
510Kb / 66P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
logo
Integrated Circuit Syst...
MX29LV033M ICST-MX29LV033M Datasheet
378Kb / 65P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
logo
Macronix International
MX29GL512E MCNIX-MX29GL512E Datasheet
1Mb / 69P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL512F MCNIX-MX29GL512F Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX68GL1G0F MCNIX-MX68GL1G0F Datasheet
1Mb / 71P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL128E MCNIX-MX29GL128E_14 Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com