Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX29GL065MTTI-70G Datasheet(PDF) 5 Page - Macronix International

Part # MX29GL065MTTI-70G
Description  32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29GL065MTTI-70G Datasheet(HTML) 5 Page - Macronix International

  MX29GL065MTTI-70G Datasheet HTML 1Page - Macronix International MX29GL065MTTI-70G Datasheet HTML 2Page - Macronix International MX29GL065MTTI-70G Datasheet HTML 3Page - Macronix International MX29GL065MTTI-70G Datasheet HTML 4Page - Macronix International MX29GL065MTTI-70G Datasheet HTML 5Page - Macronix International MX29GL065MTTI-70G Datasheet HTML 6Page - Macronix International MX29GL065MTTI-70G Datasheet HTML 7Page - Macronix International MX29GL065MTTI-70G Datasheet HTML 8Page - Macronix International MX29GL065MTTI-70G Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 66 page
background image
5
P/N:PM1136
REV. 1.1, AUG. 11, 2005
MX29LV320M H/L
Sector
Sector Address
Sector Size
(x8)
(x16)
A20-A15
(Kbytes/Kwords)
Address Range
Address Range
SA0
000000
64/32
000000-0FFFF
000000-07FFF
SA1
000001
64/32
010000-1FFFF
008000-0FFFF
SA2
000010
64/32
020000-2FFFF
010000-17FFF
SA3
000011
64/32
030000-3FFFF
018000-1FFFF
SA4
000100
64/32
040000-4FFFF
020000-27FFF
SA5
000101
64/32
050000-5FFFF
028000-2FFFF
SA6
000110
64/32
060000-6FFFF
030000-37FFF
SA7
000111
64/32
070000-7FFFF
038000-3FFFF
SA8
001000
64/32
080000-8FFFF
040000-47FFF
SA9
001001
64/32
090000-9FFFF
048000-4FFFF
SA10
001010
64/32
0A0000-AFFFF
050000-57FFF
SA11
001011
64/32
0B0000-BFFFF
058000-5FFFF
SA12
001100
64/32
0C0000-CFFFF
060000-67FFF
SA13
001101
64/32
0D0000-DFFFF
068000-6FFFF
SA14
001110
64/32
0E0000-EFFFF
070000-77FFF
SA15
001111
64/32
0F0000-FFFFF
078000-7FFFF
SA16
010000
64/32
100000-0FFFF
080000-87FFF
SA17
010001
64/32
110000-1FFFF
088000-8FFFF
SA18
010010
64/32
120000-2FFFF
090000-97FFF
SA19
010011
64/32
130000-3FFFF
098000-9FFFF
SA20
010100
64/32
140000-4FFFF
0A0000-A7FFF
SA21
010101
64/32
150000-5FFFF
0A8000-AFFFF
SA22
010110
64/32
160000-6FFFF
0B0000-B7FFF
SA23
010111
64/32
170000-7FFFF
0B8000-BFFFF
SA24
011000
64/32
180000-8FFFF
0C0000-C7FFF
SA25
011001
64/32
190000-9FFFF
0C8000-CFFFF
SA26
011010
64/32
1A0000-AFFFF
0D0000-D7FFF
SA27
011011
64/32
1B0000-BFFFF
0D8000-DFFFF
SA28
011100
64/32
1C0000-CFFFF
0E0000-E7FFF
SA29
011101
64/32
1D0000-DFFFF
0E8000-EFFFF
SA30
011110
64/32
1E0000-EFFFF
0F0000-F7FFF
SA31
011111
64/32
1F0000-FFFFF
0F8000-FFFFF
MX29LV320M H/L SECTOR ADDRESS TABLE


Similar Part No. - MX29GL065MTTI-70G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29GL065MTTI-70G MCNIX-MX29GL065MTTI-70G Datasheet
394Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
More results

Similar Description - MX29GL065MTTI-70G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LA321MH MCNIX-MX29LA321MH Datasheet
510Kb / 66P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
logo
Integrated Circuit Syst...
MX29LV033M ICST-MX29LV033M Datasheet
378Kb / 65P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
logo
Macronix International
MX29LV64XMH MCNIX-MX29LV64XMH Datasheet
539Kb / 70P
   64M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LV128MH MCNIX-MX29LV128MH Datasheet
394Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LA129MH MCNIX-MX29LA129MH Datasheet
397Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LA128MT MCNIX-MX29LA128MT Datasheet
411Kb / 76P
   128M-BIT SINGLE VOLTAGE 3V ONLY BOOT SECTOR FLASH MEMORY
logo
List of Unclassifed Man...
MX29LV033C ETC1-MX29LV033C Datasheet
530Kb / 57P
   32M-BIT COMSEQUAL SECTOR FLASH MEMORY
logo
Macronix International
MX29GL512E MCNIX-MX29GL512E Datasheet
1Mb / 69P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL512F MCNIX-MX29GL512F Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX68GL1G0F MCNIX-MX68GL1G0F Datasheet
1Mb / 71P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com